Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE110 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # P4KE110
Description  TRANSZORB® Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P4KE110 Datasheet(HTML) 3 Page - Vishay Siliconix

  P4KE110 Datasheet HTML 1Page - Vishay Siliconix P4KE110 Datasheet HTML 2Page - Vishay Siliconix P4KE110 Datasheet HTML 3Page - Vishay Siliconix P4KE110 Datasheet HTML 4Page - Vishay Siliconix P4KE110 Datasheet HTML 5Page - Vishay Siliconix P4KE110 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
P4KE6.8 thru P4KE540A
Vishay General Semiconductor
Document Number: 88365
Revision: 22-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
Notes:
(1) Pulse test: tp ≤ 50 ms
(2) Surge current waveform per Fig. 3 and derated per Fig. 2
(3) For bi-directional types having VWM of 10 V and less, the ID limit is doubled
(4) All terms and symbols are consistent with ANSI/IEEE C62.35
P4KE82
73.8
90.2
1.0
66.4
1.0
3.4
118
0.105
P4KE82A
77.9
86.1
1.0
70.1
1.0
3.5
113
0.105
P4KE91
81.9
100
1.0
73.7
1.0
3.1
131
0.106
P4KE91A
86.5
95.5
1.0
77.8
1.0
3.2
125
0.106
P4KE100
90.0
110
1.0
81.0
1.0
2.8
144
0.106
P4KE100A
95.0
105
1.0
85.5
1.0
2.9
137
0.106
P4KE110
99.0
121
1.0
89.2
1.0
2.5
158
0.107
P4KE110A
105
116
1.0
94.0
1.0
2.6
152
0.107
P4KE120
108
132
1.0
97.2
1.0
2.3
173
0.107
P4KE120A
114
126
1.0
102
1.0
2.4
165
0.107
P4KE130
117
143
1.0
105
1.0
2.1
187
0.107
P4KE130A
124
137
1.0
111
1.0
2.2
179
0.107
P4KE150
135
165
1.0
121
1.0
1.9
215
0.108
P4KE150A
143
158
1.0
128
1.0
1.9
207
0.108
P4KE160
144
176
1.0
130
1.0
1.7
230
0.108
P4KE160A
152
168
1.0
136
1.0
1.8
219
0.108
P4KE170
153
187
1.0
138
1.0
1.6
244
0.108
P4KE170A
162
179
1.0
145
1.0
1.7
234
0.108
P4KE180
162
198
1.0
146
1.0
1.6
258
0.108
P4KE180A
171
189
1.0
154
1.0
1.6
246
0.108
P4KE200
180
220
1.0
162
1.0
1.4
287
0.108
P4KE200A
190
210
1.0
171
1.0
1.5
274
0.108
P4KE220
198
242
1.0
175
1.0
1.2
344
0.108
P4KE220A
209
231
1.0
185
1.0
1.2
328
0.108
P4KE250
225
275
1.0
202
1.0
1.1
360
0.110
P4KE250A
237
263
1.0
214
1.0
1.2
344
0.110
P4KE300
270
330
1.0
243
1.0
0.93
430
0.110
P4KE300A
285
315
1.0
256
1.0
1.0
414
0.110
P4KE350
315
385
1.0
284
1.0
0.79
504
0.110
P4KE350A
333
368
1.0
300
1.0
0.83
482
0.110
P4KE400
360
440
1.0
324
1.0
0.70
574
0.110
P4KE400A
380
420
1.0
342
1.0
0.73
548
0.110
P4KE440
396
484
1.0
356
1.0
0.63
631
0.110
P4KE440A
418
462
1.0
376
1.0
0.66
602
0.110
P4KE480
432
528
1.0
389
1.0
0.58
686
0.110
P4KE480A
456
504
1.0
408
1.0
0.61
658
0.110
P4KE510
459
561
1.0
413
1.0
0.55
729
0.110
P4KE510A
485
535
1.0
434
1.0
0.57
698
0.110
P4KE540
486
594
1.0
437
1.0
0.52
772
0.110
P4KE540A
513
567
1.0
459
1.0
0.54
740
0.110
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Typical thermal resistance, junction to lead
RθJL
66
°C/W
Typical thermal resistance, junction to ambient, LLead = 10 mm
RθJA
100
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
BREAKDOWN VOLTAGE
VBR AT IT
(1)
(V)
TEST
CURRENT
IT (mA)
STAND-
OFF
VOLTAGE
VWM (V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID
(3) (µA)
MAXIMUM
PEAK
PULSE
CURRENT
IPPM
(2) (A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
MAXIMUM
TEMPERATURE
COEFFICIENT
OF VBR
(%/°C)
MIN.
MAX.


Similar Part No. - P4KE110

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P4KE110 TSC-P4KE110 Datasheet
224Kb / 6P
   400 Watts Transient Voltage Suppressor Low Dynamic impedance
logo
Pan Jit International I...
P4KE110 PANJIT-P4KE110 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
UN Semiconducctor INC
P4KE110 UNSEMI-P4KE110 Datasheet
3Mb / 7P
   6.8 To 600V 400W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Shenzhen Luguang Electr...
P4KE110 LUGUANG-P4KE110 Datasheet
416Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4KE110 DIOTEC-P4KE110 Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE110

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1.5KE12A-E3-73 VISHAY-1.5KE12A-E3-73 Datasheet
108Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
5KP30A-E3-54 VISHAY-5KP30A-E3-54 Datasheet
88Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 20-Nov-12
1N6386 VISHAY-1N6386 Datasheet
98Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P6KE400CA-E354 VISHAY-P6KE400CA-E354 Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
ICTE8-E354 VISHAY-ICTE8-E354 Datasheet
89Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
5KP188A VISHAY-5KP188A Datasheet
104Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
SA170CA VISHAY-SA170CA Datasheet
117Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
5KP188A VISHAY-5KP188A_V02 Datasheet
88Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
09-Jul-2021
5KP188A VISHAY-5KP188A_V03 Datasheet
82Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
BZW04P-5V8 VISHAY-BZW04P-5V8 Datasheet
105Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com