Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKDS208 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VSKDS208
Description  Schottky Rectifier, 100 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKDS208 Datasheet(HTML) 2 Page - Vishay Siliconix

  VSKDS208 Datasheet HTML 1Page - Vishay Siliconix VSKDS208 Datasheet HTML 2Page - Vishay Siliconix VSKDS208 Datasheet HTML 3Page - Vishay Siliconix VSKDS208 Datasheet HTML 4Page - Vishay Siliconix VSKDS208 Datasheet HTML 5Page - Vishay Siliconix VSKDS208 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94444
2
Revision: 24-Apr-08
VSKDS208/060P
Vishay High Power Products Schottky Rectifier, 100 A
Note
(1) Pulse width < 500 µs
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
IF(AV)
50 % duty cycle at TC = 97 °C, rectangular waveform
100
A
Maximum peak one cycle
non-repetitive surge current
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
15 000
10 ms sine or 6 ms rect. pulse
1900
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 5.5 Amps, L = 1 mH
15
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by TJ maximum VA = 1.5 x VR typical
1A
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop
VFM (1)
200 A
TJ = 25 °C
0.69
V
400 A
0.97
200 A
TJ = 125 °C
0.64
400 A
0.89
Maximum reverse leakage current
IRM (1)
TJ = 25 °C
VR = Rated VR
1.1
mA
TJ = 125 °C
300
Maximum junction capacitance
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz) 25 °C
6000
pF
Typical series inductance
LS
From top of terminal hole to mounting plane
5.0
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/µs
RMS insulation voltage
VINS
50 Hz, circuit to base, all terminals shorted (1 s)
3500
V
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ, TStg
- 55 to 150
°C
Maximum thermal resistance,
junction to case per leg
RthJC
DC operation
0.6
°C/W
Maximum thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
0.1
Approximate weight
110
g
4oz.
Mounting torque ± 10 %
to heatsink
5
Nm
busbar
4
Case style
JEDEC
TO-240AA


Similar Part No. - VSKDS208

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKDS208 VISHAY-VSKDS208 Datasheet
133Kb / 7P
   Schottky Rectifier, 100 A
11-Mar-11
VSKDS208 VISHAY-VSKDS208_V01 Datasheet
133Kb / 7P
   Schottky Rectifier, 100 A
11-Mar-11
More results

Similar Description - VSKDS208

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
100BGQ100 VISHAY-100BGQ100 Datasheet
122Kb / 6P
   Schottky Rectifier, 100 A
Revision: 30-Oct-08
100BGQ030 VISHAY-100BGQ030_11 Datasheet
135Kb / 7P
   Schottky Rectifier, 100 A
Revision: 17-Jun-11
100BGQ100 VISHAY-100BGQ100_11 Datasheet
135Kb / 7P
   Schottky Rectifier, 100 A
Revision: 17-Jun-11
100BGQ015 VISHAY-100BGQ015 Datasheet
121Kb / 6P
   Schottky Rectifier, 100 A
Revision: 30-Oct-08
100BGQ030 VISHAY-100BGQ030 Datasheet
121Kb / 6P
   Schottky Rectifier, 100 A
Revision: 30-Oct-08
100BGQ045 VISHAY-100BGQ045 Datasheet
122Kb / 6P
   Schottky Rectifier, 100 A
Revision: 30-Oct-08
VSKDS203 VISHAY-VSKDS203 Datasheet
115Kb / 6P
   Schottky Rectifier, 100 A
Revision: 24-Apr-08
100BGQ015 VISHAY-100BGQ015_11 Datasheet
134Kb / 7P
   Schottky Rectifier, 100 A
Revision: 15-Jun-11
VSKDS201 VISHAY-VSKDS201 Datasheet
115Kb / 6P
   Schottky Rectifier, 100 A
Revision: 24-Apr-08
VSKDS209 VISHAY-VSKDS209 Datasheet
118Kb / 6P
   Schottky Rectifier, 100 A
Revision: 24-Apr-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com