Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKDS408 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VSKDS408
Description  Schottky Rectifier, 200 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKDS408 Datasheet(HTML) 3 Page - Vishay Siliconix

  VSKDS408 Datasheet HTML 1Page - Vishay Siliconix VSKDS408 Datasheet HTML 2Page - Vishay Siliconix VSKDS408 Datasheet HTML 3Page - Vishay Siliconix VSKDS408 Datasheet HTML 4Page - Vishay Siliconix VSKDS408 Datasheet HTML 5Page - Vishay Siliconix VSKDS408 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 94452
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 25-Apr-08
3
VSKDS408/060P
Schottky Rectifier, 200 A
Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
Forward Voltage Drop - V
FM (V)
0.0
0.5
1.0
1.5
2.0
1
10
100
1000
Tj = 25°C
Tj = 125°C
Tj = 150°C
Reverse Voltage - VR(V)
0
10
20
30
40
50
60
0.01
0.1
1
10
100
1000
10000
25°C
125°C
150°C
Reverse Voltage - V
R (V)
0
10
20
30
40
50
60
1000
10000
100000
t1, Rectangular Pulse Duration (Seconds)
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
1E+01
0.001
0.01
0.1
1
Single Pulse
(Thermal Resistance)
D = 0.2
D = 0.25
D = 0.33
D = 0.5
D = 0.75


Similar Part No. - VSKDS408

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKDS408 VISHAY-VSKDS408 Datasheet
145Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
Revision: 05-Aug-09
VSKDS408-060 VISHAY-VSKDS408-060 Datasheet
145Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
Revision: 05-Aug-09
VSKDS408 VISHAY-VSKDS408_09 Datasheet
145Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
Revision: 05-Aug-09
More results

Similar Description - VSKDS408

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
209CNQ135PBF VISHAY-209CNQ135PBF Datasheet
117Kb / 6P
   Schottky Rectifier, 200 A
Revision: 28-Apr-08
VSKDS409 VISHAY-VSKDS409 Datasheet
159Kb / 6P
   Schottky Rectifier, 200 A
Revision: 25-Apr-08
VSKCS208 VISHAY-VSKCS208 Datasheet
157Kb / 6P
   Schottky Rectifier, 200 A
Revision: 23-Apr-08
VSKCS209 VISHAY-VSKCS209 Datasheet
157Kb / 6P
   Schottky Rectifier, 200 A
Revision: 23-Apr-08
VSKDS403 VISHAY-VSKDS403 Datasheet
115Kb / 6P
   Schottky Rectifier, 200 A
Revision: 25-Apr-08
200CNQ045PBF VISHAY-200CNQ045PBF Datasheet
116Kb / 6P
   Schottky Rectifier, 200 A
Revision: 28-Apr-08
VSKDS401 VISHAY-VSKDS401 Datasheet
115Kb / 6P
   Schottky Rectifier, 200 A
Revision: 25-Apr-08
200CNQ045PBF VISHAY-200CNQ045PBF Datasheet
127Kb / 7P
   Schottky Rectifier, 200 A
Revision: 28-Apr-08
VSKCS208 VISHAY-VSKCS208_V01 Datasheet
174Kb / 7P
   Schottky Rectifier, 200 A
11-Mar-11
IRKDS409 VISHAY-IRKDS409 Datasheet
176Kb / 7P
   Schottky Rectifier, 200 A
Revision: 25-Apr-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com