Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKDL240-12S20 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VSKDL240-12S20
Description  Fast Recovery Diodes, 250 A (MAGN-A-PAKTM Power Modules)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKDL240-12S20 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button VSKDL240-12S20 Datasheet HTML 2Page - Vishay Siliconix VSKDL240-12S20 Datasheet HTML 3Page - Vishay Siliconix VSKDL240-12S20 Datasheet HTML 4Page - Vishay Siliconix VSKDL240-12S20 Datasheet HTML 5Page - Vishay Siliconix VSKDL240-12S20 Datasheet HTML 6Page - Vishay Siliconix VSKDL240-12S20 Datasheet HTML 7Page - Vishay Siliconix VSKDL240-12S20 Datasheet HTML 8Page - Vishay Siliconix VSKDL240-12S20 Datasheet HTML 9Page - Vishay Siliconix VSKDL240-12S20 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93164
6
Revision: 22-Apr-08
VSK.L240 Series
Vishay High Power Products
Fast Recovery Diodes, 250 A
(MAGN-A-PAKTM Power Modules)
Fig. 13 - Forward Voltage Drop Characteristics
Fig. 14 - Forward Voltage Drop Characteristics
Fig. 15 - Reverse Recovery Charge Characteristics
Fig. 16 - Reverse Recovery Current Characteristics
Fig. 17 - Reverse Recovery Charge Characteristics
Fig. 18 - Reverse Recovery Current Characteristics
100
1000
10000
11.5
2
2.5
3
3.5
T = 25°C
J
Instantaneous Forward Voltage (V)
VSK.L240..S10/ S20 Series
Per Junc tion
T = 150°C
J
100
1000
10000
0.5
1
1.5
2
2.5
3
3.5
4
4.5
T = 25°C
J
Instantaneous Forward Voltage (V)
T = 150°C
J
VSK.L240..S30 Series
Per Junc tio n
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
10
20
30
40
50
60
70
80
90
100
200A
100A
50A
500A
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
VSK.L240..S10
T = 150° C
I
= 1000A
J
FM
10
20
30
40
50
60
70
80
90
100
110
10
20
30
40
50
60
70
80
90 100
200A
100A
50A
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
VSK.L240..S10 Series
I
= 1000A
500A
T = 150 °C
FM
J
0
50
100
150
200
250
300
350
400
450
500
0
50
100
150
200
200A
100A
50A
500A
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
VSK.L240..S20
T = 150 °C
I
= 1000A
J
FM
0
50
100
150
200
250
300
050
100
150
200
200A
100A
50A
500A
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
VSK.L240..S20
T = 150 °C
I
= 1000A
J
FM


Similar Part No. - VSKDL240-12S20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKDL240 VISHAY-VSKDL240 Datasheet
333Kb / 12P
   Fast Recovery Diodes, 250 A (MAGN-A-PAK Power Modules)
Revision: 07-Oct-11
VSKDL240 VISHAY-VSKDL240_14 Datasheet
330Kb / 12P
   Fast Recovery Diodes, 250 A (MAGN-A-PAK Power Modules)
Revision: 07-Oct-11
More results

Similar Description - VSKDL240-12S20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKD250 VISHAY-VSKD250 Datasheet
279Kb / 12P
   Standard Recovery Diodes, 250 to 320 A (MAGN-A-PAKTM Power Modules)
Revision: 30-Oct-08
VSKDL450 VISHAY-VSKDL450 Datasheet
196Kb / 8P
   Fast Diodes, 460 A (SUPER MAGN-A-PAKTM Power Modules)
Revision: 12-Jun-08
VSKDL240 VISHAY-VSKDL240_14 Datasheet
330Kb / 12P
   Fast Recovery Diodes, 250 A (MAGN-A-PAK Power Modules)
Revision: 07-Oct-11
VSKDL240 VISHAY-VSKDL240 Datasheet
333Kb / 12P
   Fast Recovery Diodes, 250 A (MAGN-A-PAK Power Modules)
Revision: 07-Oct-11
VSKD600 VISHAY-VSKD600 Datasheet
240Kb / 7P
   Standard Diodes, 600 A(SUPER MAGN-A-PAKTM Power Modules)
Revision: 11-Aug-08
VS-VSK250PBF VISHAY-VS-VSK250PBF_V01 Datasheet
290Kb / 13P
   Standard Recovery Diodes (MAGN-A-PAK Power Modules), 250 A to 320 A
01-Jan-2022
VSKT320 VISHAY-VSKT320 Datasheet
328Kb / 13P
   Standard Recovery Diodes, 250 A to 320 A (MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
VSK250 VISHAY-VSK250 Datasheet
330Kb / 13P
   Standard Recovery Diodes, 250 A to 320 A (MAGN-A-PAK Power Modules)
12-Mar-12
logo
Nell Semiconductor Co.,...
NKD250 NELLSEMI-NKD250 Datasheet
1Mb / 4P
   Standard Diodes, 250 A( MAGN-A-PAK Power Modules)
logo
Vishay Siliconix
VSKE270-20 VISHAY-VSKE270-20 Datasheet
330Kb / 13P
   Standard Recovery Diodes, 250 A to 320 A (MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com