Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKDL240-25S20 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # VSKDL240-25S20
Description  Fast Recovery Diodes, 250 A (MAGN-A-PAKTM Power Modules)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKDL240-25S20 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button VSKDL240-25S20 Datasheet HTML 3Page - Vishay Siliconix VSKDL240-25S20 Datasheet HTML 4Page - Vishay Siliconix VSKDL240-25S20 Datasheet HTML 5Page - Vishay Siliconix VSKDL240-25S20 Datasheet HTML 6Page - Vishay Siliconix VSKDL240-25S20 Datasheet HTML 7Page - Vishay Siliconix VSKDL240-25S20 Datasheet HTML 8Page - Vishay Siliconix VSKDL240-25S20 Datasheet HTML 9Page - Vishay Siliconix VSKDL240-25S20 Datasheet HTML 10Page - Vishay Siliconix VSKDL240-25S20 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93164
8
Revision: 22-Apr-08
VSK.L240 Series
Vishay High Power Products
Fast Recovery Diodes, 250 A
(MAGN-A-PAKTM Power Modules)
Fig. 23 - Frequency Characteristics
Fig. 24 - Maximum Forward Energy Power Loss Characteristics
Fig. 25 - Frequency Characteristics
1E2
1E3
1E4
1E5
1E1
1E2
1E3
1E4
50 Hz
400
1000
200
1500
2500
Pulse Basewidth (µs)
tp
VSK.L240..S10/ S20
Trapezoidal Pulse
T = 90 °C
C
E1
1E2
1E3
1E4
50 Hz
400
1000
200
1500
2500
Pulse Basewidth (µs)
tp
1E1
VSK.L240..S10/ S20
Trapezoidal Pulse
T = 100 °C
C
1E0
1E1
1E2
1E3
1E4
1E5
1E1
1E2
1E3
1E4
20 joules per pulse
10
4
2
1
0.4
0.2
0.1
0.04
0.02
0.01
Pulse Basewidth (µs)
tp
1E4
VSK.L240..S30
Sinusoidal Pulse
T = 150 °C
J
1
1E11E2
1E31E4
20 joules per p ulse
10
4
2
1
0.4
0.2
0.1
0.04
0.02
0.01
Pulse Basewidth (µs)
tp
VSK.L240..S30
Trapezoidal Pulse
T = 150 °C
J
1E2
1E3
1E4
1E5
1E1
1E2
1E3
1E4
50 Hz
400
1000
200
1500
2500
10000
20000
5000
Pulse Basewidth (µs)
tp
VSK.L240..S30
Sinusoidal Pulse
T = 90 °C
C
1E1
1E2
1E3
1E4
50 Hz
400
1000
200
1500
2500
10000
20000
5000
Pulse Basewidth (µs)
tp
Sinusoidal Pulse
T = 100 °C
C
VSK.L240..S30


Similar Part No. - VSKDL240-25S20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKDL240 VISHAY-VSKDL240 Datasheet
333Kb / 12P
   Fast Recovery Diodes, 250 A (MAGN-A-PAK Power Modules)
Revision: 07-Oct-11
VSKDL240 VISHAY-VSKDL240_14 Datasheet
330Kb / 12P
   Fast Recovery Diodes, 250 A (MAGN-A-PAK Power Modules)
Revision: 07-Oct-11
More results

Similar Description - VSKDL240-25S20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKD250 VISHAY-VSKD250 Datasheet
279Kb / 12P
   Standard Recovery Diodes, 250 to 320 A (MAGN-A-PAKTM Power Modules)
Revision: 30-Oct-08
VSKDL450 VISHAY-VSKDL450 Datasheet
196Kb / 8P
   Fast Diodes, 460 A (SUPER MAGN-A-PAKTM Power Modules)
Revision: 12-Jun-08
VSKDL240 VISHAY-VSKDL240_14 Datasheet
330Kb / 12P
   Fast Recovery Diodes, 250 A (MAGN-A-PAK Power Modules)
Revision: 07-Oct-11
VSKDL240 VISHAY-VSKDL240 Datasheet
333Kb / 12P
   Fast Recovery Diodes, 250 A (MAGN-A-PAK Power Modules)
Revision: 07-Oct-11
VSKD600 VISHAY-VSKD600 Datasheet
240Kb / 7P
   Standard Diodes, 600 A(SUPER MAGN-A-PAKTM Power Modules)
Revision: 11-Aug-08
VS-VSK250PBF VISHAY-VS-VSK250PBF_V01 Datasheet
290Kb / 13P
   Standard Recovery Diodes (MAGN-A-PAK Power Modules), 250 A to 320 A
01-Jan-2022
VSKT320 VISHAY-VSKT320 Datasheet
328Kb / 13P
   Standard Recovery Diodes, 250 A to 320 A (MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
VSK250 VISHAY-VSK250 Datasheet
330Kb / 13P
   Standard Recovery Diodes, 250 A to 320 A (MAGN-A-PAK Power Modules)
12-Mar-12
logo
Nell Semiconductor Co.,...
NKD250 NELLSEMI-NKD250 Datasheet
1Mb / 4P
   Standard Diodes, 250 A( MAGN-A-PAK Power Modules)
logo
Vishay Siliconix
VSKE270-20 VISHAY-VSKE270-20 Datasheet
330Kb / 13P
   Standard Recovery Diodes, 250 A to 320 A (MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com