Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDRH20DO17XYE Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VDRH20DO17XYE
Description  High Surge Suppression Varistors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRH20DO17XYE Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button VDRH20DO17XYE Datasheet HTML 2Page - Vishay Siliconix VDRH20DO17XYE Datasheet HTML 3Page - Vishay Siliconix VDRH20DO17XYE Datasheet HTML 4Page - Vishay Siliconix VDRH20DO17XYE Datasheet HTML 5Page - Vishay Siliconix VDRH20DO17XYE Datasheet HTML 6Page - Vishay Siliconix VDRH20DO17XYE Datasheet HTML 7Page - Vishay Siliconix VDRH20DO17XYE Datasheet HTML 8Page - Vishay Siliconix VDRH20DO17XYE Datasheet HTML 9Page - Vishay Siliconix VDRH20DO17XYE Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Document Number: 29082
For technical questions, contact: nlr@vishay.com
www.vishay.com
Revision: 09-Oct-08
39
2381 58. ...../VDRH.......E
High Surge Suppression Varistors
Vishay BCcomponents
ELECTRICAL CHARACTERISTICS
DERATING CURVE
PEAK CURRENT AS A FUNCTION OF
PULSE WIDTH
ELECTRICAL DATA
PARAMETER
VALUE
UNIT
Maximum continuous voltage:
RMS
11 to 680
V
DC
14 to 895
V
Maximum non-repetitive transient current (INRP) (8 x 20 µs):
2381 582 ...../VDRH05......E
250 or 800
A
2381 583 ...../VDRH07......E
500 or 1750
A
2381 584 ...../VDRH10......E
1000 or 3500
A
2381 585 ...../VDRH14......E
2000 or 6000
A
2381 586 ...../VDRH20......E
3000 or 10 000
A
Thermal resistance:
2381 582 ...../VDRH05......E
≈ 80
K/W
2381 583 ...../VDRH07......E
≈ 70
K/W
2381 584 ...../VDRH10......E
≈ 60
K/W
2381 585 ...../VDRH14......E
≈ 50
K/W
2381 586 ...../VDRH20......E
≈ 40
K/W
Maximum dissipation:
2381 582 ...../VDRH05......E
100
mW
2381 583 ...../VDRH07......E
250
mW
2381 584 ...../VDRH10......E
400
mW
2381 585 ...../VDRH14......E
600
mW
2381 586 ...../VDRH20......E
1000
mW
Temperature coefficient of voltage at 1 mA maximum
± 0.05
%/K
Voltage proof between interconnected leads and case
2500
V
Storage temperature
- 40 to + 150
°C
Operating temperature
- 40 to + 125
°C
100 %
0
- 40
125
T
amb (°C)
Maximum Dissipation
Maximum Energy
Maximum Transient Current
150
µ
µ
COMPONENT DIMENSIONS (BULK TYPE) in millimeters AND CATALOG NUMBERS
D
NOM.
D
MAX.
A
MAX.
A0
MAX.
L
MIN.
T
MAX.
d
F
CATALOG NUMBER
5.0
7.0
9.0
11.0
24.0
7
0.6 ± 0.05
5 ± 1.0
2381 582 ...../VDRH05.....E
7.0
9.0
11.0
13.0
24.0
7
0.6 ± 0.05
5 ± 1.0
2381 583 ...../VDRH07.....E
10.0
13.5
15.5
18.0
17.0
10
0.8 ± 0.05
7.5 ± 1.0
2381 584 ...../VDRH10.....E
14.0
17.0
19.0
23.0
16.0
11
0.8 ± 0.05
7.5 ± 1.0
2381 585 ...../VDRH14.....E
20.0
23.0
25.0
28.0
24.0
11
1.0 ± 0.05
10 ± 1.0
2381 586 ...../VDRH20.....E


Similar Part No. - VDRH20DO17XYE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH20R014ByE VISHAY-VDRH20R014ByE Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
VDRH20R014BYE VISHAY-VDRH20R014BYE Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH20R017ByE VISHAY-VDRH20R017ByE Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
VDRH20R017BYE VISHAY-VDRH20R017BYE Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH20R020ByE VISHAY-VDRH20R020ByE Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
More results

Similar Description - VDRH20DO17XYE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH VISHAY-VDRH_V01 Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH10G040BKE VISHAY-VDRH10G040BKE Datasheet
245Kb / 20P
   VDR Metal Oxide Varistors High Surge
Revision: 29-Oct-12
VDRH VISHAY-VDRH Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
logo
List of Unclassifed Man...
SVC471D ETC1-SVC471D Datasheet
2Mb / 17P
   CERAMIC SURGE ABSORBERS (VARISTORS)
CNR-07D241K ETC1-CNR-07D241K Datasheet
1Mb / 24P
   METAL OXIDE VARISTORS TRANSIENT / SURGE ABSORBERS
logo
Panasonic Semiconductor
ERZ-V10D390 PANASONIC-ERZ-V10D390 Datasheet
4Mb / 30P
   Varistors (ZNR Surge Absorber) Type D
14-Dec-20
logo
Littelfuse
LVSP0015TXR LITTELFUSE-LVSP0015TXR Datasheet
253Kb / 2P
   LVSP Surge Suppression Fuse
Rev: 081220
V22CH8 LITTELFUSE-V22CH8 Datasheet
301Kb / 5P
   Surface Mount Varistors - Transient Voltage Surge Suppressor
logo
Kemet Corporation
VG0603S020R014 KEMET-VG0603S020R014 Datasheet
1Mb / 13P
   Surface Mount Varistors VG Series ESD Suppression
logo
Vishay Siliconix
VDRUS VISHAY-VDRUS Datasheet
179Kb / 15P
   VDR Metal Oxide Varistors Ultra Surge High Operating Temperature 125 °C
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com