Selected language     English  ▼


G-1-380 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. G-1-380
Description  Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

   
 1 page
background image
Wirewound Resistors, Military, MIL-PRF-26 Qualified,
Type RW, Precision Power, Silicone Coated
G, GN
Vishay Dale
www.vishay.com
For technical questions, contact: ww2bresistors@vishay.com
Document Number: 30205
150
Revision: 22-Mar-06
FEATURES
• From 1.4 to 4 times higher power ratings than
conventional resistors of equivalent size
• High temperature coating (> 350 °C)
• Complete welded construction
• Meets applicable requirements of MIL-PRF-26
• Available in non-inductive styles (type GN) with
Aryton-Perry
winding
for
lowest
reactive
components
• Excellent
stability
in
operation
(typical
resistance shift < 0.5 %)
• Lead (Pb)-free version is RoHS compliant
Notes
(1) Vishay Dale G models have two power ratings, depending on operation temperature and stability requirements
• Shaded area indicates most popular models
* Pb containing terminations are not RoHS compliant, exemptions may apply
Available
Pb-free
RoHS*
COMPLIANT
e3
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HIST.
MODEL
MIL-PRF-26
TYPE
POWER RATING (1)
P25 °C W
RESISTANCE RANGE
MIL. RANGE SHOWN IN BOLD FACE
Ω
WEIGHT
(typical)
g
U ± 0.05 %
thru ± 5 %
V ± 3 %
thru ± 5 %
± 0.05 %
± 0.1 %
± 0.25 %
± 0.5 %, ± 1 %,
± 3 %, ± 5 %
G001...80
G-1-80
-
1.0
-
1.0 - 1K
0.499 - 1K
0.499 - 3.4K
0.1 - 3.4K
0.20
G001...380
G-1-380
RW81
1.0
-
-
0.499 - 1K
0.499 - 1K
0.1 - 1K
0.20
G002
G-2
-
1.5
-
1.0 - 1.3K
0.499 - 1.3K
0.499 - 4.9K
0.1 - 4.9K
0.21
G003...80
G-3-80
-
2.0
-
1.0 - 2.74K
0.499 - 2.74K 0.499 - 10.4K
0.1 - 10.4K
0.34
G003...380
G-3-380
RW80
2.0
-
-
0.499 - 2.74K 0.499 - 2.74K
0.1 - 2.74K
0.34
G005
G-5
-
4.0
5.0
0.499 - 6.5K
0.499 - 6.5K
0.1 - 24.5K
0.1 - 24.5K
0.80
G05C
G-5C
-
5.0
7.0
0.499 - 8.6K
0.499 - 8.6K
0.1 - 32.3K
0.1 - 32.3K
1.20
G010
G-10
-
7.0
10.0
0.499 - 25.7K 0.499 - 25.7K
0.1 - 95.2K
0.1 - 95.2K
3.60
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
G RESISTOR CHARACTERISTICS
Temperature Coefficient
ppm/°C
± 90 for below 1
Ω, ± 50 for 1 Ω to 9.9 Ω, ± 20 for 10 Ω and above
Dielectric Withstanding Voltage
VAC
500 minimum for G-1-80 thru G-3-380, 1000 minimum for all others
Short Time Overload
-
5 x rated power for 5 s for G-1-80 thru G-5C (Characteristic U),
10 x rated power for 5 s for G-10
Maximum Working Voltage
V
(
P x R)1/2
Insulation Resistance
W
1000 M
Ω minimum dry, 100 MΩ minimum after moisture test
Terminal Strength
lb
5 minimum for G-1-80 thru G-3-380, 10 minimum for all others
Solderability
-
MIL-PRF-26 type - meets requirements of ANSI J-STD-002
Non Mil type - terminals are 60/40 electro tin plated to facilitate soldering
Operating Temperature Range
°C
Characterisitic U = - 65 to + 250, characteristic V = - 65 to + 350
Power Rating
-
Characterisitic U - + 250 °C max. hot spot temperature,
± 0.5 % max.
ΔR in 2000 h load life
Characterisitic V - + 350 °C max. hot spot temperature,
± 3.0 % max.
ΔR in 2000 h load life
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: G00310R00FS7080 (preferred part number format)
GLOBAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
SPECIAL
(See Standard
Electrical
Specifications
Global Model
column for options)
R = Decimal
K = Thousand
15R00 = 15
Ω
10K00 = 10 k
Ω
A = 0.05 %
B = 0.1 %
C = 0.25 %
D = 0.5 %
F = 1.0 %
J = 5.0 %
K = 10.0 %
E70 = Lead (Pb)-free, tape/reel (smaller than G010)
E73 = Lead (Pb)-free, Tape/Reel (G010 and larger)
E12 = Lead (Pb)-free, bulk
Lead (Pb)-free is not available on RW military type
(Dash Number)
(up to 3 digits)
From 1 - 999
as applicable
S70 = Tin/lead, tape/reel (smaller than G010)
S73 = Tin/lead, tape/reel (G010 and larger)
B12 = Tin/lead, bulk
Historical Part Number Example: G-3-80 10
Ω 1 % S70 (will continue to be accepted)
G-3-80
10
Ω
1 %
S70
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
G
003
10
R
0
0
F
S
708
0




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ERHWirewound Resistors Military/Established Reliability MIL-PRF-39009 Qualified Type RER R Level 1 2 3 Vishay Siliconix
ESS_08Wirewound Resistors Military/Established Reliability MIL-PRF-39007 Qualified Type RWR R Level 1 2 3 Vishay Siliconix
UT-1Silicone Coated Power Resistors 1 2 Willow Technologies Ltd
WRP1WPOWER TYPE SILICON COATED WIRE WOUND RESISTORS 1 ABCO ELECTRONICS CO.LTD
WSC01Wirewound Resistors Precision Power Surface Mount 1 2 3 Vishay Siliconix
RN60D3483FR36Metal Film Resistors Military MIL-R-10509 Qualified Type RN and MIL-PRF-22684 Qualified Type RL 1 2 3 4 5 Vishay Siliconix
UB-1Silicone Coated Power Resistors 1 2 Riedon Powertron
UTL-1Silicone Coated Power Resistors 1 Riedon Powertron
FHR4-8065Precision Power Shunt Resistors 1 2 3 4 5 Riedon Powertron
200Bulk Metal® Foil Technology Conformally Coated Precision Current Sensing Resistors with TCR of 5 ppm/°C and values down to 5 1 2 3 4 Vishay Siliconix

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl