Selected language     English  ▼


G-1-380 Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. G-1-380
Description  Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

   
 2 page
background image
G, GN
Wirewound Resistors, Military, MIL-PRF-26 Qualified,
Type RW, Precision Power, Silicone Coated
Vishay Dale
Document Number: 30205
For technical questions, contact: ww2bresistors@vishay.com
www.vishay.com
Revision: 22-Mar-06
151
DIMENSIONS in inches [millimeters]
Notes
(1) On some standard reel pack methods, the leads may be trimmed to a shorter length than shown
(2) L1 max. dimension is clean lead to clean lead
MATERIAL SPECIFICATIONS
Element: Copper-nickel alloy or nickel-chrome alloy,
depending on resistance value
Core: Ceramic, beryllium oxide or alumina, depending on
resistor model
Coating: Special high temperature silicone
Standard Terminals: 100 % Sn, or 60/40 Sn/Pb coated
Copperweld®
End Caps: Stainless steel
Part Marking: DALE, model, wattage (1), value, tolerance,
date code
Notes
(1) Wattage marked on part will be “U” characteristic
Military (RW) parts are only available with 60/40 Sn/Pb finishc
GN NON-INDUCTIVE
Models of equivalent physical and electrical specifications
are available with non-inductive (Aryton-Perry) winding.
They are identified by inserting the letter N after G in the
model number (GN-5, for example). Two conditions apply:
1. For GN models, divide maximum resistance values by two
2. Body O.D. on GN-5C may exceed that of the G-5C by 0.010"
TERMINATION
When G resistors will be operated at full rated power,
resistance welding or high temperature solder are the
recommended termination methods. Termination should be
made within 1/2" from end of resistor body.
GLOBAL
MODEL
DIMENSIONS in inches [millimeters]
LL1 max. (2)
CD
G-1-80
G-1-380
0.250 ± 0.031
[6.35 ± 0.787]
0.281
[7.14]
0.085 ± 0.020
[2.16 ± 0.508]
0.020 ± 0.002
[0.508 ± 0.051]
G2
0.312 ± 0.016
[7.92 ± 0.406]
0.328
[8.33]
0.078 + 0.016 - 0.031
[1.98 + 0.406 - 0.787]
0.020 ± 0.002
[0.508 ± 0.051]
G-3-80
G-3-380
0.406 ± 0.031
[10.31 ± 0.787]
0.437
[11.10]
0.094 ± 0.031
[2.39 ± 0.787]
0.020 ± 0.002
[0.508 ± 0.051]
G-5
0.562 ± 0.062
[14.27 ± 1.57]
0.622
[15.80]
0.188 ± 0.032
[4.78 ± 0.813]
0.032 ± 0.002
[0.813 ± 0.051]
G-5C
0.500 ± 0.062
[12.70 ± 1.57]
0.593
[15.06]
0.218 ± 0.032
[5.54 ± 0.813]
0.040 ± 0.002
[1.02 ± 0.051]
G-10
0.875 ± 0.062
[22.23 ± 1.57]
1.0
[25.4]
0.312 ± 0.032
[7.92 ± 0.813]
0.040 ± 0.002
[1.02 ± 0.051]
C
D
L
1.50
[38.10]
(1)
min.
L
1
- 65 - 50
0
50
150
250
350
AMBIENT TEMPERATURE IN °C
Derating
120
100
80
60
40
20
0
CHAR. V
CHAR. U
25
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
(CHARACTERISTIC U)
Thermal Shock
Rated power applied until thermally stable, then a min. of 15 min at - 55 °C
± (0.2 % + 0.05
Ω) ΔR
Short Time Overload
5 x power (G-1-80 thru G-5C), 10 x power (G-10) for 5 s
± (0.2 % + 0.05
Ω) ΔR
Dielectric Withstanding Voltage
1000 Vrms, 1 min
± (0.1 % + 0.05
Ω) ΔR
Low Temperature Storage
- 65 °C for 24 h
± (0.2 % + 0.05
Ω) ΔR
High Temperature Exposure
250 h at + 250 °C (Characteristic U)
± (0.5 % + 0.05
Ω) ΔR
Moisture Resistance
MIL-STD-202 Method 106, 7b not applicable
± (0.2 % + 0.05
Ω) ΔR
Shock, Specified Pulse
MIL-STD-202 Method 213, 100 g's for 6 ms, 10 shocks
± (0.1 % + 0.05
Ω) ΔR
Vibration, High Frequency
Frequency varied 10 to 2000 Hz, 20 g peak, 2 directions 6 h each
± (0.1 % + 0.05
Ω) ΔR
Load Life
2000 h at rated power, + 25 °C, 1.5 h “ON”, 0.5 h “OFF”
± (0.5 % + 0.05
Ω) ΔR
Terminal Strength
5 to 10 s, 5 or 10 lb pull test (depending on size), torsion test - 3 alternating
directions, 360° each
± (0.1 % + 0.05
Ω) ΔR




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ERHWirewound Resistors Military/Established Reliability MIL-PRF-39009 Qualified Type RER R Level 1 2 3 Vishay Siliconix
ESS_08Wirewound Resistors Military/Established Reliability MIL-PRF-39007 Qualified Type RWR R Level 1 2 3 Vishay Siliconix
UT-1Silicone Coated Power Resistors 1 2 Willow Technologies Ltd
WRP1WPOWER TYPE SILICON COATED WIRE WOUND RESISTORS 1 ABCO ELECTRONICS CO.LTD
WSC01Wirewound Resistors Precision Power Surface Mount 1 2 3 Vishay Siliconix
RN60D3483FR36Metal Film Resistors Military MIL-R-10509 Qualified Type RN and MIL-PRF-22684 Qualified Type RL 1 2 3 4 5 Vishay Siliconix
UB-1Silicone Coated Power Resistors 1 2 Riedon Powertron
UTL-1Silicone Coated Power Resistors 1 Riedon Powertron
FHR4-8065Precision Power Shunt Resistors 1 2 3 4 5 Riedon Powertron
200Bulk Metal® Foil Technology Conformally Coated Precision Current Sensing Resistors with TCR of 5 ppm/°C and values down to 5 1 2 3 4 Vishay Siliconix

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl