Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11AA1-X007 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # H11AA1-X007
Description  Optocoupler, Phototransistor Output, AC Input, with Base Connection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

H11AA1-X007 Datasheet(HTML) 5 Page - Vishay Siliconix

  H11AA1-X007 Datasheet HTML 1Page - Vishay Siliconix H11AA1-X007 Datasheet HTML 2Page - Vishay Siliconix H11AA1-X007 Datasheet HTML 3Page - Vishay Siliconix H11AA1-X007 Datasheet HTML 4Page - Vishay Siliconix H11AA1-X007 Datasheet HTML 5Page - Vishay Siliconix H11AA1-X007 Datasheet HTML 6Page - Vishay Siliconix H11AA1-X007 Datasheet HTML 7Page - Vishay Siliconix H11AA1-X007 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 83608
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.6, 08-May-08
281
H11AA1
Optocoupler, Phototransistor Output,
AC Input, with Base Connection
Vishay Semiconductors
Fig. 13 - Propagation Delay vs. Collector Load Resistor
Fig. 14 - Switching Waveform
Fig. 15 - Switching Schematic
ih11aa1_13
100
10
1
0.1
1
10
100
1000
1.0
1.5
2.0
2.5
R
L - Collector Load Resistor (kΩ)
t
PLH
t
PHL
I
F = 10 mA
V
CC = 5 V, VTH = 1.5 V
ih11aa1_14
IF
tR
VO
tD
tS
tF
tPHL
tPLH
VTH = 1.5 V
ih11aa1_15
V
CC = 5 V
F = 10 kHz,
DF = 50 %
R
L
V
O
I
F
= 10 mA


Similar Part No. - H11AA1-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
H11AA1-X007T VISHAY-H11AA1-X007T Datasheet
150Kb / 7P
   Optocoupler, Phototransistor Output, AC Input with Base Connection
Rev. 1.7, 23-Feb-11
H11AA1-X007T VISHAY-H11AA1-X007T Datasheet
147Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
01-Jan-2022
More results

Similar Description - H11AA1-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL256AT VISHAY-IL256AT_08 Datasheet
124Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
Rev. 1.8, 08-Jan-08
IL250 VISHAY-IL250_08 Datasheet
154Kb / 8P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
Rev. 1.4, 09-May-08
H11AA1 VISHAY-H11AA1_11 Datasheet
150Kb / 7P
   Optocoupler, Phototransistor Output, AC Input with Base Connection
Rev. 1.7, 23-Feb-11
IL256AT VISHAY-IL256AT_V02 Datasheet
117Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
01-Jan-2023
H11AA1 VISHAY-H11AA1_V01 Datasheet
147Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
01-Jan-2022
IL250 VISHAY-IL250_V01 Datasheet
149Kb / 8P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
01-Jan-2022
IL256AT VISHAY-IL256AT_V01 Datasheet
116Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
01-Jan-2022
IL250 VISHAY-IL250_V02 Datasheet
149Kb / 8P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
01-Jan-2023
IL256AT VISHAY-IL256AT Datasheet
134Kb / 6P
   Optocoupler, Phototransistor Output, AC Input, With Base Connection
Rev. 1.4, 22-Apr-04
H11AA1 VISHAY-H11AA1_V02 Datasheet
148Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com