Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDN Datasheet(PDF) 4 Page - Vishay Siliconix

Part # HDN
Description  Hermetic Metal Film Resistors, Military/Established Reliability, MIL-PRF-55182 Qualified, Type RNR, Characteristics E and C
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HDN Datasheet(HTML) 4 Page - Vishay Siliconix

  HDN Datasheet HTML 1Page - Vishay Siliconix HDN Datasheet HTML 2Page - Vishay Siliconix HDN Datasheet HTML 3Page - Vishay Siliconix HDN Datasheet HTML 4Page - Vishay Siliconix HDN Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 66001
For technical questions, contact: ff2aresistors@vishay.com
www.vishay.com
Revision: 03-Jul-08
59
HDN (Military RNR/RNN)
Hermetic Metal Film Resistors, Military/Established
Reliability, MIL-PRF-55182 Qualified, Type RNR,
Characteristics E and C
Vishay Angstrohm
DIMENSIONS PER MIL-PRF-55182 in inches [millimeters]
VISHAY
ANGSTROHM
MODEL
MIL-
PRF-
55182
STYLE
A
LENGTH
B
DIAMETER
C
CL TO CL
(MAX.)
D
LENGTH
± 0.125 [± 3.18]
E
DIAMETER
± 0.002 [± 0.051]
D
APPROX.
WEIGHT
(g)
HDN55
RNR55,
RNN55
0.250 + 0.031 - 0.046
[6.35 + 0.78 - 1.17]
0.109 ± 0.031
[2.77 ± 0.78]
0.379
[9.63]
1.50
[38.10]
0.025
[0.635]
0.337
HDN57
RNR57,
RNN57
0.281 ± 0.062
[7.14 ± 1.57]
0.155 ± 0.015
[3.94 ± 0.38]
0.467
[11.86]
1.25
[31.75]
0.025
[0.635]
0.405
HDN60
RNR60,
RNN60
0.375 + 0.062 - 0.115
[9.53 + 1.57 - 2.92]
0.125 ± 0.040
[3.18 ± 1.02]
0.561
[14.25]
1.50
[38.10]
0.025
[0.635]
0.450
HDN65
RNR65,
RNN65
0.625 + 0.031 - 0.094
[15.8 + 0.787 - 2.39]
0.188 + 0.062 - 0.031
[4.78 + 1.57 - 0.787]
0.780
[19.81]
1.50
[38.10]
0.025
[0.635]
1.30
HDN70
RNR70,
RNN70
0.750 + 0.125 - 0.250
[19.05 + 3.18 - 6.35]
0.250 + 0.078 - 0.090
[6.35 + 1.98 - 2.29]
0.939
[23.85]
1.50
[38.10]
0.032
[0.813]
1.44
HDN75
RNR75,
RNN75
1.062 ± 0.062
[26.98 ± 1.58]
0.375 + 0.062 - 0.150
[9.53 + 1.57 - 3.81]
1.186
[30.12]
1.50
[38.10]
0.032
[0.813]
2.500
B
E
C
A
D


Similar Part No. - HDN

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HDN1075 SIEMENS-HDN1075 Datasheet
82Kb / 1P
   0.28(7MM) SEVEN SEGMANT NUMERIC DISPLAY SOW CURRENT
HDN1075G SIEMENS-HDN1075G Datasheet
82Kb / 1P
   0.28(7MM) SEVEN SEGMANT NUMERIC DISPLAY SOW CURRENT
HDN1075O SIEMENS-HDN1075O Datasheet
82Kb / 1P
   0.28(7MM) SEVEN SEGMANT NUMERIC DISPLAY SOW CURRENT
HDN1075O SIEMENS-HDN1075O Datasheet
511Kb / 5P
   SEVEN SEGMENT DISPLAY 7MM LOW CURRENT VERSION
HDN1077G SIEMENS-HDN1077G Datasheet
82Kb / 1P
   0.28(7MM) SEVEN SEGMANT NUMERIC DISPLAY SOW CURRENT
More results

Similar Description - HDN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HDN VISHAY-HDN_15 Datasheet
90Kb / 4P
   Metal Film Resistors, Military/Established Reliability,Hermetically-Sealed, MIL-PRF-55182 Qualified, Precision, Type RNR, Characteristics E and C
Revision: 15-Nov-12
RNC55H1502FSB14 VISHAY-RNC55H1502FSB14 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-55182 Qualified
Revision: 21-Sep-12
ERC VISHAY-ERC Datasheet
184Kb / 3P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-55182 Qualified, Type RNC, Characteristics J, H, K
Revision: 08-Jul-08
RLR07C1500GR VISHAY-RLR07C1500GR Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
ERL VISHAY-ERL_15 Datasheet
146Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 25-Aug-15
RLR05C475 VISHAY-RLR05C475 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 11-Nov-13
RLR07C2001FM VISHAY-RLR07C2001FM Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
ERL VISHAY-ERL Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
RLR05C4753FRB14 VISHAY-RLR05C4753FRB14 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability,MIL-PRF-39017 Qualified, Type RLR
Revision: 11-Nov-13
RLR20C1000GRB14 VISHAY-RLR20C1000GRB14 Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com