Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDRS14D017XYE Datasheet(PDF) 10 Page - Vishay Siliconix

Part # VDRS14D017XYE
Description  a disc of low-ß ceramic material with two tinned solid copper leads
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRS14D017XYE Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button VDRS14D017XYE Datasheet HTML 6Page - Vishay Siliconix VDRS14D017XYE Datasheet HTML 7Page - Vishay Siliconix VDRS14D017XYE Datasheet HTML 8Page - Vishay Siliconix VDRS14D017XYE Datasheet HTML 9Page - Vishay Siliconix VDRS14D017XYE Datasheet HTML 10Page - Vishay Siliconix VDRS14D017XYE Datasheet HTML 11Page - Vishay Siliconix VDRS14D017XYE Datasheet HTML 12Page - Vishay Siliconix VDRS14D017XYE Datasheet HTML 13Page - Vishay Siliconix VDRS14D017XYE Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Document Number: 29081
For technical questions, contact: nlr@vishay.com
www.vishay.com
Revision: 09-Oct-08
25
2381 59. ...../VDRS.......E
Varistors
Vishay BCcomponents
Notes
(1)
Guaranteed between component and tape
(2)
Cumulative pitch-error ± 1.0 mm to 20 pitches
(3)
With cardboarded tape from 0.5 mm ± 0.1
(4)
For 2381 595 0511y and 2381 595 0551y: H = 20 ± 1 mm
TAPING DATA (based on “IEC 60286-2” )
SYMBOL
PARAMETER
DIMENSIONS/TOLERANCE
592
593
594
595
A
Mounting height
9.0 max.
11.0 max.
15.5 max.
19.0 max.
A0
Mounting height
11.0 max.
13.0 max.
18.0 max.
23.0 max.
D
Body diameter
7.0 max.
9.0 max.
13.5 max.
17.0 max.
D0
Feed hole diameter
4.0 ± 0.2
d
Lead wire diameter
0.6 ± 0.05
0.8 ± 0.05
F
Lead to lead distance (1)
5.0 + 0.5/- 0.2
7.5 ± 0.8
H
Distance component to tape center (4)
20.0 + 2.0/- 0.0
18.0 + 2.0/- 0.0
H0
Lead wire clinch height
16.0 or 18.25 ± 0.5
Δh
Component alignment
0.0 ± 2.0
P
Pitch of componentsopd
12.7 ± 1.0
25.4 ± 1.0
P0
Feed hole pitch (2)
12.7 ± 0.3
P1
Feed hole center to lead center (1)
3.85 ± 0.7
8.95 ± 0.7
Δp
Component alignment
0.0 ± 1.3
T
Total thickness
7.0 max.
7.0 max.
8.0 max.
8.0 max.
t
Total tape thickness (3)
1.7 max.
W
Tape width
18.0 ± 1.0/- 0.5
W0
Hold down tape width
10 min.
W1
Hole position
9.0 ± 0.5
W2
Hold down tape position
3.0 max.


Similar Part No. - VDRS14D017XYE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRS141385XYE VISHAY-VDRS141385XYE Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
VDRS14G014xyE VISHAY-VDRS14G014xyE Datasheet
228Kb / 20P
   VDR Metal Oxide Varistors Standard
Revision: 19-Jun-15
VDRS14G014XYE VISHAY-VDRS14G014XYE Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
VDRS14G017xyE VISHAY-VDRS14G017xyE Datasheet
228Kb / 20P
   VDR Metal Oxide Varistors Standard
Revision: 19-Jun-15
VDRS14G017XYE VISHAY-VDRS14G017XYE Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
More results

Similar Description - VDRS14D017XYE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2322-592-2006 VISHAY-2322-592-2006 Datasheet
281Kb / 14P
   The varistors consist of a disc of low-ceramic material with two tinned solid copper leads.
Revision: 10-Oct-03
logo
Belden Inc.
133107A BELDEN-133107A Datasheet
87Kb / 3P
   TWO 22 AWG (7X30) TINNED COPPER, DATALENE
logo
List of Unclassifed Man...
RL2005-27K ETC2-RL2005-27K Datasheet
45Kb / 2P
   Uncoated Disc With Radial Leads
1347358 ETC2-1347358 Datasheet
96Kb / 2P
   22 AWG solid tinned copper conductors, PVC insulation,
1351662 ETC2-1351662 Datasheet
100Kb / 3P
   22 AWG solid tinned copper conductors, polypropylene insulation
logo
Pasternack Enterprises,...
PE-SR405TN-STRAIGHT PASTERNACK-PE-SR405TN-STRAIGHT Datasheet
367Kb / 3P
   RG405 Tinned Coax Cable with Tinned Copper Outer Conductor
PE-SR402TN-STRAIGHT PASTERNACK-PE-SR402TN-STRAIGHT Datasheet
373Kb / 3P
   RG402 Tinned Coax Cable with Tinned Copper Outer Conductor
logo
List of Unclassifed Man...
1351827 ETC2-1351827 Datasheet
101Kb / 3P
   22 AWG solid tinned copper conductors, twisted pairs, Datalene
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
   AWG Tinned Copper
logo
List of Unclassifed Man...
1351271 ETC2-1351271 Datasheet
102Kb / 3P
   22 AWG solid tinned copper conductors, twisted pairs, Datalene insulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com