Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDRS05G017XYE Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VDRS05G017XYE
Description  a disc of low-ß ceramic material with two tinned solid copper leads
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRS05G017XYE Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button VDRS05G017XYE Datasheet HTML 3Page - Vishay Siliconix VDRS05G017XYE Datasheet HTML 4Page - Vishay Siliconix VDRS05G017XYE Datasheet HTML 5Page - Vishay Siliconix VDRS05G017XYE Datasheet HTML 6Page - Vishay Siliconix VDRS05G017XYE Datasheet HTML 7Page - Vishay Siliconix VDRS05G017XYE Datasheet HTML 8Page - Vishay Siliconix VDRS05G017XYE Datasheet HTML 9Page - Vishay Siliconix VDRS05G017XYE Datasheet HTML 10Page - Vishay Siliconix VDRS05G017XYE Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
www.vishay.com
For technical questions, contact: nlr@vishay.com
Document Number: 29081
22
Revision: 09-Oct-08
2381 59. ...../VDRS.......E
Vishay BCcomponents
Varistors
Note
(1) Except for 35 and 40 V = 1000 pieces
DIMENSIONS OF AMMOPACK in millimeters
VARISTORS ON TAPE IN AMMOPACK
TYPE
2381 592 .....
Ø 5 mm
14 V to 460 V
2381 593 .....
Ø 7mm
14 V to 460 V
2381 594 .....
Ø 10 mm
14 V to 550 V
2381 595 .....
Ø 14 mm
14V to 550 V
Straight leads
H = 18 mm
-
-
0...7
0...7
H = 20 mm
0...7
0...7
-
-
See drawing Taped version with straight leads
Straight leads with flange
H0 = 16 mm
1...7
1...7
-
-
H0 = 18.25 mm
2...7
2...7
-
-
See drawing Taped version with flanged leads
Kinked leads
H0 = 18.25 mm
3...7
3...7
3...7
3...7
H0 = 16 mm
8...7
8...7
8...7
8...7
See drawing Taped version with kinked leads
Packing quantities
14 V to 210 V
1500 (1)
1500 (1)
500
500
230 V to max. V
1000
1000
500
500
340 max.
52 or 55 max.
250
max.


Similar Part No. - VDRS05G017XYE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRS05A014xyE VISHAY-VDRS05A014xyE Datasheet
228Kb / 20P
   VDR Metal Oxide Varistors Standard
Revision: 19-Jun-15
VDRS05A014XYE VISHAY-VDRS05A014XYE Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
VDRS05A017xyE VISHAY-VDRS05A017xyE Datasheet
228Kb / 20P
   VDR Metal Oxide Varistors Standard
Revision: 19-Jun-15
VDRS05A017XYE VISHAY-VDRS05A017XYE Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
VDRS05A020xyE VISHAY-VDRS05A020xyE Datasheet
228Kb / 20P
   VDR Metal Oxide Varistors Standard
Revision: 19-Jun-15
More results

Similar Description - VDRS05G017XYE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2322-592-2006 VISHAY-2322-592-2006 Datasheet
281Kb / 14P
   The varistors consist of a disc of low-ceramic material with two tinned solid copper leads.
Revision: 10-Oct-03
logo
Belden Inc.
133107A BELDEN-133107A Datasheet
87Kb / 3P
   TWO 22 AWG (7X30) TINNED COPPER, DATALENE
logo
List of Unclassifed Man...
RL2005-27K ETC2-RL2005-27K Datasheet
45Kb / 2P
   Uncoated Disc With Radial Leads
1347358 ETC2-1347358 Datasheet
96Kb / 2P
   22 AWG solid tinned copper conductors, PVC insulation,
1351662 ETC2-1351662 Datasheet
100Kb / 3P
   22 AWG solid tinned copper conductors, polypropylene insulation
logo
Pasternack Enterprises,...
PE-SR405TN-STRAIGHT PASTERNACK-PE-SR405TN-STRAIGHT Datasheet
367Kb / 3P
   RG405 Tinned Coax Cable with Tinned Copper Outer Conductor
PE-SR402TN-STRAIGHT PASTERNACK-PE-SR402TN-STRAIGHT Datasheet
373Kb / 3P
   RG402 Tinned Coax Cable with Tinned Copper Outer Conductor
logo
List of Unclassifed Man...
1351827 ETC2-1351827 Datasheet
101Kb / 3P
   22 AWG solid tinned copper conductors, twisted pairs, Datalene
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
   AWG Tinned Copper
logo
List of Unclassifed Man...
1351271 ETC2-1351271 Datasheet
102Kb / 3P
   22 AWG solid tinned copper conductors, twisted pairs, Datalene insulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com