Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDRH07GO25XYE Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VDRH07GO25XYE
Description  High Surge Suppression Varistors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRH07GO25XYE Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button VDRH07GO25XYE Datasheet HTML 3Page - Vishay Siliconix VDRH07GO25XYE Datasheet HTML 4Page - Vishay Siliconix VDRH07GO25XYE Datasheet HTML 5Page - Vishay Siliconix VDRH07GO25XYE Datasheet HTML 6Page - Vishay Siliconix VDRH07GO25XYE Datasheet HTML 7Page - Vishay Siliconix VDRH07GO25XYE Datasheet HTML 8Page - Vishay Siliconix VDRH07GO25XYE Datasheet HTML 9Page - Vishay Siliconix VDRH07GO25XYE Datasheet HTML 10Page - Vishay Siliconix VDRH07GO25XYE Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
www.vishay.com
For technical questions, contact: nlr@vishay.com
Document Number: 29082
40
Revision: 09-Oct-08
2381 58. ...../VDRH.......E
Vishay BCcomponents
High Surge Suppression Varistors
DIMENSIONS in millimeters: see Component Dimensions and Catalog Numbers Table
VARISTORS IN BULK
TYPE
2381 582 .....
Ø 5mm
11 V to 460 V
2381 583 .....
Ø 7 mm
11 V to 510 V
2381 584 .....
Ø 10 mm
11 V to 680 V
2381 585 .....
Ø 14 mm
11 V to 680 V
2381 586 .....
Ø 20 mm
11 V to 680 V
Straight leads; see Outline of components
with straight leads drawing
5...6
5...6
5...6
5...6
5...6
Kinked leads; see Outline of components
with kinked leads drawing
6...6
6...6
6...6
6...6
6...6
Packing quantities
14 V to 95 V
250
250
250
100
50
130 V to 385 V
250
250
250
100
50
420 V to 460 V
250
250
200
100
50
485 V to max. V
-
250
150
100
50
D
d
F
T
A
L
Outline of component with straight leads
A
0
T
L
1 min.
D
F
d
Outline of component with kinked leads


Similar Part No. - VDRH07GO25XYE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH07D011xyE VISHAY-VDRH07D011xyE Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
VDRH07D011XYE VISHAY-VDRH07D011XYE Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH07D014xyE VISHAY-VDRH07D014xyE Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
VDRH07D014XYE VISHAY-VDRH07D014XYE Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH07D017xyE VISHAY-VDRH07D017xyE Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
More results

Similar Description - VDRH07GO25XYE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH VISHAY-VDRH_V01 Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH10G040BKE VISHAY-VDRH10G040BKE Datasheet
245Kb / 20P
   VDR Metal Oxide Varistors High Surge
Revision: 29-Oct-12
VDRH VISHAY-VDRH Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
logo
List of Unclassifed Man...
SVC471D ETC1-SVC471D Datasheet
2Mb / 17P
   CERAMIC SURGE ABSORBERS (VARISTORS)
CNR-07D241K ETC1-CNR-07D241K Datasheet
1Mb / 24P
   METAL OXIDE VARISTORS TRANSIENT / SURGE ABSORBERS
logo
Panasonic Semiconductor
ERZ-V10D390 PANASONIC-ERZ-V10D390 Datasheet
4Mb / 30P
   Varistors (ZNR Surge Absorber) Type D
14-Dec-20
logo
Littelfuse
LVSP0015TXR LITTELFUSE-LVSP0015TXR Datasheet
253Kb / 2P
   LVSP Surge Suppression Fuse
Rev: 081220
V22CH8 LITTELFUSE-V22CH8 Datasheet
301Kb / 5P
   Surface Mount Varistors - Transient Voltage Surge Suppressor
logo
Kemet Corporation
VG0603S020R014 KEMET-VG0603S020R014 Datasheet
1Mb / 13P
   Surface Mount Varistors VG Series ESD Suppression
logo
Vishay Siliconix
VDRUS VISHAY-VDRUS Datasheet
179Kb / 15P
   VDR Metal Oxide Varistors Ultra Surge High Operating Temperature 125 °C
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com