Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDRH20GO25XYE Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VDRH20GO25XYE
Description  High Surge Suppression Varistors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRH20GO25XYE Datasheet(HTML) 4 Page - Vishay Siliconix

  VDRH20GO25XYE Datasheet HTML 1Page - Vishay Siliconix VDRH20GO25XYE Datasheet HTML 2Page - Vishay Siliconix VDRH20GO25XYE Datasheet HTML 3Page - Vishay Siliconix VDRH20GO25XYE Datasheet HTML 4Page - Vishay Siliconix VDRH20GO25XYE Datasheet HTML 5Page - Vishay Siliconix VDRH20GO25XYE Datasheet HTML 6Page - Vishay Siliconix VDRH20GO25XYE Datasheet HTML 7Page - Vishay Siliconix VDRH20GO25XYE Datasheet HTML 8Page - Vishay Siliconix VDRH20GO25XYE Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Document Number: 29082
For technical questions, contact: nlr@vishay.com
www.vishay.com
Revision: 09-Oct-08
37
2381 58. ...../VDRH.......E
High Surge Suppression Varistors
Vishay BCcomponents
230
620
5.0
16.0
800
70
2381 582 x231y
VDRH05E230xyE
595
10.0
32.0
1750
170
2381 583 x231y
VDRH07K230xyE
300
360
595
25.0
65.0
3500
320
2381 584 x231y
VDRH10S230xyE
595
50.0
130.0
6000
540
2381 585 x231y
VDRH14V230xyE
595
100.0
255.0
10 000
1100
2381 586 x231y
VDRH20X230ByE
250
675
5.0
17.0
800
60
2381 582 x251y
VDRH05E250xyE
650
10.0
35.0
1750
160
2381 583 x251y
VDRH07K250xyE
320
390
650
25.0
70.0
3500
300
2381 584 x251y
VDRH10S250xyE
650
50.0
140.0
6000
480
2381 585 x251y
VDRH14V250xyE
650
100.0
275.0
10 000
960
2381 586 x251y
VDRH20X250ByE
275
745
5.0
20.0
800
55
2381 582 x271y
VDRH05E275xyE
710
10.0
40.0
1750
140
2381 583 x271y
VDRH07K275xyE
350
430
710
25.0
80.0
3500
270
2381 584 x271y
VDRH10S275xyE
710
50.0
155.0
6000
440
2381 585 x271y
VDRH14V275xyE
710
100.0
303.0
10 000
900
2381 586 x271y
VDRH20X275ByE
300
810
5.0
21.0
800
50
2381 582 x301y
VDRH05E300xyE
775
10.0
42.0
1750
130
2381 583 x301y
VDRH07K300xyE
385
470
775
25.0
85.0
3500
240
2381 584 x301y
VDRH10S300xyE
775
50.0
175.0
6000
400
2381 585 x301y
VDRH14V300xyE
775
100.0
350.0
10 000
810
2381 586 x301y
VDRH20X300ByE
320
420
510
880
5.0
22.0
800
45
2381 582 x321y
VDRH05E320xyE
842
10.0
45.0
1750
120
2381 583 x321y
VDRH07K320xyE
842
25.0
92.0
3500
220
2381 584 x321y
VDRH10S320xyE
842
50.0
190.0
6000
370
2381 585 x321y
VDRH14V320xyE
842
100.0
382.0
10 000
750
2381 586 x321y
VDRH20X320ByE
350
460
560
940
5.0
25.0
800
42
2381 582 x351y
VDRH05E350xyE
920
10.0
51.0
1750
110
2381 583 x351y
VDRH07K350xyE
920
25.0
102.0
3500
200
2381 584 x351y
VDRH10S350xyE
920
50.0
205.0
6000
320
2381 585 x351y
VDRH14V350xyE
920
100.0
410.0
10 000
650
2381 586 x351y
VDRH20X350ByE
385
505
620
1050
5.0
27.0
800
40
2381 582 x381y
VDRH05E385xyE
1025
10.0
54.0
1750
95
2381 583 x381y
VDRH07K385xyE
1025
25.0
107.0
3500
180
2381 584 x381y
VDRH10S385xyE
1025
50.0
215.0
6000
280
2381 585 x381y
VDRH14V385xyE
1025
100.0
420.0
10 000
570
2381 586 x381y
VDRH20X385ByE
420
560
680
1150
5.0
28.0
800
35
2381 582 x421y
VDRH05E420xyE
1120
10.0
56.0
1750
85
2381 583 x421y
VDRH07K420xyE
1120
25.0
112.0
3500
165
2381 584 x421y
VDRH10S420xyE
1120
50.0
225.0
6000
250
2381 585 x421y
VDRH14V420xyE
1120
100.0
430.0
10 000
510
2381 586 x421y
VDRH20X420ByE
460
615
750
1290
5.0
29.0
800
30
2381 582 x461y
VDRH05E460xyE
1240
10.0
58.0
1750
75
2381 583 x461y
VDRH07K460xyE
1240
25.0
115.0
3500
150
2381 584 x461y
VDRH10S460xyE
1240
50.0
230.0
6000
225
2381 585 x461y
VDRH14V460xyE
1240
100.0
440.0
10 000
450
2381 586 x461y
VDRH20X460ByE
ELECTRICAL DATA AND ORDERING INFORMATION
MAXIMUM
CONTINUOUS
VOLTAGE
VOLTAGE (3)
at 1 mA
MAXIMUM
VOLTAGE
at STATED
CURRENT
MAXIMUM
ENERGY (4)
(10 X 1000 µS)
MAXIMUM
NON-REP.
TRANSIENT
CURRENT (5)
INRP (8 x 20 µs)
TYPICAL
CAPACITANCE
at 1 kHz
CATALOG NUMBERS (1)
RMS (2)
(V)
DC
(V)
(V)
V
(V)
I
(A)
(J)
(A)
(pF)
12 NC (6)
SAP (7)


Similar Part No. - VDRH20GO25XYE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH20R014ByE VISHAY-VDRH20R014ByE Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
VDRH20R014BYE VISHAY-VDRH20R014BYE Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH20R017ByE VISHAY-VDRH20R017ByE Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
VDRH20R017BYE VISHAY-VDRH20R017BYE Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH20R020ByE VISHAY-VDRH20R020ByE Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
More results

Similar Description - VDRH20GO25XYE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH VISHAY-VDRH_V01 Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH10G040BKE VISHAY-VDRH10G040BKE Datasheet
245Kb / 20P
   VDR Metal Oxide Varistors High Surge
Revision: 29-Oct-12
VDRH VISHAY-VDRH Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
logo
List of Unclassifed Man...
SVC471D ETC1-SVC471D Datasheet
2Mb / 17P
   CERAMIC SURGE ABSORBERS (VARISTORS)
CNR-07D241K ETC1-CNR-07D241K Datasheet
1Mb / 24P
   METAL OXIDE VARISTORS TRANSIENT / SURGE ABSORBERS
logo
Panasonic Semiconductor
ERZ-V10D390 PANASONIC-ERZ-V10D390 Datasheet
4Mb / 30P
   Varistors (ZNR Surge Absorber) Type D
14-Dec-20
logo
Littelfuse
LVSP0015TXR LITTELFUSE-LVSP0015TXR Datasheet
253Kb / 2P
   LVSP Surge Suppression Fuse
Rev: 081220
V22CH8 LITTELFUSE-V22CH8 Datasheet
301Kb / 5P
   Surface Mount Varistors - Transient Voltage Surge Suppressor
logo
Kemet Corporation
VG0603S020R014 KEMET-VG0603S020R014 Datasheet
1Mb / 13P
   Surface Mount Varistors VG Series ESD Suppression
logo
Vishay Siliconix
VDRUS VISHAY-VDRUS Datasheet
179Kb / 15P
   VDR Metal Oxide Varistors Ultra Surge High Operating Temperature 125 °C
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com