Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBLA005 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GBLA005
Description  Glass Passivated Single-Phase Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GBLA005 Datasheet(HTML) 2 Page - Vishay Siliconix

  GBLA005 Datasheet HTML 1Page - Vishay Siliconix GBLA005 Datasheet HTML 2Page - Vishay Siliconix GBLA005 Datasheet HTML 3Page - Vishay Siliconix GBLA005 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GBLA005 thru GBLA10
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88610
Revision: 30-Apr-08
2
Notes:
(1) Unit mounted on 3.0 x 3.0 x 0.11" thick (7.5 x 7.5 x 0.3 cm) aluminum plate
(2) Unit mounted on P.C.B. at 0.375" (9.5 mm) lead length and 0.5 x 0.5" (12 x 12 mm) copper pads
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
GBLA005 GBLA01 GBLA02 GBLA04 GBLA06 GBLA08 GBLA10
UNIT
Maximum
instantaneous
forward voltage
drop per diode
4.0 A
VF
1.0
V
Maximum DC
reverse current at
rated DC blocking
voltage per diode
TA = 25 °C
TA = 125 °C
IR
5.0
500
µA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
GBLA005 GBLA01
GBLA02
GBLA04
GBLA06
GBLA08 GBLA10
UNIT
Typical thermal resistance
RθJA
RθJC
47 (2)
10 (1)
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
GBLA06-E3/45
2.133
45
20
Tube
GBLA06-E3/51
2.133
51
400
Anti-static PVC tray
Figure 1. Derating Curves Output Rectified Current
0
50
100
150
0
5.0
4.0
3.0
2.0
1.0
60 Hz Resistive or Inductive Load
Heat-Sink Mounting
3.0 x 3.0 x 0.11" Thick
(7.5 x 7.5 x 0.3 cm)
Aluminum Plate
P.C.B. Mounted
0.47 x 0.47" (12 x 12 mm)
Copper Pads with 0.375"
(9.5 mm) Lead Length
Ambient Temperature (°C)
Figure 2. Maximum Non-Repetitive Peak Forward Surge
Current Per Diode
1
10
100
0
50
150
100
Number of Cycles at 60 Hz
T
J = TJ Max.
Single Sine-Wave
1.0 Cycle


Similar Part No. - GBLA005

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GBLA005 VISHAY-GBLA005 Datasheet
23Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
19-Feb-02
logo
MIC GROUP RECTIFIERS
GBLA005 MIC-GBLA005 Datasheet
65Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
GBLA005 TSC-GBLA005 Datasheet
52Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Gulf Semiconductor
GBLA005 GULFSEMI-GBLA005 Datasheet
186Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:4.0A
logo
Taiwan Semiconductor Co...
GBLA005 TSC-GBLA005 Datasheet
214Kb / 4P
   Glass Passivated Single Phase Bridge Rectifiers
More results

Similar Description - GBLA005

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com