Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

202S150KBO1 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 202S150KBO1
Description  1 3/4 (44.5 mm) Single Turn Wirewound Precision Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

202S150KBO1 Datasheet(HTML) 4 Page - Vishay Siliconix

  202S150KBO1 Datasheet HTML 1Page - Vishay Siliconix 202S150KBO1 Datasheet HTML 2Page - Vishay Siliconix 202S150KBO1 Datasheet HTML 3Page - Vishay Siliconix 202S150KBO1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - 202S150KBO1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
202S1103103XXXX VISHAY-202S1103103XXXX Datasheet
116Kb / 4P
   1 3/4" (44.5 mm) Single Turn Wirewound Precision Potentiometer
01-Jan-2022
202S1103222XXXX VISHAY-202S1103222XXXX Datasheet
116Kb / 4P
   1 3/4" (44.5 mm) Single Turn Wirewound Precision Potentiometer
01-Jan-2022
202S1103470XXXX VISHAY-202S1103470XXXX Datasheet
116Kb / 4P
   1 3/4" (44.5 mm) Single Turn Wirewound Precision Potentiometer
01-Jan-2022
202S1222103XXXX VISHAY-202S1222103XXXX Datasheet
116Kb / 4P
   1 3/4" (44.5 mm) Single Turn Wirewound Precision Potentiometer
01-Jan-2022
202S1222222XXXX VISHAY-202S1222222XXXX Datasheet
116Kb / 4P
   1 3/4" (44.5 mm) Single Turn Wirewound Precision Potentiometer
01-Jan-2022
More results

Similar Description - 202S150KBO1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
202 VISHAY-202 Datasheet
116Kb / 4P
   1 3/4" (44.5 mm) Single Turn Wirewound Precision Potentiometer
01-Jan-2022
MODEL208 VISHAY-MODEL208 Datasheet
115Kb / 4P
   1 3/4 (44.5 mm) Single Turn Conductive Plastic Precision Potentiometer
Revision: 04-Mar-08
MODEL402 VISHAY-MODEL402 Datasheet
273Kb / 4P
   3 (76.2 mm) Single Turn Wirewound Precision Potentiometer
Revision: 15-Jun-07
208 VISHAY-208 Datasheet
103Kb / 4P
   1 3/4" (44.5 mm) Single Turn Conductive Plastic Precision PotentiometerS
01-Jan-2022
MODEL122 VISHAY-MODEL122 Datasheet
277Kb / 4P
   1 1/16 (27 mm) Single Turn Wirewound Precision Potentiometer
Revision: 03-Jul-07
logo
Bi technologies
5710 BITECH-5710 Datasheet
120Kb / 4P
   3 Diameter Single Turn Wirewound Precision Potentiometer
logo
Vishay Siliconix
MODEL100 VISHAY-MODEL100 Datasheet
289Kb / 4P
   1 5/16 (33.3 mm) Single Turn Wirewound Precision Potentiometer
Revision: 28-Jun-07
702 VISHAY-702 Datasheet
103Kb / 4P
   (22.2 mm) Single Turn Wirewound (Precision Potentiometer)s
01-Jan-2022
302 VISHAY-302_V01 Datasheet
99Kb / 4P
   2" (50.8 mm) Single Turn Wirewound Precision Potentiometer
01-Jan-2022
302 VISHAY-302 Datasheet
101Kb / 4P
   2" (50.8 mm) Single Turn Wirewound Precision Potentiometer
Revision: 22-Nov-16
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com