Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MALIEYC07AV447E02 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MALIEYC07AV447E02
Description  Aluminum Capacitors Power Printed Wiring Style
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALIEYC07AV447E02 Datasheet(HTML) 3 Page - Vishay Siliconix

  MALIEYC07AV447E02 Datasheet HTML 1Page - Vishay Siliconix MALIEYC07AV447E02 Datasheet HTML 2Page - Vishay Siliconix MALIEYC07AV447E02 Datasheet HTML 3Page - Vishay Siliconix MALIEYC07AV447E02 Datasheet HTML 4Page - Vishay Siliconix MALIEYC07AV447E02 Datasheet HTML 5Page - Vishay Siliconix MALIEYC07AV447E02 Datasheet HTML 6Page - Vishay Siliconix MALIEYC07AV447E02 Datasheet HTML 7Page - Vishay Siliconix MALIEYC07AV447E02 Datasheet HTML 8Page - Vishay Siliconix MALIEYC07AV447E02 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 25138
224
Revision: 03-Nov-08
EYC
Vishay Roederstein
Aluminum Capacitors
Power Printed Wiring Style
Note
(1) Unless otherwise specified, all electrical values apply at
Ta = 20 °C, P = 80 kPa to 120 kPa, RH = 45 % to 75 %
ORDERING EXAMPLE
MALIEYC07AB447G02
= MALIEYC 4700 µF/40 V
25 mm x 40 mm, fully insulated
Length of the snap-in pins: 4 ± 0.5 mm
The 13th place of ordering code refers to the kind of
insulation:
MALIEYC07...02
2 = fully insulated
On special request only:
MALIEYC07...01
1 = sleeve insulation
The 14th place ( ) is an intercompany code.
DIMENSIONS in millimeters, AND PACKAGING QUANTITIES
NOMINAL CASE SIZE
Ø D x L
MAXIMUM SIZE
Ø Dmax. x Lmax.
PACKAGING QUANTITY
(pieces)
22 x 25
23 x 27
100
22 x 30
23 x 32
22 x 35
23 x 37
22 x 40
23 x 42
25 x 30
26 x 32
25 x 35
26 x 37
25 x 40
26 x 42
25 x 50
26 x 52
30 x 30
31 x 32
30 x 35
31 x 37
30 x 40
31 x 42
30 x 45
31 x 47
30 x 50
31 x 52
35 x 35
36 x 37
50
35 x 40
36 x 42
35 x 45
36 x 47
35 x 50
36 x 52
35 x 60
36 x 62
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 120 Hz
UR
rated voltage
tan
δ
max. dissipation factor at 120 Hz
RESR
max. equivalent series resistance at 120 Hz
Z
max. impedance at 10 kHz
IR
rated alternating current (rms), 120 Hz and upper
category temperature
T
ambient temperature
RH
relative humidity
P
ambient pressure
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
120 Hz
105
°C
(A)
tan
δ
120 Hz
max.
RESR
120 Hz
max.
(
Ω)
Z
10 kHz
max.
(
Ω)
WEIGHT
(g)
ORDERING CODE
10
4700
22 x 25
1.97
0.28
0.080
0.060
13
MALIEYC07LU447C02
6800
22 x 30
2.46
0.30
0.060
0.045
16
MALIEYC07LV468C02
10 000
22 x 40
3.32
0.31
0.045
0.035
22
MALIEYC07LB510C02
10 000
25 x 30
2.84
0.39
0.055
0.045
21
MALIEYC07AV510C02
15 000
25 x 40
3.82
0.41
0.040
0.035
28
MALIEYC07AB515C02
15 000
30 x 30
3.57
0.45
0.040
0.035
30
MALIEYC07BV515C02
22 000
25 x 50
4.73
0.49
0.030
< 0.030
35
MALIEYC07AD522C02
22 000
30 x 40
4.67
0.49
0.030
0.030
41
MALIEYC07BB522C02
33 000
30 x 50
5.76
0.57
< 0.030
< 0.030
51
MALIEYC07BD533C02
33 000
35 x 40
5.20
0.71
0.030
< 0.030
56
MALIEYC07CB533C02
47 000
35 x 50
6.29
0.81
< 0.030
< 0.030
70
MALIEYC07CD547C02


Similar Part No. - MALIEYC07AV447E02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALIEYH07AA412L02K VISHAY-MALIEYH07AA412L02K Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
MALIEYH07AA439H02K VISHAY-MALIEYH07AA439H02K Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
MALIEYH07AA468F02K VISHAY-MALIEYH07AA468F02K Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
MALIEYH07AA510E02K VISHAY-MALIEYH07AA510E02K Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
MALIEYH07AA515D02K VISHAY-MALIEYH07AA515D02K Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
More results

Similar Description - MALIEYC07AV447E02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EYV VISHAY-EYV Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
MALLEY01AV447C02W VISHAY-MALLEY01AV447C02W Datasheet
88Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
EYD VISHAY-EYD Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
EYK VISHAY-EYK_13 Datasheet
262Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 08-Apr-13
EY VISHAY-EY_13 Datasheet
101Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 09-Apr-13
EYZ VISHAY-EYZ Datasheet
468Kb / 8P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 25-Aug-08
EYK VISHAY-EYK Datasheet
89Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 02-Aug-11
053PEC-PW VISHAY-053PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
051PEC-PW VISHAY-051PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 17-Feb-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com