Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDRH10GO30XYE Datasheet(PDF) 11 Page - Vishay Siliconix

Part # VDRH10GO30XYE
Description  High Surge Suppression Varistors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRH10GO30XYE Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button VDRH10GO30XYE Datasheet HTML 7Page - Vishay Siliconix VDRH10GO30XYE Datasheet HTML 8Page - Vishay Siliconix VDRH10GO30XYE Datasheet HTML 9Page - Vishay Siliconix VDRH10GO30XYE Datasheet HTML 10Page - Vishay Siliconix VDRH10GO30XYE Datasheet HTML 11Page - Vishay Siliconix VDRH10GO30XYE Datasheet HTML 12Page - Vishay Siliconix VDRH10GO30XYE Datasheet HTML 13Page - Vishay Siliconix VDRH10GO30XYE Datasheet HTML 14Page - Vishay Siliconix VDRH10GO30XYE Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
www.vishay.com
For technical questions, contact: nlr@vishay.com
Document Number: 29082
44
Revision: 09-Oct-08
2381 58. ...../VDRH.......E
Vishay BCcomponents
High Surge Suppression Varistors
Notes
(1) Guaranteed between component and tape
(2) Cumulative pitch-error ± 1.0 mm to 20 pitches
(3) With cardboard tape from 0.5 mm ± 0.1
(4) For 2381 585 0511y and 2381 585 0551y: H = 20 ± 0.1 mm
TAPING DATA (based on “IEC 60286-2” )
SYMBOL
PARAMETER
DIMENSIONS/TOLERANCE
582
583
584
585
A
Mounting height
9.0 max.
11.0 max.
15.5 max.
19.0 max.
Ao
Mounting height
11.0 max.
13.0 max.
18.0 max.
23.0 max.
D
Body diameter
7.0 max.
9.0 max.
13.5 max.
17.0 max.
D0
Feed hole diameter
4.0 ± 0.2
d
Lead wire diameter
0.6 ± 0.05
0.8 ± 0.05
F
Lead to lead distance (1)
5.0 ± 0.5/- 0.2
7.5 ± 0.8
H
Distance component to tape center (4)
20.0 + 2.0/- 0.0
18.0 + 2.0/- 0.0
H0
Lead-wire clinch height
16.0 or 18.25 ± 0.5
Δh
Component alignment
0.0 ± 2.0
P
Component pitch
12.7 ± 1.0
25.4 ± 1.0
P0
Feed hole pitch (2)
12.7 ± 0.3
P1
Feed hole center to lead center
3.85 ± 0.7
8.95 ± 0.7
Δ p
Component alignment
0.0 ± 1.3
T
Total thickness
7.0 max.
7.0 max.
10.0 max.
11.0 max.
t
Total tape thickness (3)
1.7 max.
W
Tape width
18.0 + 1.0/- 0.5
W0
Hold down tape width
10 min.
W1
Hole position
9.0 ± 0.5
W2
Hold down tape position
3.0 max.


Similar Part No. - VDRH10GO30XYE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH10G011xyE VISHAY-VDRH10G011xyE Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
VDRH10G011XYE VISHAY-VDRH10G011XYE Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH10G014xyE VISHAY-VDRH10G014xyE Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
VDRH10G014XYE VISHAY-VDRH10G014XYE Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH10G017xyE VISHAY-VDRH10G017xyE Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
More results

Similar Description - VDRH10GO30XYE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH VISHAY-VDRH_V01 Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH10G040BKE VISHAY-VDRH10G040BKE Datasheet
245Kb / 20P
   VDR Metal Oxide Varistors High Surge
Revision: 29-Oct-12
VDRH VISHAY-VDRH Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
logo
List of Unclassifed Man...
SVC471D ETC1-SVC471D Datasheet
2Mb / 17P
   CERAMIC SURGE ABSORBERS (VARISTORS)
CNR-07D241K ETC1-CNR-07D241K Datasheet
1Mb / 24P
   METAL OXIDE VARISTORS TRANSIENT / SURGE ABSORBERS
logo
Panasonic Semiconductor
ERZ-V10D390 PANASONIC-ERZ-V10D390 Datasheet
4Mb / 30P
   Varistors (ZNR Surge Absorber) Type D
14-Dec-20
logo
Littelfuse
LVSP0015TXR LITTELFUSE-LVSP0015TXR Datasheet
253Kb / 2P
   LVSP Surge Suppression Fuse
Rev: 081220
V22CH8 LITTELFUSE-V22CH8 Datasheet
301Kb / 5P
   Surface Mount Varistors - Transient Voltage Surge Suppressor
logo
Kemet Corporation
VG0603S020R014 KEMET-VG0603S020R014 Datasheet
1Mb / 13P
   Surface Mount Varistors VG Series ESD Suppression
logo
Vishay Siliconix
VDRUS VISHAY-VDRUS Datasheet
179Kb / 15P
   VDR Metal Oxide Varistors Ultra Surge High Operating Temperature 125 °C
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com