Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

308B120KBO1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 308B120KBO1
Description  2 (50.8 mm) Single Turn Conductive Plastic Precision Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

308B120KBO1 Datasheet(HTML) 1 Page - Vishay Siliconix

  308B120KBO1 Datasheet HTML 1Page - Vishay Siliconix 308B120KBO1 Datasheet HTML 2Page - Vishay Siliconix 308B120KBO1 Datasheet HTML 3Page - Vishay Siliconix 308B120KBO1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2" (50.8 mm) Single Turn Conductive Plastic
Precision Potentiometer
Model 308
Vishay Spectrol
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 57058
38
Revision: 22-Mar-07
FEATURES
• Bushing mount and servo mount types available
• Virtually infinite resolution
• Up to 6 sections available
• Rotational life exceeds 20 million shaft revolutions
• Co-Molded track and Multi-Finger wiper provide low noise
signal
• Large ohmic value range: 500 Ω to 100 kΩ
RoHS
COMPLIANT
ELECTRICAL SPECIFICATIONS
PARAMETER
Total Resistance
Standard Range
500
Ω to 100 kΩ
Tolerance
STANDARD
± 10 %
SPECIAL
± 5 %
Linearity (Independent)
STANDARD
± 0.25 %
SPECIAL
± 0.05 %
Electrical Angle
350° ± 2°
Power Rating
Section 1
Additional Sections
2.0 W at 70 °C ambient derated to zero at 125 °C (400 VDC maximum)
75 % of the rating of section 1
Output Smoothness
0.1 % maximum
Insulation Resistance
1000 M
Ω minimum 500 V
DC
Dielectric Strength
1000 VRMS, 60 Hz
Taps (Extra)
Extra taps available as special
Phasing
Points at which output ratio is 0.5 aligned ± 1° (ref. to section 1)
Temperature Coefficient of Resistance
± 400 ppm/°C maximum
MATERIAL SPECIFICATIONS
Housing and Lids
Aluminum, anodized
Shaft and Clamp Rings
Stainless steel, non-magnetic
non-passivated
Terminals
Brass, gold plated for solderability
Bushing Mount Hardware
Lockwasher Internal Tooth:
Panel Nut:
Steel, nickel plated
Brass, nickel plated
ENVIRONMENTAL SPECIFICATIONS
Vibration
15 g thru 2000 Hz
Shock
50 g
Salt Spray
96 h
Rotational Life
Servo: 20 million shaft revolutions
Bushing: 5 million shaft revolutions
Load Life
900 h
Temperature Range
- 55 °C to + 125 °C
ORDERING INFORMATION/DESCRIPTION
The Model 308 can be ordered from this data sheet with a variety of alternate characteristics, as shown. For most rapid service on your order,
please state:
308
B
1
20K
BO1
MODEL
MOUNTING
NUMBER OF SECTIONS
TOTAL RESISTANCE OF EACH SECTION
PACKAGING
B: Bushing
S: Servo
Up to 6
Beginning with the section nearest the mounting end
Box of 1 piece
Other characteristics will be standard as described on this data sheet. If special characteristics are required, such as: special linearity tolerance,
special resistance tolerance, extra taps, non-linear functions, etc., please state these on your order and allow additional lead time for delivery.
SAP PART NUMBERING GUIDELINES
308
S
1
203
B01
MODEL
STYLE
GANG NUMBER
OHMIC VALUE GANG NO 1PACKAGING
B: Bushing
S: Servo
From 1 up to 6
20K


Similar Part No. - 308B120KBO1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
308B1222103XXXX VISHAY-308B1222103XXXX Datasheet
350Kb / 4P
   2" (50.8 mm) Single Turn Conductive Plastic Precision Potentiometer
01-Jan-2022
308B1222222XXXX VISHAY-308B1222222XXXX Datasheet
350Kb / 4P
   2" (50.8 mm) Single Turn Conductive Plastic Precision Potentiometer
01-Jan-2022
308B1222470XXXX VISHAY-308B1222470XXXX Datasheet
350Kb / 4P
   2" (50.8 mm) Single Turn Conductive Plastic Precision Potentiometer
01-Jan-2022
More results

Similar Description - 308B120KBO1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
308 VISHAY-308 Datasheet
350Kb / 4P
   2" (50.8 mm) Single Turn Conductive Plastic Precision Potentiometer
01-Jan-2022
302 VISHAY-302_V01 Datasheet
99Kb / 4P
   2" (50.8 mm) Single Turn Wirewound Precision Potentiometer
01-Jan-2022
302 VISHAY-302 Datasheet
101Kb / 4P
   2" (50.8 mm) Single Turn Wirewound Precision Potentiometer
Revision: 22-Nov-16
708 VISHAY-708 Datasheet
342Kb / 4P
   (22.2 mm) Single Turn Conductive Plastic Precision Potentiometer
01-Jan-2022
MODEL302 VISHAY-MODEL302 Datasheet
255Kb / 4P
   2 (50.8 mm) Single Turn Wirewound recision Potentiometer
Revision: 28-Jun-07
MODEL708 VISHAY-MODEL708 Datasheet
252Kb / 4P
   7/8inch (22.2 mm) Single Turn Conductive Plastic Precision Potentiometer
Revision: 02-Jul-07
128 VISHAY-128 Datasheet
347Kb / 4P
   1 1/16" (27 mm) Single Turn Conductive Plastic Precision Potentiometer
01-Jan-2022
MODEL128 VISHAY-MODEL128 Datasheet
255Kb / 4P
   1 1/16 (27 mm) Single Turn Conductive Plastic Precision Potentiometer
Revision: 04-Jul-07
MODEL208 VISHAY-MODEL208 Datasheet
115Kb / 4P
   1 3/4 (44.5 mm) Single Turn Conductive Plastic Precision Potentiometer
Revision: 04-Mar-08
logo
Bi technologies
6143 BITECH-6143 Datasheet
83Kb / 4P
   7/8 Diameter Single Turn Conductive Plastic Precision Potentiometer / Position Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com