Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

402B1100KBO1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 402B1100KBO1
Description  3 (76.2 mm) Single Turn Wirewound Precision Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

402B1100KBO1 Datasheet(HTML) 2 Page - Vishay Siliconix

  402B1100KBO1 Datasheet HTML 1Page - Vishay Siliconix 402B1100KBO1 Datasheet HTML 2Page - Vishay Siliconix 402B1100KBO1 Datasheet HTML 3Page - Vishay Siliconix 402B1100KBO1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model 402
3" (76.2 mm) Single Turn Wirewound
Precision Potentiometer
Vishay Spectrol
Document Number: 57061
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 15-Jun-07
107
Not for New Design
DIMENSIONS in inches (millimeters)
0.625
(15.88)
± 0.031
0.800 (20.32)
± 0.010
Ø 0.7500 (19.05) MTG.
+ 0.0000
- 0.0005
Ø 0.2497
(6.34)
+ 0.0000
- 0.0003
± 0.015
MTG. FACE
TYP.
45°
± 5°
1.640 R
(41.66)
MAX.
Ø 2.250 B.C (57.15)
1.700 R MAX.
(43.18)
1
2
3
8 - 32 UNC - 2B 0.187 ± 0.015
DEEP (4.15)
3 HOLES EQUALLY SPACED
(SCREW MOUNT ONLY)
0.062
(1.57)
Ø 3.000
(76.20)
SCREW MOUNT: 402C
3.000
(76.20)
± 0.15
MTG. FACE
MTG. FACE
1
Ø 2.812 MAX.
(71.42)
0.831
(21.11)
± 0.010
0.625 (15.83)
± 0.031
0.073 MIN. (1.85)
Ø 0.2497
(6.34)
Ø 3.000
(76.20)
Ø 2.8750
MTG.
(73.02)
+ 0.0000
- 0.0003
Ø 3.000
(76.20)
± 0.015
± 0.010
± 0.015
ADD 0.500 (12.70) FOR EACH ADDITIONAL SECTION.
1/
2 - 32 UNEF-2A
± 0.002
SERVO MOUNT: 402S
BUSHING MOUNT: 402B
0.705
(17.91)
0.875
(22.22)
+ 0.0000
- 0.0003
0.2497
(6.34)
+ 0.0000
- 0.0010
0.239 MIN.
(6.07)
0.375
(9.52)
0.062
(1.57)
0.340 MIN.
(8.64)
1
3
2
SCHEMATIC
CW
0.312 MIN. (7.92)
Ø 0.5937 MTG.
(15.08)
± 0.031
0.062 (1.57)
+ 0.0000
- 0.0003
0.093 (2.36)
± 0.0005
1
1
1
MECHANICAL SPECIFICATIONS
PARAMETER
Rotation
360° (continuous)
Bearing Type
Servo and Screw Mount:
Bushing Mount
Ball bearing
Sleeve bearing
Ganging
6 sections maximum
terminal alignment, added sections, within ± 10°
of section 1 terminals
Torque (Maximum)
Mounting:
Servo or Screw
1 Section
Bushing 1 Section
Each additional Section
STARTING
1.1 oz. - in (79.21 g - cm)
1.9 oz. - in (136.82 g - cm)
0.8 oz. - in (57.61 g - cm)
RUNNING
0.6 oz. - in (43.20 g - cm)
1.1 oz. - in (79.21 g - cm)
0.5 oz. - in (36.00 g - cm)
Runouts (Maximums)
Shaft (TIR/In)
Pilot dia (TIR)
Lateral (TIR)
Shaft End Play
Shaft Radial Play
SERVO
0.002" (0.05 cm)
0.002" (0.05 cm)
0.004" (0.10 cm)
0.005" (0.13 cm)
0.002" (0.05 cm)
BUSHING
0.002" (0.05 cm)
0.002" (0.05 cm)
0.005" (0.13 cm)
0.005" (0.13 cm)
0.003" (0.08 cm)
Moment of Inertia
4.0 g - cm2 per section maximum
Weight (Maximums)
Each Additional Section:
Single section: 7.0 oz. (198.45 g)
2.0 oz. (56.70 g)


Similar Part No. - 402B1100KBO1

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
402 MARATHON-402 Datasheet
597Kb / 3P
   Replace “XX” with 01 through 12 for number of poles 11/16 (.688) pitch
logo
Enercon Technologies Eu...
402 ENERCON-402 Datasheet
825Kb / 3P
   Rugged PoE Ethernet Switch with Power Distribution Capabilities
Jan 25, 2020
logo
TDK Electronics
402-OEM-10KV-NEG-3P208 TDK-402-OEM-10KV-NEG-3P208 Datasheet
142Kb / 1P
   High Voltage Power Supplies
April 11, 2022
402-OEM-10KV-NEG-3P400 TDK-402-OEM-10KV-NEG-3P400 Datasheet
142Kb / 1P
   High Voltage Power Supplies
April 11, 2022
402-OEM-10KV-POS-3P208 TDK-402-OEM-10KV-POS-3P208 Datasheet
142Kb / 1P
   High Voltage Power Supplies
April 11, 2022
More results

Similar Description - 402B1100KBO1

ManufacturerPart #DatasheetDescription
logo
Bi technologies
5710 BITECH-5710 Datasheet
120Kb / 4P
   3 Diameter Single Turn Wirewound Precision Potentiometer
logo
Vishay Siliconix
MODEL202 VISHAY-MODEL202 Datasheet
419Kb / 4P
   1 3/4 (44.5 mm) Single Turn Wirewound Precision Potentiometer
Revision: 20-Jun-07
202 VISHAY-202 Datasheet
116Kb / 4P
   1 3/4" (44.5 mm) Single Turn Wirewound Precision Potentiometer
01-Jan-2022
702 VISHAY-702 Datasheet
103Kb / 4P
   (22.2 mm) Single Turn Wirewound (Precision Potentiometer)s
01-Jan-2022
302 VISHAY-302_V01 Datasheet
99Kb / 4P
   2" (50.8 mm) Single Turn Wirewound Precision Potentiometer
01-Jan-2022
302 VISHAY-302 Datasheet
101Kb / 4P
   2" (50.8 mm) Single Turn Wirewound Precision Potentiometer
Revision: 22-Nov-16
152 VISHAY-152 Datasheet
324Kb / 4P
   7/8" (22.2 mm) Single Turn Wirewound, Precision Potentiometer
01-Jan-2022
MODEL152 VISHAY-MODEL152 Datasheet
257Kb / 4P
   7/8 (22.2 mm) Single Turn Wirewound, Precision Potentiometer
Revision: 19-Jun-07
MODEL702 VISHAY-MODEL702 Datasheet
331Kb / 4P
   7/8 (22.2 mm) Single Turn Wirewound Precision Potentiometer
Revision: 12-Jul-07
logo
Bi technologies
5610 BITECH-5610 Datasheet
102Kb / 4P
   2 Diameter Single Turn Wirewound Precision Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com