Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

357B110KABO500P22E4 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 357B110KABO500P22E4
Description  7/8 (22.2 mm) Conductive Plastic Potentiometer, Bushing Mount Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

357B110KABO500P22E4 Datasheet(HTML) 2 Page - Vishay Siliconix

  357B110KABO500P22E4 Datasheet HTML 1Page - Vishay Siliconix 357B110KABO500P22E4 Datasheet HTML 2Page - Vishay Siliconix 357B110KABO500P22E4 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model 357
Vishay Spectrol
7/8" (22.2 mm) Conductive Plastic
Potentiometer, Bushing Mount Type
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 57059
22
Revision: 15-Nov-07
DIMENSIONS in millimeters
Vishay
90.0°
REAR LID
MARKINGS ON
THIS FACE
R 45
MOUNTING
SURFACE
22.0 (FMF)
3.2
9.3
8.8
1.5
0.7
0.4 x 45°
0.8
1.6
Ø
1.56
10.3
Ø 6.35 mm SHAFT VERSION
Ø 6.0 mm SHAFT VARIATION: METRIC
TOLERANCES: LINEAR ± 0.50
ANGULAR ± 2°
HOUSING
MARKINGS ON
THIS FACE
CW
SCHEMATIC
2
3
1
ENVIRONMENTAL SPECIFICATIONS
Vibration
15 g, 10 to 2000 Hz
Shock
50 g
Load Life
1000 h
Storage Temperature Range
- 55 °C to + 125 °C
Life
5 000 000 shaft revolutions
Materials:
Housing:
Thermoplastic housing
Bushing:
Brass, nickel plated
Rear Lid:
Alumina
Shaft:
Stainless steel
Terminals:
Turret type, solder plated
Bushing Mount Hardware
Lockwasher Internal Tooth:
Steel, nickel plated
Panel Nut:
Brass nickel plated
MARKING
Unit
Indentification
Manufacturer’s name and model number,
resistance value and tolerance, linearity
specification date code and terminal
identification
RESISTANCE VALUE
Ohms
1K, 2K, 5K, 10K, 20K, 50K


Similar Part No. - 357B110KABO500P22E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
357B1103KAB050 VISHAY-357B1103KAB050 Datasheet
99Kb / 4P
   (22.2 mm) Conductive Plastic Potentiometer, Bushing Mount Type
01-Jan-2022
357B1103KAB051 VISHAY-357B1103KAB051 Datasheet
99Kb / 4P
   (22.2 mm) Conductive Plastic Potentiometer, Bushing Mount Type
01-Jan-2022
357B1103KAB059 VISHAY-357B1103KAB059 Datasheet
99Kb / 4P
   (22.2 mm) Conductive Plastic Potentiometer, Bushing Mount Type
01-Jan-2022
357B1103KAB05P VISHAY-357B1103KAB05P Datasheet
99Kb / 4P
   (22.2 mm) Conductive Plastic Potentiometer, Bushing Mount Type
01-Jan-2022
357B1103KAB05S VISHAY-357B1103KAB05S Datasheet
99Kb / 4P
   (22.2 mm) Conductive Plastic Potentiometer, Bushing Mount Type
01-Jan-2022
More results

Similar Description - 357B110KABO500P22E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MODEL357 VISHAY-MODEL357_V01 Datasheet
100Kb / 4P
   7/8" (22.2 mm) Conductive Plastic Potentiometer, Bushing Mount Type
01-Jan-2022
357 VISHAY-357_V01 Datasheet
99Kb / 4P
   (22.2 mm) Conductive Plastic Potentiometer, Bushing Mount Type
01-Jan-2022
MODEL157 VISHAY-MODEL157 Datasheet
249Kb / 3P
   7/8 (22.2 mm) Precision Industrial Potentiometer Bushing and Servo Mount Versions, Conductive Plastic
Revision: 18-Jun-07
157 VISHAY-157_V01 Datasheet
113Kb / 4P
   7/8" (22.2 mm) Precision Industrial Potentiometer, Bushing And Servo Mount Versions, Conductive Plastic
01-Jan-2022
MODEL708 VISHAY-MODEL708 Datasheet
252Kb / 4P
   7/8inch (22.2 mm) Single Turn Conductive Plastic Precision Potentiometer
Revision: 02-Jul-07
708 VISHAY-708 Datasheet
342Kb / 4P
   (22.2 mm) Single Turn Conductive Plastic Precision Potentiometer
01-Jan-2022
MODEL159 VISHAY-MODEL159 Datasheet
272Kb / 4P
   7/8 (22.2 mm) Single Turn Cermet Precision Potentiometer
Revision: 07-Sep-07
MODEL702 VISHAY-MODEL702 Datasheet
331Kb / 4P
   7/8 (22.2 mm) Single Turn Wirewound Precision Potentiometer
Revision: 12-Jul-07
MODEL152 VISHAY-MODEL152 Datasheet
257Kb / 4P
   7/8 (22.2 mm) Single Turn Wirewound, Precision Potentiometer
Revision: 19-Jun-07
152 VISHAY-152 Datasheet
324Kb / 4P
   7/8" (22.2 mm) Single Turn Wirewound, Precision Potentiometer
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com