Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MALIEYC07BB415L02 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MALIEYC07BB415L02
Description  Aluminum Capacitors Power Printed Wiring Style
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALIEYC07BB415L02 Datasheet(HTML) 4 Page - Vishay Siliconix

  MALIEYC07BB415L02 Datasheet HTML 1Page - Vishay Siliconix MALIEYC07BB415L02 Datasheet HTML 2Page - Vishay Siliconix MALIEYC07BB415L02 Datasheet HTML 3Page - Vishay Siliconix MALIEYC07BB415L02 Datasheet HTML 4Page - Vishay Siliconix MALIEYC07BB415L02 Datasheet HTML 5Page - Vishay Siliconix MALIEYC07BB415L02 Datasheet HTML 6Page - Vishay Siliconix MALIEYC07BB415L02 Datasheet HTML 7Page - Vishay Siliconix MALIEYC07BB415L02 Datasheet HTML 8Page - Vishay Siliconix MALIEYC07BB415L02 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Document Number: 25138
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 03-Nov-08
225
EYC
Aluminum Capacitors
Power Printed Wiring Style
Vishay Roederstein
16
3300
22 x 25
1.92
0.20
0.085
0.060
13
MALIEYC07LU433D02
4700
22 x 30
2.38
0.22
0.065
0.045
16
MALIEYC07LV447D02
6800
22 x 40
3.21
0.22
0.045
0.035
22
MALIEYC07LB468D02
6800
25 x 30
2.78
0.27
0.055
0.045
21
MALIEYC07AV468D02
10 000
25 x 40
3.70
0.29
0.04
0.035
28
MALIEYC07AB510D02
10 000
30 x 30
3.47
0.32
0.045
0.035
30
MALIEYC07BV510D02
15 000
25 x 50
4.60
0.34
0.035
< 0.030
35
MALIEYC07AD515D02
15 000
30 x 40
4.60
0.34
0.035
0.030
41
MALIEYC07BB515D02
22 000
30 x 50
5.73
0.39
< 0.030
< 0.030
51
MALIEYC07BD522D02
22 000
35 x 40
5.12
0.49
0.03
< 0.030
56
MALIEYC07CB522D02
33 000
35 x 50
6.29
0.59
< 0.030
< 0.030
70
MALIEYC07CD533D02
25
2200
22 x 25
1.78
0.16
0.100
0.060
13
MALIEYC07LU422E02
3300
22 x 30
2.25
0.17
0.070
0.045
16
MALIEYC07LV433E02
4700
22 x 40
3.03
0.18
0.055
0.035
22
MALIEYC07LB447E02
4700
25 x 30
2.63
0.21
0.060
0.045
21
MALIEYC07AV447E02
6800
25 x 40
3.52
0.21
0.045
0.035
28
MALIEYC07AB468E02
6800
30 x 30
3.29
0.24
0.05
0.035
30
MALIEYC07BV468E02
10 000
25 x 50
4.41
0.25
0.035
< 0.030
35
MALIEYC07AD510E02
10 000
30 x 40
4.41
0.25
0.035
0.030
41
MALIEYC07BB510E02
15 000
30 x 50
5.48
0.29
0.030
< 0.030
51
MALIEYC07BD515E02
15 000
35 x 40
4.96
0.35
0.035
< 0.030
56
MALIEYC07CB515E02
22 000
35 x 50
6.13
0.43
0.030
< 0.030
70
MALIEYC07CD522E02
40
1500
22 x 25
1.67
0.12
0.110
0.070
13
MALIEYC07LU415G02
2200
22 x 30
2.06
0.14
0.085
0.055
16
MALIEYC07LV422G02
3300
22 x 40
2.81
0.14
0.060
0.040
22
MALIEYC07LB433G02
3300
25 x 30
2.45
0.17
0.070
0.050
21
MALIEYC07AV433G02
4700
25 x 40
3.29
0.17
0.050
0.035
28
MALIEYC07AB447G02
4700
30 x 30
2.99
0.20
0.060
0.045
30
MALIEYC07BV447G02
6800
25 x 50
4.14
0.19
0.040
0.030
35
MALIEYC07AD468G02
6800
30 x 40
3.98
0.20
0.040
0.030
41
MALIEYC07BB468G02
10 000
30 x 50
5.03
0.26
0.035
< 0.030
51
MALIEYC07BD510G02
10 000
35 x 40
4.22
0.33
0.045
0.030
56
MALIEYC07CB510G02
15 000
35 x 50
5.26
0.39
0.035
< 0.030
70
MALIEYC07CD515G02
50
1000
22 x 25
1.52
0.10
0.135
0.070
13
MALIEYC07LU410H02
1500
22 x 30
1.90
0.11
0.100
0.055
16
MALIEYC07LV415H02
2200
22 x 40
2.58
0.11
0.070
0.040
22
MALIEYC07LB422H02
2200
25 x 30
2.29
0.13
0.080
0.050
21
MALIEYC07AV422H02
3300
25 x 40
3.10
0.13
0.055
0.035
28
MALIEYC07AB433H02
3300
30 x 30
2.84
0.16
0.065
0.045
30
MALIEYC07BV433H02
4700
25 x 50
3.89
0.14
0.040
0.030
35
MALIEYC07AD447H02
4700
30 x 40
3.81
0.16
0.050
0.035
41
MALIEYC07BB447H02
6800
30 x 50
4.79
0.19
0.040
< 0.030
51
MALIEYC07BD468H02
6800
35 x 40
4.05
0.24
0.050
0.035
56
MALIEYC07CB468H02
10 000
35 x 50
5.09
0.27
0.040
< 0.030
70
MALIEYC07CD510H02
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
120 Hz
105
°C
(A)
tan
δ
120 Hz
max.
RESR
120 Hz
max.
(
Ω)
Z
10 kHz
max.
(
Ω)
WEIGHT
(g)
ORDERING CODE


Similar Part No. - MALIEYC07BB415L02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALIEYH07AA412L02K VISHAY-MALIEYH07AA412L02K Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
MALIEYH07AA439H02K VISHAY-MALIEYH07AA439H02K Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
MALIEYH07AA468F02K VISHAY-MALIEYH07AA468F02K Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
MALIEYH07AA510E02K VISHAY-MALIEYH07AA510E02K Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
MALIEYH07AA515D02K VISHAY-MALIEYH07AA515D02K Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
More results

Similar Description - MALIEYC07BB415L02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EYV VISHAY-EYV Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
MALLEY01AV447C02W VISHAY-MALLEY01AV447C02W Datasheet
88Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
EYD VISHAY-EYD Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
EYK VISHAY-EYK_13 Datasheet
262Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 08-Apr-13
EY VISHAY-EY_13 Datasheet
101Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 09-Apr-13
EYZ VISHAY-EYZ Datasheet
468Kb / 8P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 25-Aug-08
EYK VISHAY-EYK Datasheet
89Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 02-Aug-11
053PEC-PW VISHAY-053PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
051PEC-PW VISHAY-051PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 17-Feb-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com