Electronic Components Datasheet Search |
|
TP3D227 Datasheet(PDF) 4 Page - Vishay Siliconix |
|
TP3D227 Datasheet(HTML) 4 Page - Vishay Siliconix |
4 / 12 page www.vishay.com For technical questions, contact: tantalum@vishay.com Document Number: 40116 56 Revision: 04-Jun-08 TP3 Vishay Sprague Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance 6.3 VDC AT + 85 °C, 4 VDC AT + 125 °C 47 B TP3B476(1)6R3(2)1900AS 2.8 6 1.900 0.21 47 B TP3B476(1)6R3(2)0550AS 2.8 6 0.550 0.39 47 B TP3B476(1)6R3(2)0500AS 2.8 6 0.500 0.41 47 C TP3C476(1)6R3(2)1400AS 2.8 6 1.400 0.28 47 C TP3C476(1)6R3(2)0300AS 2.8 6 0.300 0.61 47 D TP3D476(1)6R3(2)0800AS 2.8 6 0.800 0.43 47 D TP3D476(1)6R3(2)0200AS 2.8 6 0.200 0.87 68 B TP3B686(1)6R3(2)1800AS 4.1 6 1.800 0.22 68 B TP3B686(1)6R3(2)0550AS 4.1 6 0.550 0.39 68 C TP3C686(1)6R3(2)0800AS 4.1 6 0.800 0.37 68 C TP3C686(1)6R3(2)0275AS 4.1 6 0.275 0.63 68 D TP3D686(1)6R3(2)0700AS 4.1 6 0.700 0.46 68 D TP3D686(1)6R3(2)0200AS 4.1 6 0.200 0.87 100 C TP3C107(1)6R3(2)0800AS 6.0 6 0.800 0.37 100 C TP3C107(1)6R3(2)0250AS 6.0 6 0.250 0.66 100 D TP3D107(1)6R3(2)0700AS 6.0 6 0.700 0.46 100 D TP3D107(1)6R3(2)0140AS 6.0 6 0.140 1.04 150 C TP3C157(1)6R3(2)0700AS 9.0 8 0.700 0.40 150 C TP3C157(1)6R3(2)0200AS 9.0 8 0.200 0.74 150 D TP3D157(1)6R3(2)0600AS 9.0 8 0.600 0.60 150 D TP3D157(1)6R3(2)0150AS 9.0 8 0.150 1.10 220 D TP3D227(1)6R3(2)0600AS 13.2 8 0.600 0.50 220 D TP3D227(1)6R3(2)0100AS 13.2 8 0.100 1.22 220 E TP3E227(1)6R3(2)0500AS 13.2 8 0.500 0.57 220 E TP3E227(1)6R3(2)0100AS 13.2 8 0.100 1.28 330 D TP3D337(1)6R3(2)0600AS 19.8 8 0.600 0.50 330 D TP3D337(1)6R3(2)0125AS 19.8 8 0.125 1.10 330 E TP3E337(1)6R3(2)0500AS 19.8 8 0.500 0.57 330 E TP3E337(1)6R3(2)0100AS 19.8 8 0.100 1.28 470 E TP3E477(1)6R3(2)0500AS 28.2 10 0.500 0.57 470 E TP3E477(1)6R3(2)0100AS 28.2 10 0.100 1.28 10 VDC AT + 85 °C, 7 VDC AT + 125 °C 1.5 A TP3A155(1)010(2)8000AS 0.5 6 8.000 0.10 1.5 A TP3A155(1)010(2)6000AS 0.5 6 6.000 0.11 2.2 A TP3A225(1)010(2)6300AS 0.5 6 6.300 0.11 3.3 A TP3A335(1)010(2)5500AS 0.5 6 5.500 0.12 4.7 A TP3A475(1)010(2)5000AS 0.5 6 5.000 0.12 4.7 A TP3A475(1)010(2)3000AS 0.5 6 3.000 0.16 4.7 B TP3B475(1)010(2)3400AS 0.5 6 3.400 0.16 4.7 B TP3B475(1)010(2)1500AS 0.5 6 1.500 0.24 6.8 A TP3A685(1)010(2)4200AS 0.7 6 4.200 0.13 6.8 A TP3A685(1)010(2)3000AS 0.7 6 3.000 0.16 6.8 B TP3B685(1)010(2)2900AS 0.7 6 2.900 0.17 6.8 B TP3B685(1)010(2)1200AS 0.7 6 1.200 0.27 Notes • (1) Tolerance: K, M • (2) Terminations and Packaging: C, D, E, F RATINGS AND PART NUMBER REFERENCE CAPACITANCE (µF) CASE CODE PART NUMBER MAX. DC LEAKAGE AT + 25 °C (µA) MAX. DF AT + 25 °C (%) MAX. ESR AT + 25 °C 100 kHz ( Ω) MAX. RIPPLE 100 kHz Irms (A) |
Similar Part No. - TP3D227 |
|
Similar Description - TP3D227 |