Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP3E227 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TP3E227
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP3E227 Datasheet(HTML) 2 Page - Vishay Siliconix

  TP3E227 Datasheet HTML 1Page - Vishay Siliconix TP3E227 Datasheet HTML 2Page - Vishay Siliconix TP3E227 Datasheet HTML 3Page - Vishay Siliconix TP3E227 Datasheet HTML 4Page - Vishay Siliconix TP3E227 Datasheet HTML 5Page - Vishay Siliconix TP3E227 Datasheet HTML 6Page - Vishay Siliconix TP3E227 Datasheet HTML 7Page - Vishay Siliconix TP3E227 Datasheet HTML 8Page - Vishay Siliconix TP3E227 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40116
54
Revision: 04-Jun-08
TP3
Vishay Sprague
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® Molded Case, High Performance
Note:
ESR limits in Ohms shown in parenthesis
RATINGS AND CASE CODES
µF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
0.10
A (20.00, 10.00) A (19.00, 10.00)
0.15
A (18.00, 6.00)
A (17.00, 10.00)
B( 14.00, 9.00)
0.22
A (15.00, 6.00)
A (15.00)
B (12.00, 8.50)
0.33
A (13.00, 6.00)
A (14.00)
B (10.00, 4.50)
0.47
A (12.00, 9.00)
A (10.00, 4.00)
B (8.00, 2.50)
B (8.40, 4.00)
0.68
A (10.00, 8.00)
A (8.40)
B (7.00, 5.00)
A (7.60, 4.00)
B (6.50, 2.50)
B (7.60)
1.0
A (9.30, 6.00)
A (8.40, 5.50)
A (7.60, 4.00)
B (5.00, 2.00)
A (7.50, 4.00)
B (5.00, 2.00)
B (6.70, 2.00)
C (4.60, 1.60)
1.5
A (8.00, 6.00)
A (6.70, 6.00)
A (6.30)
A (6.70, 4.00)
B (4.60, 2.00)
B (4.20, 2.00)
C (3.80, 0.90)
C (3.40, 1.50)
2.2
A (7.60, 6.00)
A (6.30)
A (5.90)
B (4.60, 2.50)
A (5.90, 4.00)
B (3.50, 1.50)
A (6.30, 4.00)
B (3.80, 1.50)
B (3.80, 2.00)
C (2.90, 0.90)
C (2.90, 1.50)
D (2.10, 0.80)
3.3
A (6.30, 5.00)
A (5.50)
A (5.00, 3.50)
B (3.50, 2.00)
A (5.90, 4.00)
B (3.00, 1.30)
B (3.10, 1.50)
C (2.30, 1.00)
B (3.50)
C (2.10, 0.70)
C (2.50, 1.50)
D (1.70, 0.80)
4.7
A (5.50, 3.50)
A (5.00, 3.00)
B (3.40, 1.50)
A (5.00, 2.50)
B (2.90, 1.50)
A (5.00, 3.50)
B (2.90, 1.00)
C (2.30, 0.60)
B (2.80, 1.50)
C (2.00, 0.525)
B (3.10, 1.50)
C (1.90, 0.50)
D (1.30, 0.45)
D (1.20, 0.60)
6.8
A (5.00)
A (4.20, 3.00)
B (2.90, 1.20)
A (4.20, 3.00)
B (2.50)
C (1.90, 0.60)
B (2.50, 1.00)
C (1.90, 0.55)
B (2.40)
C (1.70, 0.50)
C (1.80, 0.475)
D (1.10, 0.30)
D (0.90, 0.60)
10
A (3.40, 2.00)
B (2.90, 1.00)
A (3.40, 2.00)
B (2.50)
C (1.80, 0.55)
A (3.00, 1.70)
B (2.00, 0.80)
C (1.80, 0.45)
B (2.50, 1.00)
C (1.70, 0.45)
C (1.50, 0.45)
D (1.00, 0.30)
C (1.60, 0.45)
D (0.80, 0.30,
0.135)
D (0.80, 0.55)
E (0.80, 0.55)
15
A (2.90, 2.00)
B (2.50)
A (2.90, 2.00)
B (2.00, 0.70)
C (1.80, 0.50)
B (2.00, 0.80)
C (1.50, 0.40)
B (2.30, 1.00)
C (1.50, 0.40)
D (0.90, 0.30)
C (1.20, 0.425)
D (0.80, 0.25)
D (0.70, 0.30)
22
A (2.90, 2.00)
B (2.00, 0.60)
C (1.80, 0.50)
A (2.50, 1.50)
B (1.90, 0.70)
C (1.50, 0.345)
B (1.90, 1.70)
C (1.40, 0.35)
D (0.80, 0.25)
C (1.10, 0.375)
D (0.70, 0.225)
C (1.20, 0.40)
D (0.70, 0.20)
D (0.60, 0.30)
E (0.60, 0.275)
33
C (1.80, 0.50)
A (2.50, 0.80)
B (1.90, 0.60)
C (1.50)
B (1.90, 1.50,
0.60)
C (1.40, 0.30)
D (0.80, 0.25)
C (1.10, 0.30)
D (0.70, 0.225)
C (1.00, 0.35)
D (0.70, 0.20)
D (0.70, 0.20)
E (0.60, 0.20)
47
B (1.90, 0.55,
0.50)
C (1.40, 0.30)
D (0.80, 0.20)
B (1.80, 0.60)
C (1.10, 0.30)
D (0.70, 0.20)
C (1.00, 0.30)
D (0.70, 0.15,
0.12)
D (0.70, 0.20,
0.15)
E (0.60, 0.15)
E (0.60, 0.20)
68
B (1.80, 0.55)
C (0.80, 0.275)
D (0.70, 0.20)
C (1.00, 0.275)
D (0.70, 0.15)
D (0.60, 0.15)
D (0.70, 0.175)
E (0.60, 0.15)
100
C (0.80, 0.25)
D (0.70, 0.14)
C (0.90, 0.20)
D (0.60, 0.10)
D (0.60, 0.125)
E (0.60, 0.10)
E (0.50, 0.15)
150
C (0.70, 0.20)
D (0.60, 0.15)
D (0.60, 0.10)
E (0.50, 0.10)
E (0.50, 0.10)
220
D (0.60, 0.10)
E (0.50, 0.10)
D (0.60, 0.125)
E (0.50, 0.10)
E (0.50, 0.10)
330
D (0.60, 0.125)
E (0.50, 0.10)
E (0.50, 0.10)
470
E (0.50, 0.10)


Similar Part No. - TP3E227

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TP3E227K010C0100AS VISHAY-TP3E227K010C0100AS Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
TP3E227K010C0500AS VISHAY-TP3E227K010C0500AS Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
TP3E227K016C0100AS VISHAY-TP3E227K016C0100AS Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
TP3E227K016C0500AS VISHAY-TP3E227K016C0500AS Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
TP3E227K6R3C0100AS VISHAY-TP3E227K6R3C0100AS Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
More results

Similar Description - TP3E227

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D VISHAY-593D_08 Datasheet
117Kb / 6P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
Revision: 20-Oct-08
TR3B476K6R3C0500 VISHAY-TR3B476K6R3C0500 Datasheet
157Kb / 14P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Low ESR
Revision: 20-Feb-09
793DX VISHAY-793DX Datasheet
110Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, CECC Approved
Revision: 14-May-08
293D VISHAY-293D_08 Datasheet
109Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 05-May-08
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
593D156X0035D2TE3 VISHAY-593D156X0035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
593D476X9016D2T VISHAY-593D476X9016D2T Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Oct-12
293D477X96R3E2TE3 VISHAY-293D477X96R3E2TE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com