Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MALPEYZ00DG410N02W Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MALPEYZ00DG410N02W
Description  Aluminum Capacitors Power Printed Wiring Style
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALPEYZ00DG410N02W Datasheet(HTML) 3 Page - Vishay Siliconix

  MALPEYZ00DG410N02W Datasheet HTML 1Page - Vishay Siliconix MALPEYZ00DG410N02W Datasheet HTML 2Page - Vishay Siliconix MALPEYZ00DG410N02W Datasheet HTML 3Page - Vishay Siliconix MALPEYZ00DG410N02W Datasheet HTML 4Page - Vishay Siliconix MALPEYZ00DG410N02W Datasheet HTML 5Page - Vishay Siliconix MALPEYZ00DG410N02W Datasheet HTML 6Page - Vishay Siliconix MALPEYZ00DG410N02W Datasheet HTML 7Page - Vishay Siliconix MALPEYZ00DG410N02W Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 25127
252
Revision: 25-Aug-08
EYZ
Vishay Roederstein
Aluminum Capacitors
Power Printed Wiring Style
Fig.5 Printed wiring pin version
Fig.6 Mounting hole pattern viewed from the component side
Fig.7 Printed wiring pin version
Fig.8 Mounting hole pattern viewed from the component side
MOUNTING
When a number of capacitors are connected in a bank, they must not be closer together than 15 mm, when no derating of ripple
current and/or temperature is applied.
Pin numbers 2, 3 and 4 (if present) must be free from the electrical circuit.
1 = Positive terminal;
5 = Negative terminal
Case Ø D = 35 mm
Ø D
+ 1 max.
L
-
L + 5 max.
5.1 ± 0.1
Case Ø D = 35 mm
2.5
15 ± 0.1
7.5 ± 0.1
7.5 ± 0.1
1.3
(4 x)
1
2
3
5
1 = Positive terminal;
5 = Negative terminal
Case Ø D = 40 mm
L
Ø D
+ 1 max.
L + 1 max.
5.1 ± 0.1
+
-
Case Ø D = 40 mm
2.5
20 ± 0.1
10 ± 0.1
17.5 ± 0.1
20 ± 0.1
1.3
(5 x)
1
2
3
5
4
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES PW versions
NOMINAL
CASE SIZE
Ø D x L
Ø Dmax.
Lmax.
MASS
(g)
PACKAGING QUANTITIES
(units per box)
CARDBOARD BOX DIMENSIONS
L x W x H
25 x 30
26
35
≈ 24
100
290 x 280 x 50
25 x 40
26
45
≈ 28
100
290 x 280 x 60
30 x 40
31
45
≈ 38
100
340 x 330 x 60
35 x 40
36
45
≈ 51
50
390 x 198 x 60
35 x 50
36
55
≈ 66
50
390 x 198 x 70
40 x 40
41
45
≈ 78
50
440 x 223 x 60
40 x 50
41
55
≈ 82
50
440 x 223 x 70
40 x 70
41
75
≈ 110
25
230 x 230 x 90
40 x 100
41
105
≈ 176
25
230 x 230 x 120


Similar Part No. - MALPEYZ00DG410N02W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALPEYD00AB310R02W VISHAY-MALPEYD00AB310R02W Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
MALPEYD00AB310X02W VISHAY-MALPEYD00AB310X02W Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
MALPEYD00AB322S02W VISHAY-MALPEYD00AB322S02W Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
MALPEYD00AB410L02W VISHAY-MALPEYD00AB410L02W Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
MALPEYD00AB433J02W VISHAY-MALPEYD00AB433J02W Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
More results

Similar Description - MALPEYZ00DG410N02W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EYV VISHAY-EYV Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
MALLEY01AV447C02W VISHAY-MALLEY01AV447C02W Datasheet
88Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
EYD VISHAY-EYD Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
EYK VISHAY-EYK_13 Datasheet
262Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 08-Apr-13
EY VISHAY-EY_13 Datasheet
101Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 09-Apr-13
EYC VISHAY-EYC Datasheet
109Kb / 9P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
EYK VISHAY-EYK Datasheet
89Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 02-Aug-11
053PEC-PW VISHAY-053PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
051PEC-PW VISHAY-051PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 17-Feb-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com