Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y1187150K000Q0L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # Y1187150K000Q0L
Description  High Precision Bulk Metal짰 Foil Extended Value Range Resistor, with TCR of 2 ppm/째C, Tolerance to 0.005 %, and Power Rated at 0.6 W
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y1187150K000Q0L Datasheet(HTML) 2 Page - Vishay Siliconix

  Y1187150K000Q0L Datasheet HTML 1Page - Vishay Siliconix Y1187150K000Q0L Datasheet HTML 2Page - Vishay Siliconix Y1187150K000Q0L Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
E102
Vishay Foil Resistors High Precision Bulk Metal® Foil Extended Value Range
Resistor, with TCR of 2 ppm/°C, Tolerance to 0.005 %,
and Power Rated at 0.6 W
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63066
2
Revision: 27-Feb-08
Note
* Application engineering release: for non-standard requests, please contact application engineering.
FIGURE 3 - TRIMMING TO VALUES
(Conceptual Illustration)
Mutual Inductance
Reduction due
to Opposing
Current in
Adjacent Lines
Current Path
Before Trimming
Note: Foil shown in black, etched spaces in white
Interloop Capacitance
Reduction in Series
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Current Path
After Trimming
FIGURE 4 - STANDARD IMPRINTING AND
DIMENSIONS
Tolerance: ± 0.010 (0.25)
E102C, E102K lead spacing = 0.150" (3.81)
E102J, E102L lead spacing = 0.200" (5.08)
The E102C, E102J use the S102C series chip.
The E102K, E102L use the S102K series chip.
(numbers in parentheses indicate millimeters).
Model Number
VISHAY
XXXX
E102J
0.020 (0.51)
0.365 (9.27)
w
e
i
V
r
a
e
R
w
e
i
V
t
n
o
r
F
ø 0.025 (0.64) #22 AWG
Lead Material - Solder Coated Copper
Optional Customer P/N
Print spec., etc. if required
Resistance
Value Code
Tolerance
XXXXXX
200K00
0.01 %
Date Code
0.380
(9.65)
0.200
(5.08)
0.235 (5.97)
0.075 (1.91) Min.
TABLE 2 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y1186150K000T9L (preferred part number format)
DENOTES PRECISION
VALUE
AER*
YK = k
Ω
0 = standard part, tin/lead termination
9 = standard part, lead (Pb)-free termination
1 - 999 = custom
PRODUCT CODE
RESISTANCE TOLERANCE
PACKAGING
1186 = E102C
1184 = E102J
1187 = E102K
1185 = E102L
V = ± 0.005 %
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
L = bulk pack
FOR EXAMPLE: ABOVE GLOBAL ORDER Y1186 150K000 T 9 L:
TYPE: E102C
VALUE: 150.0 k
Ω
ABSOLUTE TOLERANCE: ± 0.01 %
TERMINATION: lead (Pb)-free
PACKAGING: bulk pack
HISTORICAL PART NUMBER: E102C T 150K00 T B (will continue to be used)
E102C
T
150K00
T
B
MODEL
TERMINATION
OHMIC VALUE
RESISTANCE
TOLERANCE
PACKAGING
E102C
E102J
E102K
E102L
T = lead (Pb)-free
None = tin/lead alloy
150K00 = 150.0 k
Ω
V = ± 0.005 %
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
B = bulk pack
1
8
61
0
K
0
5
Y1
T9
0
L
0


Similar Part No. - Y1187150K000Q0L

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
Y1187A KEYSIGHT-Y1187A Datasheet
1Mb / 10P
   M9187A PXI Digital I/O Control Module
Y1187A KEYSIGHT-Y1187A Datasheet
2Mb / 14P
   PXI Matrix Switch Modules
Y1187A KEYSIGHT-Y1187A Datasheet
2Mb / 15P
   General Purpose Switch Modules
More results

Similar Description - Y1187150K000Q0L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S102C VISHAY-S102C_11 Datasheet
863Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 29-Jun-11
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
   Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 19-Apr-07
S102C VISHAY-S102C Datasheet
121Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 20-Nov-07
Z202 VISHAY-Z202 Datasheet
103Kb / 4P
   Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 %
Revision: 13-Nov-07
logo
Vaishali Semiconductor
VHD200 VAISH-VHD200 Datasheet
130Kb / 5P
   Bulk Metal짰 Foil Hermetically sealed, Small Package, Voltage Dividers with TCR Tracking of 0.1 ppm/째C and Tolerance Match down to 0.001 %
logo
Vishay Siliconix
VCS232Z VISHAY-VCS232Z_08 Datasheet
113Kb / 4P
   Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of 짹 0.05 ppm/째C,PCR of 5ppm at Rated Power and Tolerance of 짹0.02%
Revision: 16-Apr-07
RS92N VISHAY-RS92N Datasheet
99Kb / 5P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.01 % and Load Life Stability of ± 0.005 % CECC Qualified
Revision: 03-Nov-08
VRM VISHAY-VRM Datasheet
109Kb / 3P
   Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
Revision: 12-Jul-07
VPR220 VISHAY-VPR220_08 Datasheet
128Kb / 4P
   Foil Technology Precision Foil Power Resistors in TO-220 Configuration with TCR 2 ppm/째C,of Tolerance of to 짹 0.01 % and Power Rating to 8 W
Revision: 05-Jul-07
VHP100 VISHAY-VHP100 Datasheet
96Kb / 4P
   Ultra-High Precision Hermetically Sealed Bulk Metal® Foil Technology Resistor with Zero TCR and 0.005 % Tolerance
Revision: 18-Jun-07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com