Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S949TR Datasheet(PDF) 2 Page - Vishay Siliconix

Part # S949TR
Description  MOSMIC® for TV-Tuner Prestage with 9 V Supply Voltage
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S949TR Datasheet(HTML) 2 Page - Vishay Siliconix

  S949TR Datasheet HTML 1Page - Vishay Siliconix S949TR Datasheet HTML 2Page - Vishay Siliconix S949TR Datasheet HTML 3Page - Vishay Siliconix S949TR Datasheet HTML 4Page - Vishay Siliconix S949TR Datasheet HTML 5Page - Vishay Siliconix S949TR Datasheet HTML 6Page - Vishay Siliconix S949TR Datasheet HTML 7Page - Vishay Siliconix S949TR Datasheet HTML 8Page - Vishay Siliconix S949TR Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number 85061
Rev. 1.5, 08-Sep-08
S949T / S949TR / S949TRW
Vishay Semiconductors
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Maximum Thermal Resistance
1) on glass fibre printed board (25 x 20 x 1.5) mm3 plated with 35
μm Cu
Electrical DC Characteristics
Tamb = 25 °C, unless otherwise specified
Caution for Gate 1 switch-off mode:
No external DC-voltage on Gate 1 in active mode!
Switch-off at Gate 1 with VG1S < 0.7 V is feasible.
Using open collector switching transistor (inside of PLL), insert 10 k
Ω collector resistor.
Part
Marking
Package
S949T
949
SOT-143
S949TR
99R
SOT-143R
S949TRW
W99
SOT-343R
Parameter
Test condition
Symbol
Value
Unit
Drain - source voltage
VDS
12
V
Drain current
ID
30
mA
Gate 1/Gate 2 - source peak
current
± IG1/G2SM
10
mA
Gate 1/Gate 2 - source voltage
± VG1/G2SM
6V
Total power dissipation
Tamb ≤ 60 °C
Ptot
200
mW
Channel temperature
TCh
150
°C
Storage temperature range
Tstg
- 55 to + 150
°C
Parameter
Test condition
Symbol
Value
Unit
Channel ambient
1)
RthChA
450
K/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Gate 1 - source breakdown
voltage
± IG1S = 10 mA, VG2S = VDS = 0 ± V(BR)G1SS
710
V
Gate 2 - source breakdown
voltage
± IG2S = 10 mA, VG1S = VDS = 0 ± V(BR)G2SS
710
V
Gate 1 - source leakage current + VG1S = 5 V, VG2S = VDS = 0
+ IG1SS
50
μA
- VG1S = 5 V, VG2S = VDS = 0
- IG1SS
100
μA
Gate 2 - source leakage current ± VG2S = 5 V, VG1S = VDS = 0
± IG2SS
20
nA
Drain current
VDS = 9 V, VG1S = 0, VG2S = 4 V
IDSS
50
500
μA
Self-biased operating current
VDS = 9 V, VG1S = nc, VG2S = 4 V
IDSP
812
16
mA
Gate 2 - source cut-off voltage
VDS = 9 V, VG1S = nc,
ID = 100 μA
VG2S(OFF)
1.0
V


Similar Part No. - S949TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S949TR VISHAY-S949TR Datasheet
194Kb / 9P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 3, 20-Jan-99
S949TR VISHAY-S949TR Datasheet
198Kb / 10P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 1.4, 02-May-05
S949TRW VISHAY-S949TRW Datasheet
194Kb / 9P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 3, 20-Jan-99
S949TRW VISHAY-S949TRW Datasheet
198Kb / 10P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 1.4, 02-May-05
More results

Similar Description - S949TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S904T VISHAY-S904T Datasheet
77Kb / 4P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 3, 20-Jan-99
S949T VISHAY-S949T Datasheet
194Kb / 9P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 3, 20-Jan-99
S974T VISHAY-S974T Datasheet
100Kb / 6P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 3, 20-Jan-99
S913T VISHAY-S913T Datasheet
155Kb / 9P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 3, 20-Jan-99
S952T VISHAY-S952T Datasheet
100Kb / 6P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 3, 20-Jan-99
S949T VISHAY-S949T_05 Datasheet
198Kb / 10P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 1.4, 02-May-05
S505TX VISHAY-S505TX Datasheet
183Kb / 6P
   MOSMIC® for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.2, 29-Apr-05
S593T VISHAY-S593T_08 Datasheet
321Kb / 10P
   MOSMIC® for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.6, 08-Sep-08
S594T VISHAY-S594T_08 Datasheet
322Kb / 10P
   MOSMIC® for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.6, 08-Sep-08
S595T VISHAY-S595T_08 Datasheet
322Kb / 10P
   MOSMIC® for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.7, 08-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com