Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MALPEYZ00DD347X02W Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MALPEYZ00DD347X02W
Description  Aluminum Capacitors Power Printed Wiring Style
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALPEYZ00DD347X02W Datasheet(HTML) 5 Page - Vishay Siliconix

  MALPEYZ00DD347X02W Datasheet HTML 1Page - Vishay Siliconix MALPEYZ00DD347X02W Datasheet HTML 2Page - Vishay Siliconix MALPEYZ00DD347X02W Datasheet HTML 3Page - Vishay Siliconix MALPEYZ00DD347X02W Datasheet HTML 4Page - Vishay Siliconix MALPEYZ00DD347X02W Datasheet HTML 5Page - Vishay Siliconix MALPEYZ00DD347X02W Datasheet HTML 6Page - Vishay Siliconix MALPEYZ00DD347X02W Datasheet HTML 7Page - Vishay Siliconix MALPEYZ00DD347X02W Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 25127
254
Revision: 25-Aug-08
EYZ
Vishay Roederstein
Aluminum Capacitors
Power Printed Wiring Style
100
470
25 x 30
1.42
0.28
0.10
240
155
MALPEYZ00AV347L02W
680
25 x 40
1.90
0.41
0.14
167
109
MALPEYZ00AB368L02W
1000
30 x 40
2.48
0.60
0.20
120
79
MALPEYZ00BB410L02W
1500
35 x 40
3.17
0.90
0.30
88
61
MALPEYZ00CB415L02W
2200
35 x 50
3.79
1.32
0.44
72
53
MALPEYZ00CD422L02W
2200
40 x 40
3.79
1.32
0.44
72
53
MALPEYZ00DB422L02W
3300
40 x 50
4.81
1.98
0.66
53
40
MALPEYZ00DD433L02W
4700
40 x 70
6.49
2.82
0.94
38
29
MALPEYZ00DG447L02W
6800
40 x 100
8.80
4.08
1.36
28
21
MALPEYZ00DM468L02W
200
150
25 x 30
0.72
0.18
0.06
950
710
MALPEYZ00AV315S02W
220
25 x 40
0.96
0.26
0.09
650
485
MALPEYZ00AB322S02W
330
30 x 40
1.29
0.40
0.14
442
330
MALPEYZ00BB333S02W
470
35 x 40
1.66
0.57
0.19
321
240
MALPEYZ00CB347S02W
680
35 x 50
2.09
0.82
0.28
237
185
MALPEYZ00CD368S02W
680
40 x 40
2.09
0.82
0.28
237
185
MALPEYZ00DB368S02W
1000
40 x 50
2.71
1.20
0.40
167
133
MALPEYZ00DD410S02W
1500
40 x 70
3.75
1.80
0.60
114
90
MALPEYZ00DG415S02W
2200
40 x 100
5.24
2.64
0.88
79
62
MALPEYZ00DM422S02W
250
100
25 x 30
0.67
0.15
0.05
1060
710
MALPEYZ00AV310N02W
150
25 x 40
0.92
0.22
0.08
710
485
MALPEYZ00AB315N02W
220
30 x 40
1.28
0.33
0.11
492
330
MALPEYZ00BB322N02W
330
35 x 40
1.65
0.49
0.17
325
240
MALPEYZ00CB333N02W
470
35 x 50
2.01
0.70
0.24
256
185
MALPEYZ00CD347N02W
470
40 x 40
2.01
0.70
0.24
256
185
MALPEYZ00DB347N02W
680
40 x 50
2.59
1.02
0.34
182
133
MALPEYZ00DD368N02W
1000
40 x 70
3.58
1.50
0.50
125
90
MALPEYZ00DG410N02W
1500
40 x 100
5.05
2.25
0.75
85
62
MALPEYZ00DM415N02W
385
68
25 x 30
0.61
0.16
0.06
1650
1260
MALPEYZ00AV268R02W
100
25 x 40
0.82
0.23
0.08
1120
855
MALPEYZ00AB310R02W
150
30 x 40
1.10
0.35
0.12
755
580
MALPEYZ00BB315R02W
220
35 x 40
1.44
0.51
0.17
525
405
MALPEYZ00CB322R02W
330
35 x 50
1.84
0.77
0.26
360
280
MALPEYZ00CD333R02W
330
40 x 40
1.84
0.77
0.26
360
280
MALPEYZ00DB333R02W
470
40 x 50
2.37
1.09
0.36
260
205
MALPEYZ00DD347R02W
680
40 x 70
3.24
1.58
0.53
180
140
MALPEYZ00DG368R02W
1000
40 x 100
4.54
2.31
0.78
125
100
MALPEYZ00DM410R02W
400
68
25 x 30
0.39
0.16
0.06
3200
2660
MALPEYZ00AV268X02W
100
25 x 40
0.53
0.24
0.08
2180
1810
MALPEYZ00AB310X02W
150
30 x 40
0.72
0.36
0.12
1460
1210
MALPEYZ00BB315X02W
220
35 x 40
0.94
0.52
0.17
1010
830
MALPEYZ00CB322X02W
330
35 x 50
1.24
0.79
0.26
680
570
MALPEYZ00CD333X02W
330
40 x 40
1.24
0.79
0.26
680
570
MALPEYZ00DB333X02W
470
40 x 50
1.59
1.12
0.37
485
407
MALPEYZ00DD347X02W
680
40 x 70
2.18
1.63
0.54
336
282
MALPEYZ00DG368X02W
1000
40 x 100
3.07
2.40
0.80
230
193
MALPEYZ00DM410X02W
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
≤ 200 V versions
Us =1.15 x UR
≥ 385 V versions
Us =1.1 x UR
Reverse voltage
Urev ≤ 1 V
Current
Leakage current
After 1 minute at UR
IL1 ≤ 0.006 CR xUR + 4 µA
After 5 minutes at UR
IL5 ≤ 0.002 CR xUR + 4 µA
Inductance
Equivalent series inductance (ESL)
Case Ø D = 25 mm
max. 25 nH
Case Ø D = 30 and 35 mm
max. 30 nH
Case Ø D = 40 mm
max. 35 nH
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
105 °C
(A)
IL1
1min
(mA)
IL5
5min
(mA)
ESR
100 Hz
(m
Ω)
Z
10 kHz
(m
Ω)
ORDERING CODE


Similar Part No. - MALPEYZ00DD347X02W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALPEYD00AB310R02W VISHAY-MALPEYD00AB310R02W Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
MALPEYD00AB310X02W VISHAY-MALPEYD00AB310X02W Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
MALPEYD00AB322S02W VISHAY-MALPEYD00AB322S02W Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
MALPEYD00AB410L02W VISHAY-MALPEYD00AB410L02W Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
MALPEYD00AB433J02W VISHAY-MALPEYD00AB433J02W Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
More results

Similar Description - MALPEYZ00DD347X02W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EYV VISHAY-EYV Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
MALLEY01AV447C02W VISHAY-MALLEY01AV447C02W Datasheet
88Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
EYD VISHAY-EYD Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
EYK VISHAY-EYK_13 Datasheet
262Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 08-Apr-13
EY VISHAY-EY_13 Datasheet
101Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 09-Apr-13
EYC VISHAY-EYC Datasheet
109Kb / 9P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
EYK VISHAY-EYK Datasheet
89Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 02-Aug-11
053PEC-PW VISHAY-053PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
051PEC-PW VISHAY-051PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 17-Feb-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com