Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S949TRW Datasheet(PDF) 1 Page - Vishay Siliconix

Part # S949TRW
Description  MOSMIC® for TV-Tuner Prestage with 9 V Supply Voltage
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S949TRW Datasheet(HTML) 1 Page - Vishay Siliconix

  S949TRW Datasheet HTML 1Page - Vishay Siliconix S949TRW Datasheet HTML 2Page - Vishay Siliconix S949TRW Datasheet HTML 3Page - Vishay Siliconix S949TRW Datasheet HTML 4Page - Vishay Siliconix S949TRW Datasheet HTML 5Page - Vishay Siliconix S949TRW Datasheet HTML 6Page - Vishay Siliconix S949TRW Datasheet HTML 7Page - Vishay Siliconix S949TRW Datasheet HTML 8Page - Vishay Siliconix S949TRW Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
S949T / S949TR / S949TRW
Document Number 85061
Rev. 1.5, 08-Sep-08
Vishay Semiconductors
www.vishay.com
1
19216
SOT143
SOT143R
SOT343R
1
2
4
3
2
1
3
4
Electrostatic sensitivedevice.
Observe precautions for handling.
1
2
4
3
Not for new design, this product will be obsoleted soon
MOSMIC® for TV-Tuner Prestage with 9 V Supply Voltage
Comments
MOSMIC - MOS Monolithic Integrated Circuit
Features
• Integrated gate protection diodes
• Low noise figure
• High gain
• Biasing network on chip
• Improved cross modulation at gain reduction
• High AGC-range
• SMD package
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Applications
Low noise gain controlled input stages in UHF-and
VHF- tuner with 9 V supply voltage.
Mechanical Data
Typ: S949T
Case: SOT-143 Plastic case
Weight: approx. 8.0 mg
Pinning:
1 = Source, 2 = Drain,
3 = Gate 2, 4 = Gate 1
Typ: S949TR
Case: SOT-143R Plastic case
Weight: approx. 8.0 mg
Pinning:
1 = Source, 2 = Drain,
3 = Gate 2, 4 = Gate 1
Typ: S949TRW
Case: SOT-343R Plastic case
Weight: approx. 6.0 mg
Pinning:
1 = Source, 2 = Drain,
3 = Gate 2, 4 = Gate 1
G2
G1
RF in
AGC
S
D
VDD(VDS)
C block
RFC
RF out
94 9296
C block
C block
e3


Similar Part No. - S949TRW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S949TRW VISHAY-S949TRW Datasheet
194Kb / 9P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 3, 20-Jan-99
S949TRW VISHAY-S949TRW Datasheet
198Kb / 10P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 1.4, 02-May-05
More results

Similar Description - S949TRW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S904T VISHAY-S904T Datasheet
77Kb / 4P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 3, 20-Jan-99
S949T VISHAY-S949T Datasheet
194Kb / 9P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 3, 20-Jan-99
S974T VISHAY-S974T Datasheet
100Kb / 6P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 3, 20-Jan-99
S913T VISHAY-S913T Datasheet
155Kb / 9P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 3, 20-Jan-99
S952T VISHAY-S952T Datasheet
100Kb / 6P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 3, 20-Jan-99
S949T VISHAY-S949T_05 Datasheet
198Kb / 10P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 1.4, 02-May-05
S505TX VISHAY-S505TX Datasheet
183Kb / 6P
   MOSMIC® for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.2, 29-Apr-05
S593T VISHAY-S593T_08 Datasheet
321Kb / 10P
   MOSMIC® for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.6, 08-Sep-08
S594T VISHAY-S594T_08 Datasheet
322Kb / 10P
   MOSMIC® for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.6, 08-Sep-08
S595T VISHAY-S595T_08 Datasheet
322Kb / 10P
   MOSMIC® for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.7, 08-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com