Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBL02 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # KBL02
Description  Single-Phase Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KBL02 Datasheet(HTML) 3 Page - Vishay Siliconix

  KBL02 Datasheet HTML 1Page - Vishay Siliconix KBL02 Datasheet HTML 2Page - Vishay Siliconix KBL02 Datasheet HTML 3Page - Vishay Siliconix KBL02 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KBL005 thru KBL10
Vishay General Semiconductor
Document Number: 88655
Revision: 15-Apr-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 5. Typical Junction Capacitance Per Diode
0.1
1
10
100
0
50
100
150
200
250
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
0.210 (5.33)
0.190 (4.83)
0.768 (19.5)
0.726 (18.5)
0.091 (2.30)
0.077 (1.95)
0.591 (15.0)
0.567 (14.4)
1.1
(27.9)
MIN.
0.640 (16.3)
0.600 (15.2)
1.0
(25.4)
MIN.
0.256 (6.5)
0.236 (6.0)
Case Style KBL
0.052 (1.3) DIA.
0.048 (1.2) TYP.


Similar Part No. - KBL02

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
KBL02 NJSEMI-KBL02 Datasheet
83Kb / 1P
   SINGLE - PHASE SILICON BRIDGE RECTIFIERS
logo
Semtech Corporation
KBL02 SEMTECH-KBL02 Datasheet
128Kb / 2P
   4.0A SINGLE - PHASE SILICON BRIDGE
logo
MIC GROUP RECTIFIERS
KBL02 MIC-KBL02 Datasheet
107Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Digitron Semiconductors
KBL02 DIGITRON-KBL02 Datasheet
164Kb / 2P
   SINGLE PHASE BRIDGE RECTIFIER
logo
HY ELECTRONIC CORP.
KBL02 HY-KBL02 Datasheet
391Kb / 3P
   Silicon Bridge Rectifiers
More results

Similar Description - KBL02

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
   Single Phase Rectifier Bridge
VBO55 IXYS-VBO55 Datasheet
57Kb / 1P
   Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
   Single Phase Rectifier Bridge
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
   Single Phase Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
W005M PFS-W005M Datasheet
222Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
BR1005 PFS-BR1005 Datasheet
228Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
MB1505 PFS-MB1505 Datasheet
223Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC8005 PFS-KBPC8005 Datasheet
227Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC2505N PFS-KBPC2505N Datasheet
271Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com