Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU6K Datasheet(PDF) 1 Page - Vishay Siliconix

Part # KBU6K
Description  Single-Phase Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KBU6K Datasheet(HTML) 1 Page - Vishay Siliconix

  KBU6K Datasheet HTML 1Page - Vishay Siliconix KBU6K Datasheet HTML 2Page - Vishay Siliconix KBU6K Datasheet HTML 3Page - Vishay Siliconix KBU6K Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KBU6A thru KBU6M
Vishay General Semiconductor
Document Number: 88657
Revision: 15-Apr-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
Single-Phase Bridge Rectifier
FEATURES
• UL recognition file number E54214
• Ideal for printed circuit boards
• High surge current capability
• High case dielectric strength of 1500 VRMS
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
General purpose use in ac-to-dc bridge full wave
rectification for monitor, TV, printer, SMPS, adapter,
audio equipment, and home appliances applications.
MECHANICAL DATA
Case: KBU
Epoxy meets UL 94V-0 flammability rating
Terminals:
Silver
plated
leads,
solderable
per
J-STD-002 and JESD22-B102
E4 suffix for consumer grade
Polarity: As marked on body
Mounting Torque: 10 cm-kg (8.8 inches-lbs) max.
Recommended Torque: 5.7 cm-kg (5 inches-lbs)
e4
PRIMARY CHARACTERISTICS
IF(AV)
6 A
VRRM
50 V to 1000 V
IFSM
200 A
IR
5 µA
VF
1.0 V
TJ max.
150 °C
Case Style KBU
~
~
~
~
Notes:
(1) Recommended mounted position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 screw
(2) Thermal resistance from junction to ambient with units in free air, P.C.B. mounted on 0.5 x 0.5" (12 x 12 mm) copper pads, 0.375" (9.5 mm)
lead length
(3) Thermal resistance from junction to case with units mounted on a 2.6 x 1.4 x 0.06" thick (6.5 x 3.5 x 0.15 cm) aluminum plate
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
KBU6A KBU6B KBU6D KBU6G KBU6J
KBU6K KBU6M
UNIT
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward
rectified output current at
TC = 100 °C
(1)(2)
TA = 40 °C
(3)
IF(AV)
6.0
6.0
A
Peak forward surge current single sine-wave
superimposed on rated load
IFSM
250
A
Operating junction and storage temperature range
TJ, TSTG
- 50 to + 150
°C


Similar Part No. - KBU6K

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
KBU6K PANJIT-KBU6K Datasheet
124Kb / 2P
   SILICON SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
logo
Galaxy Semi-Conductor H...
KBU6K BILIN-KBU6K Datasheet
131Kb / 3P
   Silicon Bridge Rectifiers
logo
Pan Jit International I...
KBU6K PANJIT-KBU6K Datasheet
47Kb / 2P
   SILICON SINGLE-PHASE BRIDGE RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
KBU6K KISEMICONDUCTOR-KBU6K Datasheet
61Kb / 2P
   6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Semtech Corporation
KBU6K SEMTECH-KBU6K Datasheet
159Kb / 2P
   4.0A/6.0A/8.0A SINGLE - PHASE SILICON BRIDGE?
More results

Similar Description - KBU6K

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
   Single Phase Rectifier Bridge
VBO55 IXYS-VBO55 Datasheet
57Kb / 1P
   Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
   Single Phase Rectifier Bridge
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
   Single Phase Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
W005M PFS-W005M Datasheet
222Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
BR1005 PFS-BR1005 Datasheet
228Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
MB1505 PFS-MB1505 Datasheet
223Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC8005 PFS-KBPC8005 Datasheet
227Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC2505N PFS-KBPC2505N Datasheet
271Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com