Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MALIEYH07DD527F02K Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MALIEYH07DD527F02K
Description  Aluminum Capacitors Standard - 105 °C Snap-in
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALIEYH07DD527F02K Datasheet(HTML) 7 Page - Vishay Siliconix

  MALIEYH07DD527F02K Datasheet HTML 1Page - Vishay Siliconix MALIEYH07DD527F02K Datasheet HTML 2Page - Vishay Siliconix MALIEYH07DD527F02K Datasheet HTML 3Page - Vishay Siliconix MALIEYH07DD527F02K Datasheet HTML 4Page - Vishay Siliconix MALIEYH07DD527F02K Datasheet HTML 5Page - Vishay Siliconix MALIEYH07DD527F02K Datasheet HTML 6Page - Vishay Siliconix MALIEYH07DD527F02K Datasheet HTML 7Page - Vishay Siliconix MALIEYH07DD527F02K Datasheet HTML 8Page - Vishay Siliconix MALIEYH07DD527F02K Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number 25139
For technical questions, contact: aluminumcaps3@vishay.com
www.vishay.com
Revision: 14-Feb-08
175
EYH
Aluminum Capacitors
Standard - 105 °C Snap-in
Vishay Roederstein
50
2200
22 X 25
1.64
0.27
0.16
0.07
14
EYH07LU422H02K
MALIEYH07LU422H02K
2700
22 x 30
1.9
0.28
0.140
0.120
16
EYH07LV427H02K
MALIEYH07LV427H02K
3300
22 x 35
2.2
0.28
0.115
0.100
19
EYH07LA433H02K
MALIEYH07LA433H02K
3900
22 x 40
2.5
0.28
0.100
0.085
22
EYH07LB439H02K
MALIEYH07LB439H02K
3900
25 x 35
2.6
0.29
0.100
0.085
25
EYH07AA439H02K
MALIEYH07AA439H02K
3900
30 x 25
2.5
0.29
0.100
0.085
25
EYH07BU439H02K
MALIEYH07BU439H02K
4700
22 x 45
2.8
0.28
0.080
0.070
24
EYH07LC447H02K
MALIEYH07LC447H02K
4700
25 x 40
2.9
0.29
0.085
0.070
28
EYH07AB447H02K
MALIEYH07AB447H02K
4700
30 x 30
2.9
0.29
0.085
0.070
30
EYH07BV447H02K
MALIEYH07BV447H02K
5600
22 x 50
3.1
0.28
0.070
0.060
27
EYH07LD456H02K
MALIEYH07LD456H02K
5600
25 x 40
3.1
0.29
0.070
0.060
28
EYH07AB456H02K
MALIEYH07AB456H02K
5600
30 x 35
3.2
0.29
0.070
0.060
35
EYH07BA456H02K
MALIEYH07BA456H02K
6800
25 x 50
3.6
0.29
0.060
0.050
35
EYH07AD468H02K
MALIEYH07AD468H02K
6800
30 x 40
3.6
0.29
0.060
0.050
40
EYH07BB468H02K
MALIEYH07BB468H02K
6800
35 x 30
3.5
0.31
0.065
0.055
41
EYH07CV468H02K
MALIEYH07CV468H02K
8200
30 x 45
3.9
0.29
0.050
0.040
45
EYH07BC482H02K
MALIEYH07BC482H02K
8200
35 x 35
3.9
0.31
0.055
0.045
48
EYH07CA482H02K
MALIEYH07CA482H02K
10 000
30 x 50
4.4
0.30
0.040
0.035
50
EYH07BD510H02K
MALIEYH07BD510H02K
10 000
35 x 40
4.4
0.31
0.045
0.035
55
EYH07CB510H02K
MALIEYH07CB510H02K
12 000
35 x 45
4.8
0.31
0.035
0.030
62
EYH07CC512H02K
MALIEYH07CC512H02K
15 000
35 x 50
5.2
0.32
0.030
< 0.030
68
EYH07CD515H02K
MALIEYH07CD515H02K
15 000
40 x 40
5.1
0.31
0.030
< 0.030
72
EYH07DB515H02K
MALIEYH07DB515H02K
18 000
40 x 50
5.8
0.31
< 0.030
< 0.030
89
EYH07DD518H02K
MALIEYH07DD518H02K
22 000
40 x 50
6.0
0.37
< 0.030
< 0.030
89
EYH07DD522H02K
MALIEYH07DD522H02K
27 000
40 x 60
6.6
0.37
< 0.030
< 0.030
107
EYH07DF527H02K
MALIEYH07DF527H02K
63
1200
22 x 25
1.4
0.21
0.235
0.185
14
EYH07LU412J02K
MALIEYH07LU412J02K
1500
22 x 30
1.5
0.21
0.190
0.150
16
EYH07LV415J02K
MALIEYH07LV415J02K
1500
25 x 25
1.5
0.21
0.190
0.150
18
EYH07AU415U02K
MALIEYH07AU415U02K
1800
22 x 30
1.6
0.21
0.155
0.125
16
EYH07LV418J02K
MALIEYH07LV418J02K
1800
25 x 25
1.7
0.21
0.155
0.125
18
EYH07AU418U02K
MALIEYH07AU418U02K
2200
22 x 35
1.9
0.21
0.130
0.105
19
EYH07LA422J02K
MALIEYH07LA422J02K
2200
25 x 30
1.9
0.21
0.130
0.105
21
EYH07AV422J02K
MALIEYH07AV422J02K
2700
22 x 40
2.2
0.21
0.105
0.085
22
EYH07LB427J02K
MALIEYH07LB427J02K
2700
25 x 30
2.1
0.21
0.105
0.085
21
EYH07AV427J02K
MALIEYH07AV427J02K
2700
30 x 25
2.2
0.22
0.110
0.090
25
EYH07BU427U02K
MALIEYH07BU427U02K
3300
22 x 50
2.5
0.21
0.085
0.070
27
EYH07LD433J02K
MALIEYH07LD433J02K
3300
25 x 40
2.5
0.21
0.085
0.070
28
EYH07AB433J02K
MALIEYH07AB433J02K
3300
30 x 30
2.5
0.22
0.090
0.070
30
EYH07BV433J02K
MALIEYH07BV433J02K
3900
25 x 45
2.9
0.21
0.075
0.060
31
EYH07AC439J02K
MALIEYH07AC439J02K
3900
30 x 35
2.8
0.22
0.075
0.060
35
EYH07BA439J02K
MALIEYH07BA439J02K
4700
25 x 40
3.2
0.21
0.060
0.050
28
EYH07AB447J02K
MALIEYH07AB447J02K
4700
30 x 40
3.2
0.22
0.065
0.050
40
EYH07BB447J02K
MALIEYH07BB447J02K
4700
35 x 30
3.1
0.24
0.070
0.055
41
EYH07CV447J02K
MALIEYH07CV447J02K
5600
30 x 45
3.5
0.22
0.055
0.045
45
EYH07BC456J02K
MALIEYH07BC456J02K
5600
35 x 35
3.5
0.24
0.060
0.045
48
EYH07CA456J02K
MALIEYH07CA456J02K
6800
30 x 50
3.9
0.22
0.045
0.035
50
EYH07BD468J02K
MALIEYH07BD468J02K
6800
35 x 40
3.9
0.24
0.050
0.040
55
EYH07CB468J02K
MALIEYH07CB468J02K
8200
35 x 45
4.2
0.24
0.040
0.035
62
EYH07CC482J02K
MALIEYH07CC482J02K
10 000
35 x 50
4.7
0.24
0.035
0.030
68
EYH07CD510J02K
MALIEYH07CD510J02K
10 000
40 x 40
4.6
0.28
0.040
0.030
72
EYH07DB510J02K
MALIEYH07DB510J02K
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
120 Hz
105 °C
(A)
TAN
δ
120 Hz
MAX.
ESR
120 Hz
MAX.
(
Ω)
Z
10 kHz
MAX.
(
Ω)
WEIGHT
(g)
CATALOG
NUMBER
SAP MATERIAL


Similar Part No. - MALIEYH07DD527F02K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALIEYH07AA527B02K VISHAY-MALIEYH07AA527B02K Datasheet
108Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-In
Revision: 24-May-13
MALIEYH07AB533B02K VISHAY-MALIEYH07AB533B02K Datasheet
108Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-In
Revision: 24-May-13
MALIEYH07AU518B02K VISHAY-MALIEYH07AU518B02K Datasheet
108Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-In
Revision: 24-May-13
MALIEYH07AV522B02K VISHAY-MALIEYH07AV522B02K Datasheet
108Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-In
Revision: 24-May-13
MALIEYH07BU527B02K VISHAY-MALIEYH07BU527B02K Datasheet
108Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-In
Revision: 24-May-13
More results

Similar Description - MALIEYH07DD527F02K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EYH VISHAY-EYH_13 Datasheet
108Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-In
Revision: 24-May-13
81D VISHAY-81D Datasheet
348Kb / 5P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 25-Aug-08
81DA VISHAY-81DA_08 Datasheet
321Kb / 4P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 26-Aug-08
logo
Cornell Dubilier Electr...
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
   105 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYN VISHAY-EYN Datasheet
120Kb / 9P
   Aluminum Capacitors Standard - 85 °C Snap-In
Revision: 24-May-13
logo
RFE international
LSM RFE-LSM Datasheet
830Kb / 7P
   Aluminum Electrolytic Capacitors LSM Series: Snap In, 105 C
AUG-30-2023
logo
Vishay Siliconix
81DA VISHAY-81DA Datasheet
61Kb / 3P
   Aluminum Capacitors 105 째C, Snap-in
Revision: 16-Jul-04
logo
Cornell Dubilier Electr...
SLP103M010A1P3 CDE-SLP103M010A1P3 Datasheet
1Mb / 8P
   105 쨘C Aluminum Electrolytic Snap-In Capacitors
logo
List of Unclassifed Man...
381EL271M160H012E ETC2-381EL271M160H012E Datasheet
372Kb / 5P
   105 ?C Ultra-Long Life Snap-In, Aluminum
logo
RFE international
LSG RFE-LSG Datasheet
575Kb / 4P
   Aluminum Electrolytic Capacitors LSG Series: Snap-in Terminal Type, 105°C
8-FEB-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com