Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMS-2WWD-40 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IMS-2WWD-40
Description  Inductors, Subminiature, Shielded
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IMS-2WWD-40 Datasheet(HTML) 1 Page - Vishay Siliconix

  IMS-2WWD-40 Datasheet HTML 1Page - Vishay Siliconix IMS-2WWD-40 Datasheet HTML 2Page - Vishay Siliconix IMS-2WWD-40 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IMS-2WWD-40
Vishay Dale
Document Number: 34047
For technical questions contact magnetics@vishay.com
www.vishay.com
Revision: 10-Aug-06
21
Inductors, Subminiature, Shielded
Subminiature, Shielded
* Incremental Current: The DC current required to cause a 5 %
reduction in the nominal inductance value.
FEATURES
• Classification is Grade 2, Class B
• Inductance range is 0.10 µH to 1000 µH
• High inductance-to-size ratio
• 0.133" [3.38 mm] diameter by 0.335" [8.51 mm] length
• Subminiature shielded inductor
• Solves special problems in density circuit application
ELECTRICAL SPECIFICATIONS
Inductance Tolerance: ± 10 % on Q-Meter
Dielectric Strength: 700 VRMS at sea level
Operating Temperature: - 55 °C to + 125 °C
Self-Resonant Frequency: Minimum SRF measured with
full length leads on Grid-Dip Meter
Rating: Maximum current based on 1/3 watt dissipation
MECHANICAL SPECIFICATIONS
Terminal Strength: Meets 5 pound pull test
DENSITY SPECIFICATIONS
Weight: 0.50 gram maximum
Shielding: Less than 3 % coupling with two units mounted
side by side at 1000 cycles
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
IND.
(µH)
TOL.
Q
MIN.
TEST
FREQ.
(MHz)
SRF
MIN.
(MHz)
DCR
MAX.
(Ohms)
RATED
DC
CURRE
INCR.*
CURRENT
(mA)
IMS-2WWD-40 0.10 ± 10 % 42
25
> 400 0.112
1720
> 1720
IMS-2WWD-40 0.12 ± 10 % 42
25
> 400 0.126
1630
> 1630
IMS-2WWD-40 0.15 ± 10 % 42
25
> 400 0.138
1550
> 1550
IMS-2WWD-40 0.18 ± 10 % 42
25
366
0.165
1420
> 1420
IMS-2WWD-40 0.22 ± 10 % 42
25
331
0.198
1330
> 1330
IMS-2WWD-40 0.27 ± 10 % 42
25
298
0.220
1230
> 1230
IMS-2WWD-40 0.33 ± 10 % 42
25
288
0.258
1140
> 1140
IMS-2WWD-40 0.39 ± 10 % 42
25
271
0.292
1060
> 1060
IMS-2WWD-40 0.47 ± 10 % 41
25
247
0.360
960
> 960
IMS-2WWD-40 0.56 ± 10 % 39
25
236
0.397
915
> 915
IMS-2WWD-40 0.68 ± 10 % 36
25
216
0.472
840
> 840
IMS-2WWD-40 0.82 ± 10 % 35
25
200
0.638
720
> 720
IMS-2WWD-40 1.0 ± 10 % 42
25
136
0.208
1260
> 1260
IMS-2WWD-40 1.2 ± 10 % 38
7.9
120
0.225
1210
> 1210
IMS-2WWD-40 1.5 ± 10 % 38
7.9
111
0.265
1120
> 1120
IMS-2WWD-40 1.8 ± 10 % 38
7.9
103
0.285
1080
> 1080
IMS-2WWD-40 2.2 ± 10 % 36
7.9
94
0.330
1000
> 1000
IMS-2WWD-40 2.7 ± 10 % 38
7.9
85
0.381
935
> 935
IMS-2WWD-40 3.3 ± 10 % 38
7.9
78
0.432
875
> 875
IMS-2WWD-40 3.9 ± 10 % 40
7.9
73
0.576
755
> 755
IMS-2WWD-40 4.7 ± 10 % 42
7.9
66
0.787
650
> 650
IMS-2WWD-40 5.6 ± 10 % 42
7.9
62
1.04
565
> 565
IMS-2WWD-40 6.8 ± 10 % 45
7.9
54
1.40
485
> 485
IMS-2WWD-40 8.2 ± 10 % 47
7.9
50
1.68
440
> 440
IMS-2WWD-40 10
± 10 % 51
7.9
44
2.58
355
> 355
IMS-2WWD-40 12
± 10 % 51
2.5
39
3.65
300
> 300
IMS-2WWD-40 15
± 10 % 45
2.5
44
0.862
620
200
IMS-2WWD-40 18
± 10 % 43
2.5
40
1.02
570
175
IMS-2WWD-40 22
± 10 % 42
2.5
36
1.12
545
160
IMS-2WWD-40 27
± 10 % 37
2.5
33
1.28
510
155
IMS-2WWD-40 33
± 10 % 46
2.5
30
1.70
440
150
IMS-2WWD-40 39
± 10 % 38
2.5
26
1.99
405
145
IMS-2WWD-40 47
± 10 % 42
2.5
23
2.41
370
140
IMS-2WWD-40 56
± 10 % 41
2.5
22
2.85
340
130
IMS-2WWD-40 68
± 10 % 46
2.5
18
3.21
320
120
IMS-2WWD-40 82
± 10 % 46
2.5
17
3.57
305
115
IMS-2WWD-40 100 ± 10 % 43
2.5
15
4.10
280
100
IMS-2WWD-40 120 ± 10 % 50
0.79
13
5.97
235
80
IMS-2WWD-40 150 ± 10 % 49
0.79
12
7.05
215
68
IMS-2WWD-40 180 ± 10 % 56
0.79
11
8.12
200
64
IMS-2WWD-40 220 ± 10 % 53
0.79
10
14.8
150
60
IMS-2WWD-40 270 ± 10 % 57
0.79
9
16.8
140
58
IMS-2WWD-40 330 ± 10 % 57
0.79
8.5
18.6
130
56
IMS-2WWD-40 390 ± 10 % 57
0.79
8
21.1
120
54
IMS-2WWD-40 470 ± 10 % 50
0.79
7
32.2
100
52
IMS-2WWD-40 560 ± 10 % 50
0.79
6
36.4
95
50
IMS-2WWD-40 680 ± 10 % 56
0.79
5.5
41.1
90
48
IMS-2WWD-40 820 ± 10 % 49
0.79
5
45.0
85
47
IMS-2WWD-40 1000 ± 10 % 49
0.79
4.5
52.0
80
45
DIMENSIONS in inches [millimeters]
MARKING
- Color coded
1.30 [33.02]
Typ. Min.
# 24 0.020 ± 0.002
[0.508 ± 0.051]
TCW
0.335
[8.51]
Max.
0.133
[3.38]
Max.
RoHS
COMPLIANT


Similar Part No. - IMS-2WWD-40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IMS-2 VISHAY-IMS-2 Datasheet
75Kb / 3P
   Inductors Commercial, Molded, Shielded, Miniature
Revision: 18-Oct-04
IMS-2 VISHAY-IMS-2 Datasheet
71Kb / 3P
   Inductors
Revision: 13-Dec-07
IMS-2SWWD-3 VISHAY-IMS-2SWWD-3 Datasheet
75Kb / 4P
   Inductors
Revision: 10-Aug-06
IMS-2SWWD-30 VISHAY-IMS-2SWWD-30 Datasheet
75Kb / 4P
   Inductors
Revision: 10-Aug-06
IMS-2 VISHAY-IMS-2_07 Datasheet
71Kb / 3P
   Inductors
Revision: 13-Dec-07
More results

Similar Description - IMS-2WWD-40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PC9EBR10K VISHAY-PC9EBR10K Datasheet
86Kb / 3P
   Inductors Subminiature, Shielded
Revision: 10-Aug-06
logo
PCA ELECTRONICS INC.
EP48XXA PCA-EP48XXA_15 Datasheet
42Kb / 1P
   Subminiature RF Inductors
EP4852 PCA-EP4852 Datasheet
13Kb / 1P
   Subminiature RF Inductors
logo
Vishay Siliconix
WVL VISHAY-WVL Datasheet
114Kb / 4P
   Inductors, Variable, Subminiature
Revision: 10-Aug-06
logo
XFMRS Inc.
XFXXXXSH1 XFMRS-XFXXXXSH1 Datasheet
53Kb / 1P
   SHIELDED INDUCTORS
1XFSH1M XFMRS-1XFSH1M_15 Datasheet
42Kb / 1P
   SHIELDED INDUCTORS
XF26175SH XFMRS-XF26175SH Datasheet
84Kb / 2P
   SHIELDED INDUCTORS
XFS1MDR1714SH XFMRS-XFS1MDR1714SH_15 Datasheet
82Kb / 2P
   SHIELDED INDUCTORS
XFTPRH1207LD-390M XFMRS-XFTPRH1207LD-390M Datasheet
37Kb / 1P
   SHIELDED INDUCTORS
XFS1MDR1714SH XFMRS-XFS1MDR1714SH Datasheet
82Kb / 2P
   SHIELDED INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com