Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB45-P3R35GXS Datasheet(PDF) 3 Page - Vishay Siliconix

Part # EB45-P3R35GXS
Description  Edgeboard Connectors 200°C Burn-In Connectors, Dual Readout
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EB45-P3R35GXS Datasheet(HTML) 3 Page - Vishay Siliconix

  EB45-P3R35GXS Datasheet HTML 1Page - Vishay Siliconix EB45-P3R35GXS Datasheet HTML 2Page - Vishay Siliconix EB45-P3R35GXS Datasheet HTML 3Page - Vishay Siliconix EB45-P3R35GXS Datasheet HTML 4Page - Vishay Siliconix EB45-P3R35GXS Datasheet HTML 5Page - Vishay Siliconix EB45-P3R35GXS Datasheet HTML 6Page - Vishay Siliconix EB45-P3R35GXS Datasheet HTML 7Page - Vishay Siliconix EB45-P3R35GXS Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.vishay.com
22
EB4, EB6, EB7, EB8
Vishay Dale
Document Number 36006
Revision 14-Aug-02
For technical questions, contact Connectors@vishay.com
Type “XS”
Right Angle
Mounting Flange
EB4 0.100" [2.54mm] C-C, EB6 0.125" [3.17mm] C-C
Type “X”
Clearance Hole
Raised Mounting Flange
Type “XS”
EB7 and EB8 0.156" [3.96mm] C-C
Side Mounting
EB4 0.100" [2.54mm] C-C
Type “3R”
Right Angle
0.025 [.630] Square Terminals
Type “E”
Card Extender (Made from Type "A")
Type “K”
Wire Wrap
0.025 [.630] Square Terminals
Type “E”
Card Extender
Type “K”
Wire Wrap
0.025 [.630] Square Terminals
Type “3R”
Right Angle
0.025 [.630] Square Terminals
Type “E”
Card Extender
EB6 0.125" [3.17mm] C-C
EB7 and EB8 .156" [3.96mm] C-C
Type “A”
Solder Eyelet
EB7D only
Type “R”
Right Angle
MOUNTING VARIATIONS in inches [millimeters]
TERMINAL VARIATIONS in inches [millimeters]
0.220
± 0.015
[5.59
± 0.381]
0.086 x 0.008
[2.18 x 0.20]
To fit 3,
#22 AWG Wires
0.045
[1.14]
0.240
[6.10]
0.250
[6.35]
0.570
[14.48]
0.590
[14.99]
0.180 [4.57]
0.150
[3.81]
0.590
[14.99]
0 .180 [4.57]
0.150
[3.81]
0.200
[5.08]
0.570 [14.48]
0.045
[1.14]
0.240
[6.10]
0.128
[3.25] Dia.
0.250 [6.35]
Ref.
0.125 [3.17]
0.440
[11.18]
0.610 [15.49]
Ref.
0.060
[1.52]
Ref.
0.430
[10.92]
0.125
[3.17]
0.250
[6.35]
0.125
[3.17]
Dia.
0.125
[3.17]
Dia.
0.430
[10.92]
0.060
[1.52]
Ref.
0.250
[6.35]
0.610
[15.49]
Ref.
0.125 [3.17]
0.156
[3.96]
0.440 [11.18]
0.100 [2.54]
0.050
[1.27]
15
° Typ.
120
° Typ.
0.200
± 0.015
[5.08
± 0.381]
Type “XF”
Clearance Hole
Flush Mounting Flange
Type “XFS”
Right Angle
Mounting Flange
0.060
[1.52]
Ref.
0.610
[15.49]
Ref.
Ø .125
[3.17]
0.125 [3.17]
0.250 [6.35]
0.250
[6.35]
0.610
[15.49]
Ref.
0.060 [1.52]
Ref.
0.125 [3.17]
Dia.
Edgeboard Connectors
200
°C Burn-in Connectors, Dual Readout


Similar Part No. - EB45-P3R35GXS

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
EB45-XX-J-E ADAM-TECH-EB45-XX-J-E Datasheet
84Kb / 1P
   EURO BLOCK
More results

Similar Description - EB45-P3R35GXS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB8 VISHAY-EB8 Datasheet
156Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision 14-Aug-02
EB8 VISHAY-EB8_09 Datasheet
124Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
EB7D VISHAY-EB7D Datasheet
178Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision 14-Aug-02
EB7D VISHAY-EB7D_09 Datasheet
138Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
EB7S VISHAY-EB7S Datasheet
145Kb / 3P
   Edgeboard Connectors, Single Readout
Revision 14-Aug-02
EB7S VISHAY-EB7S_08 Datasheet
162Kb / 4P
   Edgeboard Connectors, Single Readout
Revision 14-Aug-02
EB7S VISHAY-EB7S_09 Datasheet
127Kb / 4P
   Edgeboard Connectors, Single Readout
Revision: 16-Feb-09
EB6 VISHAY-EB6 Datasheet
148Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.125" [3.17mm] C-C, Standard and Right Angle Terminals
Revision 14-Aug-02
EB6 VISHAY-EB6_V01 Datasheet
194Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.125" (3.17 mm) C-C, Standard and Right Angle Terminals
01-Jan-2022
EB4 VISHAY-EB4 Datasheet
158Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.100" [2.54mm] C-C, Standard and Right Angle Terminals
Revision 14-Aug-02
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com