Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRA12S1003100ZRB8E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # CRA12S1003100ZRB8E3
Description  Thick Film Resistor Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRA12S1003100ZRB8E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  CRA12S1003100ZRB8E3 Datasheet HTML 1Page - Vishay Siliconix CRA12S1003100ZRB8E3 Datasheet HTML 2Page - Vishay Siliconix CRA12S1003100ZRB8E3 Datasheet HTML 3Page - Vishay Siliconix CRA12S1003100ZRB8E3 Datasheet HTML 4Page - Vishay Siliconix CRA12S1003100ZRB8E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 31003
For technical questions, contact: filmresistors.thickfilmchip@vishay.com
www.vishay.com
Revision: 13-Oct-08
263
CRA12E, CRA12S
Thick Film Resistor Array
Vishay
Notes
(1) Figures are given for a single element
(2) Solderability is specified for 2 years after production or requalification. Permitted storage time is 20 years
TEST PROCEDURES AND REQUIREMENTS
EN 60115-1
TEST
(clause)
CONDITIONS OF TEST
REQUIREMENTS (1)
STABILITY
CLASS 1 OR BETTER
STABILITY
CLASS 2 OR BETTER
Stability for product types:
10
Ω to 1 MΩ
10
Ω to 1 MΩ
CRA12E/CRA12S
Resistance (4.5)
-
± 1 %
± 2 %; ± 5 %
Temperature coefficient (4.8.4.2)
20/- 55/20 °C and
20/125/20 °C
± 100 ppm/K
± 200 ppm/K
Overload (4.13)
U = 2.5 × (P70 x R)1/2
≤ 2 x U
max.; 1 s
± (0.25 %
R + 0.05
Ω)
± (0.5 %
R + 0.05
Ω)
Solderability (4.17.5) (2)
Aging 4 h at 155 °C, dryheat
Solder bath method; 235 °C; 1 s
Visual examination
Good tinning (
≥ 95 % covered)
no visible damage
Resistance to soldering heat (4.18.2)
Solder bath method;
(260 ± 5) °C; (10 ± 1) s
± (0.25 %
R + 0.05
Ω)
± (0.5 %
R + 0.05
Ω)
Rapid change of temperature (4.19)
30 min. at LCT = - 55 °C;
30 min. at UCT = 125 °C; 5 cycles
± (0.25 %
R + 0.05
Ω)
± (0.5 %
R + 0.05
Ω)
Damp heat, steady state (4.24)
(40 ± 2) °C; 56 days;
(93 ± 3) % RH
± (1 %
R + 0.05
Ω)± (2 % R + 0.1 Ω)
Climatic sequence (4.23)
16 h at UCT = 125 °C; 1 cycle at 55 °C;
2 h at LCT = - 55 °C;
1 h/1 kPa at 15 °C to 35 °C;
5 cycles at 55 °C
U = (P70 x R)1/2
U = Umax.; whichever is less severe
± (1 %
R + 0.05
Ω)± (2 % R + 0.1 Ω)
Endurance at 70 °C (4.25.1)
U = (P70 x R)1/2
U = Umax.; whichever is less severe
1.5 h ON; 0.5 h OFF;
70 °C; 1000 h
± (1 %
R + 0.05
Ω)± (2 % R + 0.1 Ω)
Extended endurance (4.25.1.8)
Duration extended to 8000 h
± (2 %
R + 0.1
Ω)± (4 % R + 0.1 Ω)
Endurance at upper category
temperature (4.25.3)
UCT = 125 °C; 1000 h
± (1 %
R + 0.05
Ω)± (2 % R + 0.1 Ω)
APPLICABLE SPECIFICATIONS
• EN 60115-1
Generic Specification
• EN 140400
Sectional Specification
• EN 140401-802
Detail Specification
• IEC 60068-2-X
Variety of environmental test procedures
• EIA 481
Packaging of SMD components


Similar Part No. - CRA12S1003100ZRB8E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRA12S101KFTL VISHAY-CRA12S101KFTL Datasheet
116Kb / 5P
   Thick Film Chip Resistor Array
Revision: 24-Jun-13
CRA12S101KFTR VISHAY-CRA12S101KFTR Datasheet
116Kb / 5P
   Thick Film Chip Resistor Array
Revision: 24-Jun-13
CRA12S101KGTL VISHAY-CRA12S101KGTL Datasheet
116Kb / 5P
   Thick Film Chip Resistor Array
Revision: 24-Jun-13
CRA12S101KGTR VISHAY-CRA12S101KGTR Datasheet
116Kb / 5P
   Thick Film Chip Resistor Array
Revision: 24-Jun-13
CRA12S101KJTL VISHAY-CRA12S101KJTL Datasheet
116Kb / 5P
   Thick Film Chip Resistor Array
Revision: 24-Jun-13
More results

Similar Description - CRA12S1003100ZRB8E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRA06S083100RJTA VISHAY-CRA06S083100RJTA Datasheet
130Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04P VISHAY-CRA04P Datasheet
107Kb / 4P
   Thick Film, Resistor Array
Revision: 09-Jan-07
CRA04S VISHAY-CRA04S_08 Datasheet
162Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA06P VISHAY-CRA06P Datasheet
196Kb / 4P
   Thick Film Resistor Array
Revision 25-Jul-05
CRA08C VISHAY-CRA08C Datasheet
45Kb / 2P
   Thick Film, Resistor Array
Revision 13-Feb-02
CRA06S08310K0JTA VISHAY-CRA06S08310K0JTA Datasheet
130Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA06P VISHAY-CRA06P_08 Datasheet
132Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04S VISHAY-CRA04S Datasheet
142Kb / 2P
   Thick Film, Resistor Array
Revision 03-Sep-03
CRA06E VISHAY-CRA06E Datasheet
289Kb / 2P
   Thick Film, Resistor Array
Revision 22-Jan-03
CRA04S VISHAY-CRA04S_17 Datasheet
120Kb / 4P
   Thick Film Chip Resistor Array
Revison: 23-Feb-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com