Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB2535CT Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MBRB2535CT
Description  Dual Common-Cathode Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRB2535CT Datasheet(HTML) 5 Page - Vishay Siliconix

  MBRB2535CT Datasheet HTML 1Page - Vishay Siliconix MBRB2535CT Datasheet HTML 2Page - Vishay Siliconix MBRB2535CT Datasheet HTML 3Page - Vishay Siliconix MBRB2535CT Datasheet HTML 4Page - Vishay Siliconix MBRB2535CT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - MBRB2535CT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRB2535CT GE-MBRB2535CT Datasheet
97Kb / 2P
   SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBRB2535CT MCC-MBRB2535CT Datasheet
86Kb / 2P
   25 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
GOOD-ARK Electronics
MBRB2535CT GOOD-ARK-MBRB2535CT Datasheet
259Kb / 3P
   Dual Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBRB2535CT VISHAY-MBRB2535CT Datasheet
125Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 21-Aug-08
logo
Silicon Standard Corp.
MBRB2535CT SSC-MBRB2535CT Datasheet
575Kb / 3P
   25A Dual Schottky Rectifiers
More results

Similar Description - MBRB2535CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 21-Nov-12
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB16200PI KODENSHI-SDB16200PI Datasheet
283Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SBL2030PT VISHAY-SBL2030PT_10 Datasheet
84Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 06-Aug-10
logo
KODENSHI_AUK CORP.
SDB10D150D2 KODENSHI-SDB10D150D2 Datasheet
211Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB3060PI KODENSHI-SDB3060PI Datasheet
284Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com