Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVV0405-175 Datasheet(PDF) 4 Page - HVVi Semiconductors, Inc.

Part # HVV0405-175
Description  UHF Pulsed Power Transistor 400-500 MHz, 300關s Pulse, 10% Duty Cycle For UHF band, Weather and Long Range Radar Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HVVI [HVVi Semiconductors, Inc.]
Direct Link  
Logo HVVI - HVVi Semiconductors, Inc.

HVV0405-175 Datasheet(HTML) 4 Page - HVVi Semiconductors, Inc.

  HVV0405-175 Datasheet HTML 1Page - HVVi Semiconductors, Inc. HVV0405-175 Datasheet HTML 2Page - HVVi Semiconductors, Inc. HVV0405-175 Datasheet HTML 3Page - HVVi Semiconductors, Inc. HVV0405-175 Datasheet HTML 4Page - HVVi Semiconductors, Inc. HVV0405-175 Datasheet HTML 5Page - HVVi Semiconductors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TM
HVV0405-175 HigH Voltage, HigH Ruggedness
UHF Pulsed Power Transistor
400-500 MHz, 300μs Pulse, 10% Duty Cycle
For UHF band, Weather and Long Range Radar Applications
The innovative Semiconductor Company!
HVVi Semiconductors, Inc.
10235 S. 51st St. Suite 100
Phoenix, AZ. 85044
ISO 9001:2000 Certified
Tel: (866) 429-HVVi (4884) or visit www.hvvi.com
© 2008 HVVi Semiconductors, Inc. All Rights Reserved.
EG-01-DS10A
12/11/08
4
Demonstration Board Outline
Demonstration Circuit Board Picture
(AutoCAD Files for Demonstration Board available online at www.hvvi.com/products)
HVV0405-175 Demonstration Circuit Board Bill of Materials
HVVi Semiconductors, Inc.
ISO 9001:2000 Certified
EG-01-DS10A
10235 S. 51st St. Suite 100
Tel: (866) 429-HVVi (4884) or visit www.hvvi.com
12/12/08
Phoenix, Az. 85044
© 2008 HVVi Semiconductors, Inc. All Rights Reserved.
4
HVV0405-175 High Voltage, High Ruggedness
UHF Pulsed Power Transistor
% Duty
Demonstration Board Outline
Demonstration Circuit Board Picture
(AutoCAD Files for Demonstration Board available online at www.hvvi.com/products)
HVV0405-175 Demonstration Circuit Board Bill of Materials
Part
Description
Part Number
Manufacturer
C1,C2,C6,C7 :
220 pF ATC 100B Chip Capacitor
100B221JP500X
ATC
C3
1.0 uF, 100V Chip Capacitor (X7R 1210)
GRM32ER72A105MA01L
Murata
C4
10K pF 100V Chi Capacitor (X7R 1206)
C1206C103K1RACTU
Kemet
C5
1K pF 100V Chi Capacitor (X7R 1206)
C1206C102K1RACTU
Kemet
R1:
56 Ohms Chip Resistor (1206) SMD
RC1206JR-07100KL
DIGI-KEY
R2:
1.5 K Ohms Chip Resistor (1206) SMD
RC1206JR-07100KL
DIGI-KEY
C8:
22.0 pF ATC 100B Chip Capacitor
100B220BW 150X
ATC
C9:
15.0 pF ATC 100B Chip Capacitor
100B150JP500X
ATC
C10:
3.9 pF ATC 100B Chip Capacitor
100B3R9JP500X
ATC
C11,C12:
12 pF ATC 100B Chip Capacitor
100B120JP500X
ATC
C13:
24.0 pF ATC 100B Chip Capacitor
100B240JP500X
ATC
C14:
10 pF ATC 100B Chip Capacitor
100B100JP500X
ATC
C15:
1.0 pF ATC 100B Chip Capacitor
100B1R0JP500X
ATC
C16:
10uF 63V Elect FK SMD
PCE3479CT-ND
Digi Key
L1
43 nH Coilcraft mini spring Inductor
B10T_L_
Coil craft
C17, C18:
100uF 63V Elect FK SMD
PCE3483CT-ND
Digi Key
RF Connectors (2)
Type "N" RF connectors
5919CC-TB-7
Coaxicom
DC Drain Conn
Connector Jack Banana Nylon Red
J151-ND
DIGI-KEY
DC Ground Conn.
Connector Jack Banana Nylon Black
J152-ND
DIGI-KEY
DC Gate Conn.
Connector Jack Banana Nylon Green
J153-ND
DIGI-KEY
PCB Board
PCB: Arlon, 30 mils thick, 2.55 Dielectric, 2 oz Copper
DS2525
DS Electronics
Heat Sink
Cool Innovations Aluminum Heat Sink
Cool Innovation
Device Clamp
Cool Innovations Nylon Clamp Foot
FXT000158 Rv.B
Cool Innovation
S.S. Screws (3)
4-40 X 1/4 Stainless Steel Hex Head Socket Screws
P242393
Copper State Bolt
Alloy Screws (4)
4-40 X 1/2 Alloy Socket Cap screw Hex Head
SCAS-0440-08C
Small Parts Inc
Metal Washers(4)
#4 Washer Zinc PLTD Steel Lock
ZSLW-004-M
Small Parts Inc
HVVi Semiconductors, Inc.
ISO 9001:2000 Certified
EG-01-DS10A
10235 S. 51st St. Suite 100
Tel: (866) 429-HVVi (4884) or visit www.hvvi.com
12/12/08
Phoenix, Az. 85044
© 2008 HVVi Semiconductors, Inc. All Rights Reserved.
4
HVV0405-175 High Voltage, High Ruggedness
UHF Pulsed Power Transistor
% Duty
Demonstration Board Outline
Demonstration Circuit Board Picture
(AutoCAD Files for Demonstration Board available online at www.hvvi.com/products)
HVV0405-175 Demonstration Circuit Board Bill of Materials
Part
Description
Part Number
Manufacturer
C1,C2,C6,C7 :
220 pF ATC 100B Chip Capacitor
100B221JP500X
ATC
C3
1.0 uF, 100V Chip Capacitor (X7R 1210)
GRM32ER72A105MA01L
Murata
C4
10K pF 100V Chi Capacitor (X7R 1206)
C1206C103K1RACTU
Kemet
C5
1K pF 100V Chi Capacitor (X7R 1206)
C1206C102K1RACTU
Kemet
R1:
56 Ohms Chip Resistor (1206) SMD
RC1206JR-07100KL
DIGI-KEY
R2:
1.5 K Ohms Chip Resistor (1206) SMD
RC1206JR-07100KL
DIGI-KEY
C8:
22.0 pF ATC 100B Chip Capacitor
100B220BW 150X
ATC
C9:
15.0 pF ATC 100B Chip Capacitor
100B150JP500X
ATC
C10:
3.9 pF ATC 100B Chip Capacitor
100B3R9JP500X
ATC
C11,C12:
12 pF ATC 100B Chip Capacitor
100B120JP500X
ATC
C13:
24.0 pF ATC 100B Chip Capacitor
100B240JP500X
ATC
C14:
10 pF ATC 100B Chip Capacitor
100B100JP500X
ATC
C15:
1.0 pF ATC 100B Chip Capacitor
100B1R0JP500X
ATC
C16:
10uF 63V Elect FK SMD
PCE3479CT-ND
Digi Key
L1
43 nH Coilcraft mini spring Inductor
B10T_L_
Coil craft
C17, C18:
100uF 63V Elect FK SMD
PCE3483CT-ND
Digi Key
RF Connectors (2)
Type "N" RF connectors
5919CC-TB-7
Coaxicom
DC Drain Conn
Connector Jack Banana Nylon Red
J151-ND
DIGI-KEY
DC Ground Conn.
Connector Jack Banana Nylon Black
J152-ND
DIGI-KEY
DC Gate Conn.
Connector Jack Banana Nylon Green
J153-ND
DIGI-KEY
PCB Board
PCB: Arlon, 30 mils thick, 2.55 Dielectric, 2 oz Copper
DS2525
DS Electronics
Heat Sink
Cool Innovations Aluminum Heat Sink
Cool Innovation
Device Clamp
Cool Innovations Nylon Clamp Foot
FXT000158 Rv.B
Cool Innovation
S.S. Screws (3)
4-40 X 1/4 Stainless Steel Hex Head Socket Screws
P242393
Copper State Bolt
Alloy Screws (4)
4-40 X 1/2 Alloy Socket Cap screw Hex Head
SCAS-0440-08C
Small Parts Inc
Metal Washers(4)
#4 Washer Zinc PLTD Steel Lock
ZSLW-004-M
Small Parts Inc


Similar Part No. - HVV0405-175

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
HVV0405-1000 ASI-HVV0405-1000 Datasheet
353Kb / 3P
   Excellent Ruggedness
More results

Similar Description - HVV0405-175

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
0405-1000M MICROSEMI-0405-1000M_1 Datasheet
153Kb / 4P
   1000 Watts - 40 Volts, 300關s, 10% UHF Pulsed Radar 400 - 450 MHz
0405-500L MICROSEMI-0405-500L Datasheet
138Kb / 4P
   500 Watts - 32Volts, 1100關s, 26% UHF Pulsed Radar 400 - 450 MHz
logo
HVVi Semiconductors, In...
HVV1214-100 HVVI-HVV1214-100 Datasheet
829Kb / 5P
   L-Band Radar Pulsed Power Transistor 1200-1400 MHz, 200關s Pulse, 10% Duty For Ground Based Radar Applications
HVV1214-025 HVVI-HVV1214-025 Datasheet
677Kb / 2P
   L-Band Radar Pulsed Power Transistor 1200-1400 MHz, 200關s Pulse, 10% Duty for Ground Based Radar Applications
HVV1214-075 HVVI-HVV1214-075 Datasheet
512Kb / 2P
   L-Band Radar Pulsed Power Transistor 1200-1400 MHz, 200關s Pulse, 10% Duty for Ground Based Radar Applications
HVV1214-025S HVVI-HVV1214-025S Datasheet
225Kb / 2P
   L-Band Radar Pulsed Power Transistor 1200-1400 MHz, 200關s Pulse, 10% Duty
logo
Tyco Electronics
PH2731-75L MACOM-PH2731-75L Datasheet
105Kb / 3P
   Radar Pulsed Power Transistor 75W, 2.7-3.1 GHz, 300關s Pulse, 10% Duty
logo
M/A-COM Technology Solu...
PH2731-75L MA-COM-PH2731-75L Datasheet
105Kb / 3P
   Radar Pulsed Power Transistor 75W, 2.7-3.1 GHz, 300關s Pulse, 10% Duty
PH3134-9L MA-COM-PH3134-9L Datasheet
99Kb / 2P
   Radar Pulsed Power Transistor 9W, 3.1-3.4 GHz, 300關s Pulse, 10% Duty
PH3134-20L MA-COM-PH3134-20L Datasheet
107Kb / 3P
   Radar Pulsed Power Transistor 20W, 3.1-3.4 GHz, 300關s Pulse, 10% Duty
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com