Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVV0405-175-EK Datasheet(PDF) 2 Page - HVVi Semiconductors, Inc.

Part # HVV0405-175-EK
Description  UHF Pulsed Power Transistor 400-500 MHz, 300關s Pulse, 10% Duty Cycle For UHF band, Weather and Long Range Radar Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HVVI [HVVi Semiconductors, Inc.]
Direct Link  
Logo HVVI - HVVi Semiconductors, Inc.

HVV0405-175-EK Datasheet(HTML) 2 Page - HVVi Semiconductors, Inc.

  HVV0405-175-EK Datasheet HTML 1Page - HVVi Semiconductors, Inc. HVV0405-175-EK Datasheet HTML 2Page - HVVi Semiconductors, Inc. HVV0405-175-EK Datasheet HTML 3Page - HVVi Semiconductors, Inc. HVV0405-175-EK Datasheet HTML 4Page - HVVi Semiconductors, Inc. HVV0405-175-EK Datasheet HTML 5Page - HVVi Semiconductors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TM
HVV0405-175 HigH Voltage, HigH Ruggedness
UHF Pulsed Power Transistor
400-500 MHz, 300μs Pulse, 10% Duty Cycle
For UHF band, Weather and Long Range Radar Applications
The innovative Semiconductor Company!
HVVi Semiconductors, Inc.
10235 S. 51st St. Suite 100
Phoenix, AZ. 85044
ISO 9001:2000 Certified
Tel: (866) 429-HVVi (4884) or visit www.hvvi.com
© 2008 HVVi Semiconductors, Inc. All Rights Reserved.
EG-01-DS10A
12/11/08
2
eleCtRiCal CHaRaCteRistiCs
Pulse CHaRaCteRistiCs
tHeRMal CHaRaCteRistiCs
Ruggedness PeRFoRManCe
HVVi Semiconductors, Inc.
ISO 9001:2000 Certified
EG-01-DS10A
10235 S. 51st St. Suite 100
Tel: (866) 429-HVVi (4884) or visit www.hvvi.com
12/12/08
Phoenix, Az. 85044
© 2008 HVVi Semiconductors, Inc. All Rights Reserved.
2
HVV0405-175 High Voltage, High Ruggedness
UHF Pulsed Power Transistor
400-500 MHz, 300µs Pulse, 10% Duty Cycle
For UHF band, Weather and Long Range Radar Applications
% Duty
The HVV0405-175 device is capable of withstanding an output load mismatch
corresponding to a 20:1 VSWR at rated output power and nominal operating voltage
across the frequency band of operation.
1.) NOTE: All parameters measured under pulsed conditions at 175W output power
measured at the 10% point of the pulse with pulse width = 300µsec, duty cycle = 10%
and VDD = 50V, IDQ = 50mA in a broadband matched test fixture.
2.) NOTE: Amount of gate voltage required to attain nominal quiescent current.
Symbol
Parameter
Conditions
Min
Typical
Max
Unit
VBR(DSS)
Drain-Source Breakdown
VGS=0V,ID=5mA
95
102
-
V
IDSS
Drain Leakage Current
VGS=0V,VDS=48V
-
50
200
µA
IGSS
Gate Leakage Current
VGS=5V,VDS=0V
-
1
5
µA
GP1
Power Gain
F=450MHz
23
25
-
dB
IRL1
Input Return Loss
F=450MHz
-
-7
-4
dB
ηD1
Drain Efficiency
F=450MHz
52
55
-
%
VGS(Q)2
Gate Quiescent Voltage
VDD=50V,IDQ=50mA
1.1
1.45
1.8
V
VTH
Threshold Voltage
VDD=5V, ID=300µA
0.7
1.2
1.7
V
Symbol
Parameter
Conditions
Min
Typical
Max
Units
tr1
Rise Time
F=450MHz
-
<25
50
nS
tf1
Fall Time
F=450MHz
-
<22
50
nS
PD1
Pulse Droop
F=450MHz
-
0.3
0.5
dB
Symbol
Parameter
Max
Unit
θJC1
Thermal Resistance
0.40
°C/W
Symbol
Parameter
Test Condition
Max
Units
LMT1
Load
Mismatch
Tolerance
F = 450 MHz
20:1
VSWR
THERMAL PERFORMANCE
PULSE CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
RUGGEDNESS PERFORMANCE
HVVi Semiconductors, Inc.
ISO 9001:2000 Certified
EG-01-DS10A
10235 S. 51st St. Suite 100
Tel: (866) 429-HVVi (4884) or visit www.hvvi.com
12/12/08
Phoenix, Az. 85044
© 2008 HVVi Semiconductors, Inc. All Rights Reserved.
2
HVV0405-175 High Voltage, High Ruggedness
UHF Pulsed Power Transistor
400-500 MHz, 300µs Pulse, 10% Duty Cycle
For UHF band, Weather and Long Range Radar Applications
% Duty
The HVV0405-175 device is capable of withstanding an output load mismatch
corresponding to a 20:1 VSWR at rated output power and nominal operating voltage
across the frequency band of operation.
1.) NOTE: All parameters measured under pulsed conditions at 175W output power
measured at the 10% point of the pulse with pulse width = 300µsec, duty cycle = 10%
and VDD = 50V, IDQ = 50mA in a broadband matched test fixture.
2.) NOTE: Amount of gate voltage required to attain nominal quiescent current.
Symbol
Parameter
Conditions
Min
Typical
Max
Unit
VBR(DSS)
Drain-Source Breakdown
VGS=0V,ID=5mA
95
102
-
V
IDSS
Drain Leakage Current
VGS=0V,VDS=48V
-
50
200
µA
IGSS
Gate Leakage Current
VGS=5V,VDS=0V
-
1
5
µA
GP1
Power Gain
F=450MHz
23
25
-
dB
IRL1
Input Return Loss
F=450MHz
-
-7
-4
dB
ηD1
Drain Efficiency
F=450MHz
52
55
-
%
VGS(Q)2
Gate Quiescent Voltage
VDD=50V,IDQ=50mA
1.1
1.45
1.8
V
VTH
Threshold Voltage
VDD=5V, ID=300µA
0.7
1.2
1.7
V
Symbol
Parameter
Conditions
Min
Typical
Max
Units
tr1
Rise Time
F=450MHz
-
<25
50
nS
tf1
Fall Time
F=450MHz
-
<22
50
nS
PD1
Pulse Droop
F=450MHz
-
0.3
0.5
dB
Symbol
Parameter
Max
Unit
θJC1
Thermal Resistance
0.40
°C/W
Symbol
Parameter
Test Condition
Max
Units
LMT1
Load
Mismatch
Tolerance
F = 450 MHz
20:1
VSWR
THERMAL PERFORMANCE
PULSE CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
RUGGEDNESS PERFORMANCE
The HVV0405-175 device is capable of withstanding an output load mismatch corresponding to a 20:1 VSWR
at rated output power and nominal operating voltage across the frequency band of operation.
1
NOTE: All parameters measured under pulsed conditions at 175W output power
measured at the 10% point of the pulse with pulse width = 300μsec, duty cycle = 10%
and VDD = 50V, IDQ = 50mA in a broadband matched test fixture.
2
NOTE: Amount of gate voltage required to attain nominal quiescent current.
Symbol Parameter
Conditions
Min
Typical Max
Unit
VBR(DSS)
Drain-Source Breakdown VGS=0V,ID=5mA
95
102
-
V
IDSS
Drain Leakage Current
VGS=0V,VDS=48V
-
50
200
μA
IGSS
Gate Leakage Current
VGS=5V,VDS=0V
-
1
5
μA
GP1
Power Gain
F=450MHz
23
25
-
dB
IRL1
Input Return Loss
F=450MHz
-
-7
-4
dB
ηD1
Drain Efficiency
F=450MHz
52
55
-
%
VGS(Q)2 Gate Quiescent Voltage
VDD=50V,IDQ=50mA
1.1
1.45
1.8
V
VTH
Threshold Voltage
VDD=5V, ID=300μA
0.7
1.2
1.7
V
Symbol Parameter
Conditions
Min
Typical Max
Unit
Tr1
Rise Time
F=450MHz
-
<25
50
nS
Tf1
Fall Time
F=450MHz
-
<22
50
nS
PD1
Pulse Droop
F=450MHz
-
0.3
0.5
dB


Similar Part No. - HVV0405-175-EK

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
HVV0405-1000 ASI-HVV0405-1000 Datasheet
353Kb / 3P
   Excellent Ruggedness
More results

Similar Description - HVV0405-175-EK

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
0405-1000M MICROSEMI-0405-1000M_1 Datasheet
153Kb / 4P
   1000 Watts - 40 Volts, 300關s, 10% UHF Pulsed Radar 400 - 450 MHz
0405-500L MICROSEMI-0405-500L Datasheet
138Kb / 4P
   500 Watts - 32Volts, 1100關s, 26% UHF Pulsed Radar 400 - 450 MHz
logo
HVVi Semiconductors, In...
HVV1214-100 HVVI-HVV1214-100 Datasheet
829Kb / 5P
   L-Band Radar Pulsed Power Transistor 1200-1400 MHz, 200關s Pulse, 10% Duty For Ground Based Radar Applications
HVV1214-025 HVVI-HVV1214-025 Datasheet
677Kb / 2P
   L-Band Radar Pulsed Power Transistor 1200-1400 MHz, 200關s Pulse, 10% Duty for Ground Based Radar Applications
HVV1214-075 HVVI-HVV1214-075 Datasheet
512Kb / 2P
   L-Band Radar Pulsed Power Transistor 1200-1400 MHz, 200關s Pulse, 10% Duty for Ground Based Radar Applications
HVV1214-025S HVVI-HVV1214-025S Datasheet
225Kb / 2P
   L-Band Radar Pulsed Power Transistor 1200-1400 MHz, 200關s Pulse, 10% Duty
logo
Tyco Electronics
PH2731-75L MACOM-PH2731-75L Datasheet
105Kb / 3P
   Radar Pulsed Power Transistor 75W, 2.7-3.1 GHz, 300關s Pulse, 10% Duty
logo
M/A-COM Technology Solu...
PH2731-75L MA-COM-PH2731-75L Datasheet
105Kb / 3P
   Radar Pulsed Power Transistor 75W, 2.7-3.1 GHz, 300關s Pulse, 10% Duty
PH3134-9L MA-COM-PH3134-9L Datasheet
99Kb / 2P
   Radar Pulsed Power Transistor 9W, 3.1-3.4 GHz, 300關s Pulse, 10% Duty
PH3134-20L MA-COM-PH3134-20L Datasheet
107Kb / 3P
   Radar Pulsed Power Transistor 20W, 3.1-3.4 GHz, 300關s Pulse, 10% Duty
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com