Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MALIEYH07CV422L02K Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MALIEYH07CV422L02K
Description  Aluminum Capacitors Standard - 105 °C Snap-in
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALIEYH07CV422L02K Datasheet(HTML) 3 Page - Vishay Siliconix

  MALIEYH07CV422L02K Datasheet HTML 1Page - Vishay Siliconix MALIEYH07CV422L02K Datasheet HTML 2Page - Vishay Siliconix MALIEYH07CV422L02K Datasheet HTML 3Page - Vishay Siliconix MALIEYH07CV422L02K Datasheet HTML 4Page - Vishay Siliconix MALIEYH07CV422L02K Datasheet HTML 5Page - Vishay Siliconix MALIEYH07CV422L02K Datasheet HTML 6Page - Vishay Siliconix MALIEYH07CV422L02K Datasheet HTML 7Page - Vishay Siliconix MALIEYH07CV422L02K Datasheet HTML 8Page - Vishay Siliconix MALIEYH07CV422L02K Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number 25139
For technical questions, contact: aluminumcaps3@vishay.com
www.vishay.com
Revision: 14-Feb-08
171
EYH
Aluminum Capacitors
Standard - 105 °C Snap-in
Vishay Roederstein
DIMENSIONS in millimeters AND AVAILABLE FORMS
RADIAL STYLE: DIMENSIONS in millimeters, AND PACKAGING QUANTITIES
NOMINAL CASE SIZE
MAXIMUM SIZE
PACKAGING
22 x 20
23 x 22
200
22 x 25
23 x 27
22 x 30
23 x 32
22 x 35
23 x 37
22 x 40
23 x 42
22 x 45
23 x 47
22 x 50
23 x 52
25 x 20
26.4 x 22
150
25 x 25
26.4 x 27
25 x 30
26.4 x 32
25 x 35
26.4 x 37
25 x 40
26.4 x 42
25 x 45
26.4 x 47
25 x 50
26.4 x 52
30 x 20
31 x 22
100
30 x 25
31 x 27
30 x 30
31 x 32
30 x 35
31 x 37
30 x 40
31 x 42
30 x 45
31 x 47
30 x 50
31 x 52
35 x 20
36 x 22
70
35 x 25
36 x 27
35 x 30
36 x 32
35 x 35
36 x 37
35 x 40
36 x 42
35 x 45
36 x 47
35 x 50
36 x 52
40 x 40
41 x 42
50
40 x 50
41 x 52
40 x 60
41 x 62
22.5
30°
BLANK
30°
30°
PC BOARD
MOUNTING HOLES
40 ± 1.0
10 ± 0.2
PIN LENGTH
4.0 ± 0.5
also available
8.0 ± 1.0
PC BOARD MOUNTING
HOLES Ø 2.0 ± 10
INSULATION
BOTTOM SAFETY VENT
BLANK
Lmax
1.5 ± 0.5
-
-


Similar Part No. - MALIEYH07CV422L02K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALIEYH07AA527B02K VISHAY-MALIEYH07AA527B02K Datasheet
108Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-In
Revision: 24-May-13
MALIEYH07AB533B02K VISHAY-MALIEYH07AB533B02K Datasheet
108Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-In
Revision: 24-May-13
MALIEYH07AU518B02K VISHAY-MALIEYH07AU518B02K Datasheet
108Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-In
Revision: 24-May-13
MALIEYH07AV522B02K VISHAY-MALIEYH07AV522B02K Datasheet
108Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-In
Revision: 24-May-13
MALIEYH07BU527B02K VISHAY-MALIEYH07BU527B02K Datasheet
108Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-In
Revision: 24-May-13
More results

Similar Description - MALIEYH07CV422L02K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EYH VISHAY-EYH_13 Datasheet
108Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-In
Revision: 24-May-13
81D VISHAY-81D Datasheet
348Kb / 5P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 25-Aug-08
81DA VISHAY-81DA_08 Datasheet
321Kb / 4P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 26-Aug-08
logo
Cornell Dubilier Electr...
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
   105 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYN VISHAY-EYN Datasheet
120Kb / 9P
   Aluminum Capacitors Standard - 85 °C Snap-In
Revision: 24-May-13
logo
RFE international
LSM RFE-LSM Datasheet
830Kb / 7P
   Aluminum Electrolytic Capacitors LSM Series: Snap In, 105 C
AUG-30-2023
logo
Vishay Siliconix
81DA VISHAY-81DA Datasheet
61Kb / 3P
   Aluminum Capacitors 105 째C, Snap-in
Revision: 16-Jul-04
logo
Cornell Dubilier Electr...
SLP103M010A1P3 CDE-SLP103M010A1P3 Datasheet
1Mb / 8P
   105 쨘C Aluminum Electrolytic Snap-In Capacitors
logo
List of Unclassifed Man...
381EL271M160H012E ETC2-381EL271M160H012E Datasheet
372Kb / 5P
   105 ?C Ultra-Long Life Snap-In, Aluminum
logo
RFE international
LSG RFE-LSG Datasheet
575Kb / 4P
   Aluminum Electrolytic Capacitors LSG Series: Snap-in Terminal Type, 105°C
8-FEB-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com