Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

351HE3A9ZB Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 351HE3A9ZB
Description  Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

351HE3A9ZB Datasheet(HTML) 4 Page - Vishay Siliconix

  351HE3A9ZB Datasheet HTML 1Page - Vishay Siliconix 351HE3A9ZB Datasheet HTML 2Page - Vishay Siliconix 351HE3A9ZB Datasheet HTML 3Page - Vishay Siliconix 351HE3A9ZB Datasheet HTML 4Page - Vishay Siliconix 351HE3A9ZB Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Model 351 HE
Single Turn Bushing Mount Hall Effect
Sensor in Size 09 (22.2 mm)
Vishay Spectrol
Document Number: 57099
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 15-Nov-07
163
DIMENSIONS in millimeters
Notes:
(1) For version slotted shaft
(2) For version non turn pin
(3) For shaft type “1“
MARKING
Unit
Identification
Manufacturer’s name and complete sap part reference, date code, and wiring correspondance: colors
versus connections.
1 ± 0.2 (1)
22 ± 0.8
CW OR CCW ACCORDING
OUTPUT MODE CHOICE
Gnd = YELLOW WIRE
V
supply = GREEN WIRE
V
out = RED WIRE
VIEWED FROM SHAFT
VISHA
Y
Ø 1.57 ± 0.1 (2)
7.92 (2)
VISHAY
Ø 22.7 ± 0.13
8.9
9.5
0.4 x 45°
1.07 ± 0.2 (2)
15.8 ± 0.4
YELLOW
RED
GREEN
3 WIRES
AWG 20
LENGTH: 300 mm
GENERAL TOLERANCE: ± 0.5 mm


Similar Part No. - 351HE3A9ZB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
351HE VISHAY-351HE Datasheet
378Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
Revision: 27-Mar-15
351HE VISHAY-351HE Datasheet
376Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
01-Jan-2022
351HE1B9ZC0P27XXXX VISHAY-351HE1B9ZC0P27XXXX Datasheet
376Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
01-Jan-2022
351HE VISHAY-351HE_15 Datasheet
368Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
Revision: 27-Mar-15
351HE VISHAY-351HE_V01 Datasheet
376Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
01-Jan-2022
More results

Similar Description - 351HE3A9ZB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
631HE VISHAY-631HE_V01 Datasheet
101Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
01-Jan-2022
631HE VISHAY-631HE Datasheet
106Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
Revision: 12-Apr-10
351HE VISHAY-351HE Datasheet
378Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
Revision: 27-Mar-15
351HE VISHAY-351HE_15 Datasheet
368Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
Revision: 27-Mar-15
631HE VISHAY-631HE_15 Datasheet
359Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
Revision: 27-Mar-15
351HE VISHAY-351HE_V01 Datasheet
376Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
01-Jan-2022
78SHE VISHAY-78SHE_15 Datasheet
401Kb / 5P
   Single Turn Servo Mount Hall Effect Sensor in Size 09 (22.2 mm)
Revision: 27-Mar-15
78SHE VISHAY-78SHE Datasheet
410Kb / 5P
   Single Turn Servo Mount Hall Effect Sensor in Size 09 (22.2 mm)S
01-Jan-2022
34THE VISHAY-34THE_15 Datasheet
221Kb / 7P
   Ten Turns Servo or Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
Revision: 25-Jul-12
34THE VISHAY-34THE_V01 Datasheet
230Kb / 7P
   Ten Turns Servo or Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com