Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB65-P3R43GX Datasheet(PDF) 7 Page - Vishay Siliconix

Part # EB65-P3R43GX
Description  Edgeboard Connectors 200°C Burn-In Connectors, Dual Readout
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EB65-P3R43GX Datasheet(HTML) 7 Page - Vishay Siliconix

  EB65-P3R43GX Datasheet HTML 1Page - Vishay Siliconix EB65-P3R43GX Datasheet HTML 2Page - Vishay Siliconix EB65-P3R43GX Datasheet HTML 3Page - Vishay Siliconix EB65-P3R43GX Datasheet HTML 4Page - Vishay Siliconix EB65-P3R43GX Datasheet HTML 5Page - Vishay Siliconix EB65-P3R43GX Datasheet HTML 6Page - Vishay Siliconix EB65-P3R43GX Datasheet HTML 7Page - Vishay Siliconix EB65-P3R43GX Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.vishay.com
26
EB4, EB6, EB7, EB8
Vishay Dale
Document Number 36006
Revision 14-Aug-02
For technical questions, contact Connectors@vishay.com
Card Extender Mounting
For Fast Change of Test Setups
MOUNTING STYLES in inches [millimeters]
EB4 0.100" [2.54mm] C-C
EB6 0.125" [3.17mm] C-C
EB7 0.156" [3.96mm] C-C
EB8 0.156" [3.96mm] C-C
200
°C CARD EXTENDER MODEL NUMBERS
Oven Wall
Standard
High Temperature
Connector
Standard
Connector
Card
Extender
0.062 [1.57]
Thick
Component
Under Test
Card Extender
Contacts
EB45-PE10GX
EB45-PE43GX
EB65-PE22GX
EB65-PE50GX
EB45-PE12GX
EB45-PE44GX
EB65-PE24GX
EB75D-PE36GX
EB45-PE15GX
EB45-PE48GX
EB65-PE25GX
EB75D-PE43GX
EB45-PE18GX
EB45-PE49GX
EB65-PE28GX
EB85-PE6GX
EB45-PE20GX
EB45-PE50GX
EB65-PE30GX
EB85-PE10GX
EB45-PE22GX
EB45-PE60GX
EB65-PE31GX
EB85-PE12GX
EB45-PE25GX
EB45-PE65GX
EB65-PE32GX
EB85-PE15GX
EB45-PE28GX
EB65-PE6GX
EB65-PE35GX
EB85-PE18GX
EB45-PE30GX
EB65-PE10GX
EB65-PE36GX
EB85-PE22GX
EB45-PE31GX
EB65-PE12GX
EB65-PE40GX
EB85-PE24GX
EB45-PE35GX
EB65-PE14GX
EB65-PE43GX
EB85-PE25GX
EB45-PE36GX
EB65-PE15GX
EB65-PE44GX
EB45-PE40GX
EB65-PE18GX
EB65-PE49GX
Edgeboard Connectors
200
°C Burn-in Connectors, Dual Readout


Similar Part No. - EB65-P3R43GX

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB651R10 VISHAY-EB651R10 Datasheet
148Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.125" [3.17mm] C-C, Standard and Right Angle Terminals
Revision 14-Aug-02
EB651R10SGX15 VISHAY-EB651R10SGX15 Datasheet
188Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.125" (3.17 mm) C-C, Standard and Right Angle Terminals
Revision: 16-Feb-09
EB651R12 VISHAY-EB651R12 Datasheet
148Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.125" [3.17mm] C-C, Standard and Right Angle Terminals
Revision 14-Aug-02
EB651R12SGX15 VISHAY-EB651R12SGX15 Datasheet
188Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.125" (3.17 mm) C-C, Standard and Right Angle Terminals
Revision: 16-Feb-09
EB651R14 VISHAY-EB651R14 Datasheet
148Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.125" [3.17mm] C-C, Standard and Right Angle Terminals
Revision 14-Aug-02
More results

Similar Description - EB65-P3R43GX

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB8 VISHAY-EB8 Datasheet
156Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision 14-Aug-02
EB8 VISHAY-EB8_09 Datasheet
124Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
EB7D VISHAY-EB7D Datasheet
178Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision 14-Aug-02
EB7D VISHAY-EB7D_09 Datasheet
138Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
EB7S VISHAY-EB7S Datasheet
145Kb / 3P
   Edgeboard Connectors, Single Readout
Revision 14-Aug-02
EB7S VISHAY-EB7S_08 Datasheet
162Kb / 4P
   Edgeboard Connectors, Single Readout
Revision 14-Aug-02
EB7S VISHAY-EB7S_09 Datasheet
127Kb / 4P
   Edgeboard Connectors, Single Readout
Revision: 16-Feb-09
EB6 VISHAY-EB6 Datasheet
148Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.125" [3.17mm] C-C, Standard and Right Angle Terminals
Revision 14-Aug-02
EB6 VISHAY-EB6_V01 Datasheet
194Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.125" (3.17 mm) C-C, Standard and Right Angle Terminals
01-Jan-2022
EB4 VISHAY-EB4 Datasheet
158Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.100" [2.54mm] C-C, Standard and Right Angle Terminals
Revision 14-Aug-02
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com