Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRD330TRRPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MBRD330TRRPBF
Description  Schottky Rectifier, 3.0 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRD330TRRPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  MBRD330TRRPBF Datasheet HTML 1Page - Vishay Siliconix MBRD330TRRPBF Datasheet HTML 2Page - Vishay Siliconix MBRD330TRRPBF Datasheet HTML 3Page - Vishay Siliconix MBRD330TRRPBF Datasheet HTML 4Page - Vishay Siliconix MBRD330TRRPBF Datasheet HTML 5Page - Vishay Siliconix MBRD330TRRPBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay,com
Document Number: 94313
4
Revision: 06-Jun-08
MBRD3..PbF Series
Vishay High Power Products Schottky Rectifier, 3.0 A
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
100
110
120
130
140
160
150
IF(AV) - Average Forward Current (A)
2
1
345
0
DC
See note (1)
Square wave (D = 0.50)
80 % rated V
R applied
0
0.5
1.5
2.5
2.0
1.0
IF(AV) - Average Forward Current (A)
2
13
4
5
0
DC
RMS limit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
10
100
1000
tp - Square Wave Pulse Duration (µs)
100
1000
10 000
10
At any rated load condition
and with rated V
RRM applied
following surge


Similar Part No. - MBRD330TRRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRD330TRRPBF VISHAY-MBRD330TRRPBF Datasheet
122Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 14-Jan-11
More results

Similar Description - MBRD330TRRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30BQ015PBF VISHAY-30BQ015PBF_11 Datasheet
118Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 23-Feb-11
MBRD320PBF VISHAY-MBRD320PBF_11 Datasheet
122Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 14-Jan-11
1N5820 VISHAY-1N5820_12 Datasheet
119Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 11-Oct-11
VS-30BQ060TRPBF VISHAY-VS-30BQ060TRPBF Datasheet
120Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 04-Mar-10
30BQ060PBF VISHAY-30BQ060PBF_10 Datasheet
121Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 04-Mar-10
30BQ015PBF VISHAY-30BQ015PBF Datasheet
102Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 14-Aug-08
MBRS340TRPBF VISHAY-MBRS340TRPBF Datasheet
92Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 09-Oct-08
VS-1N5820 VISHAY-VS-1N5820 Datasheet
117Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 11-Oct-11
VS-30BQ015PBF VISHAY-VS-30BQ015PBF Datasheet
117Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 23-Feb-11
VS-30BQ040TRPBF VISHAY-VS-30BQ040TRPBF Datasheet
113Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 04-Mar-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com