Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR20100CT-1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MBR20100CT-1
Description  Schottky Rectifier, 2 x 10 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR20100CT-1 Datasheet(HTML) 1 Page - Vishay Siliconix

  MBR20100CT-1 Datasheet HTML 1Page - Vishay Siliconix MBR20100CT-1 Datasheet HTML 2Page - Vishay Siliconix MBR20100CT-1 Datasheet HTML 3Page - Vishay Siliconix MBR20100CT-1 Datasheet HTML 4Page - Vishay Siliconix MBR20100CT-1 Datasheet HTML 5Page - Vishay Siliconix MBR20100CT-1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 93444
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 21-Aug-08
1
Schottky Rectifier, 2 x 10 A
MBRB20..CT/MBR20..CT-1
Vishay High Power Products
FEATURES
• 150 °C TJ operation
• Low forward voltage drop
• High frequency operation
• Center tap D2PAK and TO-262 packages
• High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
• Guard ring for enhanced ruggedness and long term
reliability
• Designed and qualified for Q101 level
DESCRIPTION
This center tap Schottky rectifier has been optimized for low
reverse leakage at high temperature. The proprietary barrier
technology allows for reliable operation up to 150 °C
junction temperature. Typical applications are in switching
power supplies, converters, freewheeling diodes, and
reverse battery protection.
PRODUCT SUMMARY
IF(AV)
2 x 10 A
VR
80 to 100 V
MBRB20..CT
Base
common
cathode
D2PAK
TO-262
MBR20..CT-1
Anode
Anode
Common
cathode
1
3
2
2
Base
common
cathode
Anode
Anode
Common
cathode
1
3
2
2
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform (per device)
20
A
IFRM
TC = 133 °C (per leg)
20
VRRM
80 to 100
V
IFSM
tp = 5 µs sine
850
A
VF
10 Apk, TJ = 125 °C
0.70
V
TJ
Range
- 65 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
MBRB2080CT
MBR2080CT-1
MBRB2090CT
MBR2090CT-1
MBRB20100CT
MBR20100CT-1
UNITS
Maximum DC reverse voltage
VR
80
90
100
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average
forward current
per leg
IF(AV)
TC = 133 °C, rated VR
10
A
per device
20
Peak repetitive forward current per leg
IFRM
Rated VR, square wave, 20 kHz, TC = 133 °C
20
Non-repetitive peak surge current
IFSM
5 µs sine or 3 µs rect.
pulse
Following any rated load ondition
and with rated VRRM applied
850
Surge applied at rated load conditions halfwave,
single phase, 60 Hz
150
Peak repetitive reverse surge current
IRRM
2.0 µs, 1.0 kHz
0.5
Non-repetitive avalanche energy per leg
EAS
TJ = 25 °C, IAS = 2 A, L = 12 mH
24
mJ


Similar Part No. - MBR20100CT-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MBR20100CT-1 IRF-MBR20100CT-1 Datasheet
206Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sensitron
MBR20100CT-1-G SENSITRON-MBR20100CT-1-G Datasheet
103Kb / 4P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBR20100CT-1P VISHAY-MBR20100CT-1P Datasheet
135Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 14-Aug-08
MBR20100CT-1P VISHAY-MBR20100CT-1P Datasheet
180Kb / 8P
   Schottky Rectifier, 2 x 10 A
Revision: 16-Mar-10
MBR20100CT-1PBF VISHAY-MBR20100CT-1PBF Datasheet
135Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 14-Aug-08
More results

Similar Description - MBR20100CT-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRB2035CT-1PBF VISHAY-MBRB2035CT-1PBF Datasheet
136Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 16-Mar-10
MBR20100CTKPBF VISHAY-MBR20100CTKPBF_09 Datasheet
168Kb / 7P
   Schottky Rectifier, 2 x 10 A
Revision: 05-Oct-09
MBRB2080CTG-1PBF VISHAY-MBRB2080CTG-1PBF_10 Datasheet
167Kb / 8P
   Schottky Rectifier, 2 x 10 A
Revision: 16-Mar-10
MBRB2080CTGPBF VISHAY-MBRB2080CTGPBF Datasheet
128Kb / 7P
   Schottky Rectifier, 2 x 10 A
Revision: 08-Oct-08
VS-MBR20CTPBF VISHAY-VS-MBR20CTPBF Datasheet
156Kb / 7P
   Schottky Rectifier, 2 x 10 A
Revision: 04-Dec-13
20CTQ150 VISHAY-20CTQ150 Datasheet
111Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 22-Aug-08
20CTQS VISHAY-20CTQS Datasheet
135Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 22-Aug-08
20CTQ150PBF VISHAY-20CTQ150PBF Datasheet
114Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 13-Aug-08
MBRB2035CTPBF VISHAY-MBRB2035CTPBF Datasheet
138Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 14-Aug-08
VS-20CTQSPBF VISHAY-VS-20CTQSPBF Datasheet
175Kb / 8P
   Schottky Rectifier, 2 x 10 A
Revision: 12-Mar-10
VS-MBR20CTKPBF VISHAY-VS-MBR20CTKPBF Datasheet
176Kb / 7P
   Schottky Rectifier, 2 x 10 A
Revision: 29-Aug-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com