Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP-3526PCS-8 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # TIP-3526PCS-8
Description  Infrared Touch Panels
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TIP-3526PCS-8 Datasheet(HTML) 7 Page - Vishay Siliconix

  TIP-3526PCS-8 Datasheet HTML 1Page - Vishay Siliconix TIP-3526PCS-8 Datasheet HTML 2Page - Vishay Siliconix TIP-3526PCS-8 Datasheet HTML 3Page - Vishay Siliconix TIP-3526PCS-8 Datasheet HTML 4Page - Vishay Siliconix TIP-3526PCS-8 Datasheet HTML 5Page - Vishay Siliconix TIP-3526PCS-8 Datasheet HTML 6Page - Vishay Siliconix TIP-3526PCS-8 Datasheet HTML 7Page - Vishay Siliconix TIP-3526PCS-8 Datasheet HTML 8Page - Vishay Siliconix TIP-3526PCS-8 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 37026
Revision 05-Dec-00
www.vishay.com
8
TIP-3526PCS-8
Vishay Dale
DIMENSIONS in inches [milimeters]
+
+
+
+
xxxxx
xxxxx
xxxxxxxx
xxxxxxxx
xxxxxxxxxxxxxxxxxxxxx
xxxxxxxxxxxxxxxxxxxxx
+
+ +
+
10.50 [266.70]
Ref.
10.118 [257.0]
5.059 [128.50]
Viewing Window
8.60 x 6.43
[218.44 x 163.32]
7.362
[186.99]
3.681
[93.50]
0.447 [11.35]
Typ.
9.484 [240.89]
3.66
[92.96]
7.312
[185.72]
8.00
[203.20]
Ref.
4.75 [120.65]
Recommended Panel Cutout 9.504 [241.40]
.143 [3.63]
Thru (2)
.169 [4.29]
Thru (2)


Similar Part No. - TIP-3526PCS-8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TIP-142 STMICROELECTRONICS-TIP-142 Datasheet
51Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Vishay Siliconix
TIP-4131SCE-1 VISHAY-TIP-4131SCE-1 Datasheet
93Kb / 7P
   12.1??Infrared Touch Panel
Revision 28-Jun-01
TIP-4735SEE VISHAY-TIP-4735SEE Datasheet
125Kb / 7P
   14” Infrared Touch Pane
Revision 20-Nov-03
TIP-4735SEE-1 VISHAY-TIP-4735SEE-1 Datasheet
135Kb / 7P
   14” Infrared Touch Panel
Revision 20-Nov-03
TIP-4735SEE-1 VISHAY-TIP-4735SEE-1_10 Datasheet
183Kb / 7P
   14" Infrared Touch Panel
Revision: 14-Jan-10
More results

Similar Description - TIP-3526PCS-8

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TIP VISHAY-TIP Datasheet
87Kb / 4P
   Infrared Touch Panels
Revision 05-Dec-00
TIP-4735SEE VISHAY-TIP-4735SEE Datasheet
125Kb / 7P
   14” Infrared Touch Pane
Revision 20-Nov-03
TIP-5038SDE-1 VISHAY-TIP-5038SDE-1_10 Datasheet
177Kb / 7P
   15" Infrared Touch Panel
Revision: 14-Jan-10
TIP-4735SEE-1 VISHAY-TIP-4735SEE-1_10 Datasheet
183Kb / 7P
   14" Infrared Touch Panel
Revision: 14-Jan-10
TIP-4735SEE-1 VISHAY-TIP-4735SEE-1 Datasheet
135Kb / 7P
   14” Infrared Touch Panel
Revision 20-Nov-03
TIP-5038SDE VISHAY-TIP-5038SDE Datasheet
115Kb / 7P
   15” Infrared Touch Panel
Revision 28-Jun-01
TIP-4131SCE-1 VISHAY-TIP-4131SCE-1 Datasheet
93Kb / 7P
   12.1??Infrared Touch Panel
Revision 28-Jun-01
TIP-5038SDE-1 VISHAY-TIP-5038SDE-1 Datasheet
89Kb / 7P
   15” Infrared Touch Panel
Revision 28-Jun-01
logo
STMicroelectronics
FTG2-SLP STMICROELECTRONICS-FTG2-SLP Datasheet
763Kb / 5P
   Capacitive Multi-Touch Screen Controller for Thin Flexible Panels and LTPO Panels
May 2022 Rev 1
logo
PHOENIX CONTACT
7313 PHOENIX-7313 Datasheet
355Kb / 17P
   Touch panels with STN/FSTN or TFT display
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com