Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

280879-11 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 280879-11
Description  12.1??Infrared Touch Panel
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

280879-11 Datasheet(HTML) 7 Page - Vishay Siliconix

  280879-11 Datasheet HTML 1Page - Vishay Siliconix 280879-11 Datasheet HTML 2Page - Vishay Siliconix 280879-11 Datasheet HTML 3Page - Vishay Siliconix 280879-11 Datasheet HTML 4Page - Vishay Siliconix 280879-11 Datasheet HTML 5Page - Vishay Siliconix 280879-11 Datasheet HTML 6Page - Vishay Siliconix 280879-11 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - 280879-11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
280879-11 VISHAY-280879-11 Datasheet
125Kb / 7P
   14” Infrared Touch Pane
Revision 20-Nov-03
280879-11 VISHAY-280879-11 Datasheet
135Kb / 7P
   14” Infrared Touch Panel
Revision 20-Nov-03
280879-11 VISHAY-280879-11 Datasheet
115Kb / 7P
   15” Infrared Touch Panel
Revision 28-Jun-01
280879-11 VISHAY-280879-11 Datasheet
89Kb / 7P
   15” Infrared Touch Panel
Revision 28-Jun-01
More results

Similar Description - 280879-11

ManufacturerPart #DatasheetDescription
logo
DFI Inc
TPC121 DFI-TPC121 Datasheet
2Mb / 4P
   12.1 Heavy Industrial Touch Panel PC
logo
Vishay Siliconix
TIP-5038SDE-1 VISHAY-TIP-5038SDE-1_10 Datasheet
177Kb / 7P
   15" Infrared Touch Panel
Revision: 14-Jan-10
TIP-4735SEE-1 VISHAY-TIP-4735SEE-1_10 Datasheet
183Kb / 7P
   14" Infrared Touch Panel
Revision: 14-Jan-10
TIP-4735SEE-1 VISHAY-TIP-4735SEE-1 Datasheet
135Kb / 7P
   14” Infrared Touch Panel
Revision 20-Nov-03
TIP-5038SDE VISHAY-TIP-5038SDE Datasheet
115Kb / 7P
   15” Infrared Touch Panel
Revision 28-Jun-01
TIP-5038SDE-1 VISHAY-TIP-5038SDE-1 Datasheet
89Kb / 7P
   15” Infrared Touch Panel
Revision 28-Jun-01
TIP VISHAY-TIP_V01 Datasheet
126Kb / 4P
   Infrared Touch Panel with Controller
01-Jan-2022
logo
Advantech Co., Ltd.
TPC-1261H ADVANTECH-TPC-1261H Datasheet
395Kb / 2P
   12.1 SVGA TFT LCD Geode??LX800 Touch Panel Computer
logo
List of Unclassifed Man...
TPC-1270H ETC2-TPC-1270H Datasheet
393Kb / 2P
   Intel짰 Pentium짰 M/Celeron짰 M Touch Panel Computer with 12.1
logo
AAEON Technology
AGD-312D AAEON-AGD-312D Datasheet
285Kb / 2P
   12.1" XGA Rugged Touch Display
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com