Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRV4 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PRV4
Description  Industrial Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PRV4 Datasheet(HTML) 1 Page - Vishay Siliconix

  PRV4 Datasheet HTML 1Page - Vishay Siliconix PRV4 Datasheet HTML 2Page - Vishay Siliconix PRV4 Datasheet HTML 3Page - Vishay Siliconix PRV4 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRV4
Vishay Sfernice
Industrial Potentiometer
Document Number: 50004
For technical questions, contact: sfer@vishay.com
See also: Application notes
www.vishay.com
Revision: 21-Sep-06
121
FEATURES
High power rating 2 Watt at 70 °C
• Full sealing
• Low contact resistance variation (1 % typical)
• Robust nickel plated brass shaft
• Use of faston 2.86 connections
• Cermet element
• Electrical performance in accordance with MIL-PRF-94
standards
DIMENSIONS in millimeters
RoHS
COMPLIANT
LENGTH L
1/2"
7/8"
2"
SHAFT CODE
GBS
GJS
GRS
PRV4F
Ø 19.6
(0.772)
8
(0.315)
20 max (0.787)
9.52
(0.375)
2.85
(0.112)
5.2
(0.205)
R
76°
12
(0.472)
L
76
°
0.5
3
2.85
b
R =
5.2
ac
cw
(2)
(3)
(1)
3
Ø 2
9.2
12.5
CIRCUIT DIAGRAM
PRV4 LPRP - WITH LOCATING PEG


Similar Part No. - PRV4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PRV4 VISHAY-PRV4 Datasheet
94Kb / 5P
   Industrial Potentiometer
01-Jan-2022
PRV4F0APD102KACV1M VISHAY-PRV4F0APD102KACV1M Datasheet
94Kb / 5P
   Industrial Potentiometer
01-Jan-2022
PRV4F0APD102KFCV1M VISHAY-PRV4F0APD102KFCV1M Datasheet
94Kb / 5P
   Industrial Potentiometer
01-Jan-2022
PRV4F0APD102KLCV1M VISHAY-PRV4F0APD102KLCV1M Datasheet
94Kb / 5P
   Industrial Potentiometer
01-Jan-2022
PRV4F0APD102MACV1M VISHAY-PRV4F0APD102MACV1M Datasheet
94Kb / 5P
   Industrial Potentiometer
01-Jan-2022
More results

Similar Description - PRV4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PRV4 VISHAY-PRV4_17 Datasheet
107Kb / 5P
   Industrial Potentiometer
Revision: 04-Jul-17
logo
List of Unclassifed Man...
7312S-1K-XXXX-C-SW1 ETC1-7312S-1K-XXXX-C-SW1 Datasheet
75Kb / 2P
   Industrial Potentiometer
logo
Vishay Siliconix
PRV4 VISHAY-PRV4_V01 Datasheet
94Kb / 5P
   Industrial Potentiometer
01-Jan-2022
UIPMA VISHAY-UIPMA_V01 Datasheet
265Kb / 7P
   Displacement Sensor, Ultraflat Industrial Potentiometer Membrane
01-Jan-2022
UIPMA VISHAY-UIPMA Datasheet
288Kb / 7P
   Displacement Sensor, Ultraflat Industrial Potentiometer Membrane
Revision: 22-Jan-18
logo
CTS Corporation
270T220R103B1A1 CTS-270T220R103B1A1 Datasheet
234Kb / 9P
   Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
logo
Bourns Electronic Solut...
3290H-1-103M BOURNS-3290H-1-103M Datasheet
130Kb / 1P
   Square Trimpot Trimming Potentiometer Multiturn/ Wirewound / Industrial / Sealed
logo
CTS Corporation
026T220R103B1A1 CTS-026T220R103B1A1 Datasheet
2Mb / 4P
   Industrial 24mm Diameter 5 Watt, Wirewound Rotary Potentiometer
450T220R103B1 CTS-450T220R103B1_16 Datasheet
269Kb / 9P
   Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
logo
Productwell Precision E...
PTHHPB PRODUCTWELL-PTHHPB Datasheet
86Kb / 1P
   POTENTIOMETER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com