Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MURB820-1TRLPBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MURB820-1TRLPBF
Description  Ultrafast Rectifier, 8 A FRED PtTM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MURB820-1TRLPBF Datasheet(HTML) 3 Page - Vishay Siliconix

  MURB820-1TRLPBF Datasheet HTML 1Page - Vishay Siliconix MURB820-1TRLPBF Datasheet HTML 2Page - Vishay Siliconix MURB820-1TRLPBF Datasheet HTML 3Page - Vishay Siliconix MURB820-1TRLPBF Datasheet HTML 4Page - Vishay Siliconix MURB820-1TRLPBF Datasheet HTML 5Page - Vishay Siliconix MURB820-1TRLPBF Datasheet HTML 6Page - Vishay Siliconix MURB820-1TRLPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 94081
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 05-Sep-08
3
MURB820PbF/MURB820-1PbF
Ultrafast Rectifier,
8 A FRED PtTM
Vishay High Power Products
Fig. 1 - Typical Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
1
10
T
J = 175 °C
T
J = 150 °C
T
J = 25 °C
0
1.8
0.4
0.8
VF - Forward Voltage Drop (V)
100
1.2
0.1
0.2
0.6
1.0
1.4
1.6
0.01
0.1
1
10
100
0
100
150
VR - Reverse Voltage (V)
T
J = 175 °C
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 25 °C
200
250
50
0.001
100
1000
1
10
100
1000
10
VR - Reverse Voltage (V)
T
J = 25 °C
0.01
0.1
10
0.00001
0.0001
0.001
0.01
0.1
1
t1 - Rectangular Pulse Duration (s)
.
.
P
DM
t
1
t
2
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC
1
Single pulse
(thermal resistance)
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01


Similar Part No. - MURB820-1TRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MURB820-1TRLPBF VISHAY-MURB820-1TRLPBF Datasheet
170Kb / 9P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 11-Mar-10
More results

Similar Description - MURB820-1TRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8ETU04 VISHAY-8ETU04 Datasheet
104Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 23-Jun-08
8ETU04PBF VISHAY-8ETU04PBF Datasheet
107Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 08-Apr-08
MURB820 VISHAY-MURB820 Datasheet
116Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 24-Jun-08
MUR820 VISHAY-MUR820 Datasheet
108Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 24-Jun-08
MUR820PBF VISHAY-MUR820PBF Datasheet
107Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 09-Apr-08
8ETU04S VISHAY-8ETU04S Datasheet
123Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 08-Sep-08
8ETU04SPBF VISHAY-8ETU04SPBF Datasheet
125Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 21-May-08
16CTU04PBF VISHAY-16CTU04PBF_08 Datasheet
119Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED PtTM
Revision: 21-Jul-08
16CTU04S VISHAY-16CTU04S_08 Datasheet
125Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED PtTM
Revision: 08-Sep-08
MUR1620CTPBF VISHAY-MUR1620CTPBF Datasheet
112Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED PtTM
Revision: 21-Jul-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com