Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MURB1520-1TRRPBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MURB1520-1TRRPBF
Description  Ultrafast Rectifier, 15 A FRED PtTM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MURB1520-1TRRPBF Datasheet(HTML) 5 Page - Vishay Siliconix

  MURB1520-1TRRPBF Datasheet HTML 1Page - Vishay Siliconix MURB1520-1TRRPBF Datasheet HTML 2Page - Vishay Siliconix MURB1520-1TRRPBF Datasheet HTML 3Page - Vishay Siliconix MURB1520-1TRRPBF Datasheet HTML 4Page - Vishay Siliconix MURB1520-1TRRPBF Datasheet HTML 5Page - Vishay Siliconix MURB1520-1TRRPBF Datasheet HTML 6Page - Vishay Siliconix MURB1520-1TRRPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 94082
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 05-Sep-08
5
MURB1520PbF/MURB1520-1PbF
Ultrafast Rectifier,
15 A FRED PtTM
Vishay High Power Products
Fig. 9 - Reverse Recovery Parameter Test Circuit
Fig. 10 - Reverse Recovery Waveform and Definitions
IRFP250
D.U.T.
L = 70 µH
V
R = 200 V
0.01
Ω
G
D
S
dI
F/dt
adjust
Q
rr
0.5 I
RRM
dI
(rec)M/dt
0.75 I
RRM
I
RRM
t
rr
t
b
t
a
I
F
dI
F/dt
0
(1)
(2)
(3)
(4)
(5)
(1) dI
F/dt - rate of change of current
through zero crossing
(2) I
RRM - peak reverse recovery current
(3) t
rr - reverse recovery time measured
from zero crossing point of negative
going I
F to point where a line passing
through 0.75 I
RRM and 0.50 IRRM
extrapolated to zero current.
(4) Q
rr - area under curve defined by trr
and I
RRM
t
rr x IRRM
2
Q
rr =
(5) dI
(rec)M/dt - peak rate of change of
current during t
b portion of trr


Similar Part No. - MURB1520-1TRRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MURB1520-1TRRPBF IRF-MURB1520-1TRRPBF Datasheet
216Kb / 10P
   Ultrafast Rectifier ( trr = 35ns , IF(AV) = 15Amp , VR = 200V )
logo
Vishay Siliconix
MURB1520-1TRRPBF VISHAY-MURB1520-1TRRPBF Datasheet
170Kb / 9P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 11-Mar-10
More results

Similar Description - MURB1520-1TRRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15ETH03PBF VISHAY-15ETH03PBF Datasheet
117Kb / 7P
   Ultrafast Rectifier, 15 A FRED PtTM
Revision: 03-Apr-08
MUR1520 VISHAY-MUR1520 Datasheet
108Kb / 7P
   Ultrafast Rectifier, 15 A FRED PtTM
Revision: 24-Jun-08
MURB1520 VISHAY-MURB1520 Datasheet
115Kb / 7P
   Ultrafast Rectifier, 15 A FRED PtTM
Revision: 24-Jun-08
MUR1520PBF VISHAY-MUR1520PBF Datasheet
106Kb / 7P
   Ultrafast Rectifier, 15 A FRED PtTM
Revision: 09-Apr-08
30CPU04 VISHAY-30CPU04 Datasheet
120Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 28-Jul-08
30CPU04PBF VISHAY-30CPU04PBF Datasheet
122Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 21-Jul-08
30CPH03 VISHAY-30CPH03 Datasheet
114Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 28-Jul-08
30CPH03PBF VISHAY-30CPH03PBF Datasheet
113Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 21-Jul-08
MUR3020WTPBF VISHAY-MUR3020WTPBF Datasheet
112Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 21-Jul-08
MUR3020WT VISHAY-MUR3020WT Datasheet
108Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 28-Jul-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com