Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MURD620CTTRRPBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MURD620CTTRRPBF
Description  Ultrafast Rectifier, 2 x 3 A FRED PtTM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MURD620CTTRRPBF Datasheet(HTML) 6 Page - Vishay Siliconix

  MURD620CTTRRPBF Datasheet HTML 1Page - Vishay Siliconix MURD620CTTRRPBF Datasheet HTML 2Page - Vishay Siliconix MURD620CTTRRPBF Datasheet HTML 3Page - Vishay Siliconix MURD620CTTRRPBF Datasheet HTML 4Page - Vishay Siliconix MURD620CTTRRPBF Datasheet HTML 5Page - Vishay Siliconix MURD620CTTRRPBF Datasheet HTML 6Page - Vishay Siliconix MURD620CTTRRPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94084
6
Revision: 21-Jul-08
MURD620CTPbF
Vishay High Power Products
Ultrafast Rectifier,
2 x 3 A FRED PtTM
ORDERING INFORMATION TABLE
1
-
Ultrafast MUR series
2
-
D = D-PAK
3
-
Current rating (6 = 6 A)
4
-
Voltage rating (20 = 200 V)
5
-
CT = Center tap (dual)
6
-
Tape and reel suffix
7
-
None = Standard production
PbF = Lead (Pb)-free
TR = Tape and reel
TRL = Tape and reel (left oriented)
TRR = Tape and reel (right oriented)
Device code
5
13
24
67
MUR
D
6
20
CT
TRL PbF
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95016
Part marking information
http://www.vishay.com/doc?95059
Packaging information
http://www.vishay.com/doc?95033


Similar Part No. - MURD620CTTRRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MURD620CTTRRPBF VISHAY-MURD620CTTRRPBF Datasheet
143Kb / 8P
   Ultrafast Rectifier, 2 x 3 A FRED Pt
Revision: 13-Jan-11
More results

Similar Description - MURD620CTTRRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6CWH02FNPBF VISHAY-6CWH02FNPBF Datasheet
117Kb / 7P
   Ultrafast Rectifier, 2 x 3 A FRED PtTM
Revision: 21-Jul-08
30CPU04 VISHAY-30CPU04 Datasheet
120Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 28-Jul-08
MURB2020CTPBF VISHAY-MURB2020CTPBF Datasheet
121Kb / 7P
   Ultrafast Rectifier, 2 x 10 A FRED PtTM
Revision: 05-Sep-08
70CRU04PBF VISHAY-70CRU04PBF Datasheet
122Kb / 6P
   Ultrafast Rectifier, 2 x 35 A FRED PtTM
Revision: 21-Jul-08
16CTU04PBF VISHAY-16CTU04PBF_08 Datasheet
119Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED PtTM
Revision: 21-Jul-08
30CPU04PBF VISHAY-30CPU04PBF Datasheet
122Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 21-Jul-08
30CPH03 VISHAY-30CPH03 Datasheet
114Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 28-Jul-08
30CPH03PBF VISHAY-30CPH03PBF Datasheet
113Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 21-Jul-08
MUR1020CTPBF VISHAY-MUR1020CTPBF Datasheet
116Kb / 7P
   Ultrafast Rectifier, 2 x 5 A FRED PtTM
Revision: 21-Jul-08
16CTU04S VISHAY-16CTU04S_08 Datasheet
125Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED PtTM
Revision: 08-Sep-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com