Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBL4030PT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SBL4030PT
Description  Dual Common-Cathode Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SBL4030PT Datasheet(HTML) 3 Page - Vishay Siliconix

  SBL4030PT Datasheet HTML 1Page - Vishay Siliconix SBL4030PT Datasheet HTML 2Page - Vishay Siliconix SBL4030PT Datasheet HTML 3Page - Vishay Siliconix SBL4030PT Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SBL4030PT & SBL4040PT
Vishay General Semiconductor
Document Number: 88733
Revision: 25-Mar-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 3. Typical Instantaneous Forward Characteristics Per Diode
Figure 4. Typical Reverse Characteristics Per Diode
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
0.01
0.1
1
10
100
Instantaneous Forward Voltage (V)
T
J = 100 °C
T
J = 25 °C
0
20
40
60
80
100
0.001
0.01
0.1
1
10
100
T
J = 100 °C
T
J = 25 °C
Percent of Rated Peak Reverse Voltage (%)
Figure 5. Typical Junction Capacitance Per Diode
Figure 6. Typical Transient Thermal Impedance Per Diode
0.1
1
10
100
100
1000
10 000
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
0.01
0.1
1
10
100
0.1
1
10
100
t - Pulse Duration (s)
PIN 1
PIN 3
CASE
PIN 2
TO-247AD (TO-3P)
0.245 (6.2)
0.225 (5.7)
0.645 (16.4)
0.625 (15.9)
0.323 (8.2)
0.313 (7.9)
0.142 (3.6)
0.138 (3.5)
0.170
(4.3)
0.086 (2.18)
0.076 (1.93)
0.160 (4.1)
0.140 (3.5)
0.225 (5.7)
0.205 (5.2)
0.127 (3.22)
0.117 (2.97)
0.048 (1.22)
0.044 (1.12)
0.795 (20.2)
0.775 (19.6)
0.840 (21.3)
0.820 (20.8)
1
2
3
0.078 (1.98) REF.
0.203 (5.16)
0.193 (4.90)
10° TYP.
Both Sides
30°
10
1° REF.
Both Sides
0.030 (0.76)
0.020 (0.51)
0.118 (3.0)
0.108 (2.7)


Similar Part No. - SBL4030PT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL4030PT DIODES-SBL4030PT Datasheet
54Kb / 2P
   40A SCHOTTKY BARRIER RECTIFIER
DS30236 Rev. A-2
logo
General Semiconductor
SBL4030PT GE-SBL4030PT Datasheet
77Kb / 2P
   SCHOTTKY RECTIFIER
logo
Diodes Incorporated
SBL4030PT DIODES-SBL4030PT Datasheet
71Kb / 3P
   40A SCHOTTKY BARRIER RECTIFIER
DS30236 Rev. 3 - 2
logo
Sirectifier Semiconduct...
SBL4030PT SIRECTIFIER-SBL4030PT Datasheet
128Kb / 2P
   Low VF Schottky Barrier Rectifiers
logo
Sirectifier Global Corp...
SBL4030PT SIRECT-SBL4030PT Datasheet
164Kb / 2P
   Power Schottky Rectifier - 40Amp 30Volt
More results

Similar Description - SBL4030PT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 21-Nov-12
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB16200PI KODENSHI-SDB16200PI Datasheet
283Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SBL2030PT VISHAY-SBL2030PT_10 Datasheet
84Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 06-Aug-10
logo
KODENSHI_AUK CORP.
SDB10D150D2 KODENSHI-SDB10D150D2 Datasheet
211Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB3060PI KODENSHI-SDB3060PI Datasheet
284Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com